Part Number Hot Search : 
EVD9F200 UM944106 IQ724 DSB02A40 SPF0021 LTC5575 1N472 PC806
Product Description
Full Text Search
 

To Download BU9829GUL-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/4
STRUCTURE PRODUCT
Silicon Monolithic Integrated Circuit CMOS 16kbit serial EEPROM built-in LDO REGULATOR
PART NUMBER
BU9829GUL-W
PACKAGE VCSP50L1
PART NUMBER BU9829GUL-W
FEATURES
EEPROM PART 2,048 words x8 bits architecture serial EEPROM Wide operating voltage range (1.6V3.6V) Serial Peripheral Interface Self-timed write cycle with automatic erase Low Power consumption Write (3.6V) : 1.5mA (Typ.) Read (3.6V) : 0.5mA (Typ.) Standby (3.6V) : 0.1A (Typ.) Auto-increment of registers address for Read mode 32 byte Page Write mode DATA security Defaults to power up with write-disabled state Software instructions for wirte-enable/disable Block writes protection by status register Write inhibit at low Vcc Data retention : 10 years Endurance : 100,000 erase/write cycles Initial data FFh in all address and 00h in status register LDO REGULATOR PART Low power consumption Standby (3.6V) : 0.1A (Typ.) Operation (3.6V) : 0.1mA (Typ.) Power on/off by enable pin Setting output voltage by EEPROM coommand (VSET WRITE)
ABSOLUTE MAXIMUM RATING (Ta=25)
Symbol Vcc1(EEPROM) Supply Voltage Vcc2 (LDO) Power Dissipation Storage Temperature Tstg Topr Operating Temperature Terminal Voltage * Degradation is done at 2.2mW/(*) Parameter Rating -0.34.5 220 (*) -65125 -3085 -0.3Vcc+0.3 Unit V mW V
EEPROM RECOMMENDED OPERATING CONDITION
Parameter Supply Voltage Input Voltage Symbol Vcc1 VIN Rating 1.63.6 0Vcc1 Unit V V
LDO REGURATOR RECOMMENDED OPERATING CONDITION
Parameter Supply Voltage Input Voltage Symbol Vcc2 VIN Rating 2.93.6 0Vcc2 Unit V V
REV. A
2/4
MEMORY CELL CHARACTERISTICS(Ta=25, Vcc1=1.63.6V)
Parameter Write/Erase Cycle Data Retention *1 *1 Specification Min. 100,000 10 Typ. Max. Unit Cycle Year
EEPROM DC OPERATING CHARACTERISTICS (Unless otherwise specified Ta=-3085, Vcc1=1.63.6V)
Parameter "H" Input Voltage1 "H" Input Voltage2 "L" Input Voltage1 "L" Input Voltage2 "L" Output Voltage1 "L" Output Voltage2 "H" Output Voltage1 "H" Output Voltage2
Input Leakage Current
Output Leakage Current
EEPROM AC OPERATING CHARACTERISTICS (Ta=-3085)
Parameter SCK clock Frequency SCK High Time SCK Low Time CSB High Time CSB Setup Time CSB Hold Time SCK Setup Time SCK Hold Time SI Setup Time SI Hold Time Output Data Delay Time Output Hold Time Output Disable Time SCK Rise Time SCK Fall Time Output Rise Time Output Fall Time Write Cycle Time Wait Time From Vcc1 on To EEPROM Command *1 *1 *1 *1 *1 Symbol fSCK tSCKWH tSCKWL tCS tCSS tCSH tSCKS tSCKH tDIS tDIH tPD tOH tOZ tRC tFC tRO tFO tE/W tON 1.6VVcc1<1.8V Min. 200 200 200 150 150 50 50 50 50 0 15 Typ. Max. 2.5 100 200 1 1 50 50 5 1.8VVcc13.6V Min. 80 80 90 60 60 50 50 20 20 0 15 Typ. Max. 5 80 80 1 1 50 50 5 Unit MHz ns ns ns ns ns ns ns ns ns ns ns ns s s ns ns ms ms
Symbol
Specification Min. Typ. Max.
Unit V V V V V V V V
test condition 2.5VVcc13.6V 1.6VVcc1<2.5V 2.5VVcc13.6V 1.6VVcc1<2.5V IOL=1.0mA, 2.5VVcc13.6V IOL=1.0mA, 1.6VVcc1<2.5V IOH=-0.4mA, 2.5VVcc13.6V IOH=-100A, 1.6VVcc1<2.5V
VIH1 0.7xVcc1 Vcc1+0.3 VIH2 VIL1 VIL2 VOL1 VOL2
0.75xVcc1
Vcc1+0.3 0.3xVcc1
0.25xVcc1
-0.3 -0.3 0 0
0.2 0.2 Vcc1 Vcc1 1 1 1.5
VOH1 Vcc1-0.2 VOH2 Vcc1-0.2 ILI ILO ICC1 -1 -1 -
A VIN=0VVcc1 A VOUT=0VVcc1 , CSB=Vcc1 Vcc1=1.8V, fSCK=2MHz, tE/W=5ms mA
Operating current Write ICC2 2.0 mA
Byte WritePage Write, Write Status Register Vcc1=2.5V , fSCK=5MHz , tE/W=5ms Byte WritePage Write, Write Status Register Vcc1=1.8V , fSCK=2MHz, SO=OPEN
ICC3 Operating Current Read ICC4 Standby Current ISB
0.2
mA ReadRead Status Register Vcc1=2.5V , fSCK=5MHz, SO=OPEN
-

0.6 1.0
mA ReadRead Status Register A Vcc1=3.6V, CSB=SCK=SI=Vcc1/GND,SO=OPEN
*1Not 100% TESTED LDO REGULATOR DC OPERATING CHARACTERISTICS (Unless otherwise specified Ta=-3085, Vcc2=2.93.6V)
Parameter Output Voltage1-1 Output Voltage1-2 Output Voltage2-1 Output Voltage2-2 Output Voltage3-1 Output Voltage3-2 Output Voltage4-1 Output Voltage4-2 Operating Current Standby Current "H"Input Voltage "L"Input Voltage Symbol
VOUT1-1 VOUT1-2 VOUT2-1 VOUT2-2 VOUT3-1 VOUT3-2 VOUT4-1 VOUT4-2
LDO REGULATOR AC OPERATING CHARACTERISTICS
(Ta=-3085)
Parameter Vcc1 Rise Time LDOEN Wait Time Symbol tVcc1 tLDOEN 2.9VVcc3.6V Min. 15 Typ. Max. 5 Unit Test condition
Specification Min. 2.9 2.9 2.8 2.8 2.7 2.7 2.6 2.6 1.4
-0.3Vcc2
Typ. 3.0 3.0 2.9 2.9 2.8 2.8 2.7 2.7 -
Max. 3.2 3.1 3.1 3.0 3.0 2.9 2.9 2.8 200 1.0
Vcc2+0.3
Unit
Test condition
V 3.2VVcc23.6V, IOUT=0,2mA, VSET=1,0=[1:1] V 3.2VVcc23.6V, IOUT=2,10mA, VSET=1,0=[1:1] V 3.1VVcc23.6V, IOUT=0,2mA, VSET=1,0=[1:0] V 3.1VVcc23.6V, IOUT=2,10mA, VSET=1,0=[1:0] V 3.0VVcc23.6V, IOUT=0,2mA, VSET=1,0=[0:1] V 3.0VVcc23.6V, IOUT=2,10mA, VSET=1,0=[0:1] V 2.9VVcc23.6V, IOUT=0,2mA, VSET=1,0=[0:0] V 2.9VVcc23.6V, IOUT=2,10mA, VSET=1,0=[0:0] A Vcc2=3.6V, IOUT=0A A Vcc2=3.6V, IOUT=0A, LDOEN=GND V V 2.9VVcc23.6V 2.9VVcc23.6V
msec Vcc1x0%Vcc1x95%point msec Vcc1x0%pointLDOEN=High
BLOCKDIAGRAM
INSTRUCTION DECODE CONTROL CLOCK VOLTAGE DETECTION WRITE INHIBITION HIGH VOLTAGE GENERATOR
Icc ISB VIH VIL
CSB SCK
0.6
This product is not designed for protection against radioactive rays.
PIN No. / PIN NAME PIN No. PIN NAME A1 Vcc1 A2 CSB A3 SCK B1 Vcc2 B2 SI B3 SO C1 VOUT C2 GND LDOEN C3
SI
INSTRUCTION REGISTER
ADDRESS REGISTER DATA SO VOUT
REGIST
AMP +
8bit 11bit
ADDRESS DECODER R/W AMP
11bit
16,384 bit
EEPROM
8bit
B.R
LDOEN
2bit
RESISTOR
VOUT SETTING REGISTER
Fig.1BLOCKDIAGRAM
REV. A
3/4
Input Power Supply Regulation Timing Using EEPROM PART In case of using EEPROM part, be sure to raise Vcc1 up to operating voltage. In this time, Vcc2 has no connection with operating.
Vcc1 Vcc1 EEPROM EEPROM Power Supply
Vcc2 Vcc2 LDO LDO regulator Not Power Supply Operating
EEPROM
Operating
Not
Operating
EEPROM
Operating
Not Operating
Fig.4Using EEPROM Part, Regulation Timing Using LDO REGULATOR PART In case of using LDO regulator part, be sure to raise Vcc1 and Vcc2 up to operating voltage. After rising Vcc1, wait 15msec and rising LDOEN. When LDOEN is raised, Vcc1 must be operating voltage.
tVcc1:MAX5msec tVcc1:MAX5msec Vcc1 EEPROM Power Supply
Vcc2 LDO regulator Power Supply LDOEN
tLDOEN:MIN15msec tLDOEN:MIN15msec
Not Operating
Operating
Not operating
Operating
Not Operating
Fig.5Using LDO REGULATOR Part, Regulation Timing I/O APPLICATION CIRCUIT Pull up resistor is indispensable condition. When CSB is "H" during power ON/OFF, error operating and writing is protected. PULL UP RESISTOR OF CSB PIN The pull up resistor is needed in order to prevent error operating and writing from happening. Decide the value of this resistor (Rup) properly, considering VOH, IOH characteristics of controller.
COM VOLM IOLM EEPROM VILE
"L" OUTPUT
"L" INPUT
Fig.3PULL UP RESISTOR OF CSB PIN VILE:VIL specification of EEPROM VOLM:VOL specification of CONTROLLER IOLM:IOL specification of CONTROLLER
VCCVOLM IOLM VILE VOLM Example) When Vcc=5V, VILE=1.5V, VOLM0.4V, IOLM=2mA, according to , 50.4 Rpu 2x10-3 Rpu 2.5[k] Rpu If the Rpu is under the conditions of the equation , VOLM is 0.4V or more. If the Rpu is under the conditions of the equation , VILE(=1.5V) is VOLM or less.
CAUTIONS ON USE (1) Absolute maximum ratings If the absolute maximum ratings such as impressed voltage and operating temperature range and so forth are exceeded, LSI may be destructed. Do not impress voltage and temperature exceeding the absolute maximum ratings. In the case of fear exceeding the absolute maximum ratings, take physical safety countermeasures such as fuses, and see to it that conditions exceeding the absolute maximum ratings should not be impressed to LSI. (2) GND electric potential Set the voltage of GND terminal lowest at any action condition. Make sure that each terminal voltages is lower than that of GND terminal. (3) Heat design In consideration of permissible dissipation in actual use condition, carry out heat design with sufficient margin. (4) Terminal to terminal shortcircuit and wrong packaging When to package LSI onto a board, pay sufficient attention to LSI direction and displacement. Wrong packaging may destruct LSI. And in the case of shortcircuit between LSI terminals and terminals and power source, terminal and GND owing to foreign matter, LSI may be destructed. (5) Strong electromagnetic field Use in a strong electromagnetic field may cause malfunction, therefore, evaluated design sufficiently.
REV. A
4/4
PHYSICAL DIMENSION
9829
Lot.No
Fig.4 PHYSICAL DIMENSION VCSP50L1 (BU9829GUL-W)
REV. A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of BU9829GUL-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X