Part Number Hot Search : 
PA607UA LTC221CS SPM1423 74LV1G H10425 E182G 5KE440A U200018
Product Description
Full Text Search
 

To Download BR610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR6 SERIES
SILICON BRIDGE RECTIFIERS REVERSE VOLTAGE FORWARD CURRENT BR6
.276(7.0) .236(6.0)
- 50 to 1000Volts - 6.0 Amperes
FEATURES
Surge overload rating -175 amperes peak Low forward voltage drop Small size; simple installation Sliver plated copper leads Mounting position: Any
.042(1.07) DIA. .038(0.97)
.750 (19.0) MIN
.620(15.7) .580(14.7)
HOLE FOR NO.6 SCREW
.445(11.3) .405(10.3)
.620(15.7) .580(14.7)
.445(11.3) .405(10.3)
Polarity shown on side of case, Positive lead by beveled corner.
Dimensions in inches and (milimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20%
CHARACTERISTICS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum Average Forward Rectified Output Current at Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load Maximum Forward Voltage Drop Per Bridge Element at 3.0A Peak Maximum Reverse Current at Rated TA=25 DC Blocking Voltage Per Element Operating Temperature Range Storage Temperature Range Notes:1.Unit mounted on metal chassis 2. Unit mounted on P.C. board TA=100 Tc=100 (Note1) TA=50 (Note2)
SYMBOL BR6005 VRRM VRMS I(AV) 50 35
BR601 100 70
BR602 200 140
BR604 400 280 6.0 3.0 175
BR606 600 420
BR608 800 560
BR610 1000 700
UNIT V V A
IFSM
A
VF IR TJ TSTG
1.0 10.0 1.0 -55 to +125 -55 to +125
V A mA
~
~
RATING AND CHARACTERTIC CURVES BR6 SERIES
FIG.2-TYPICAL REVERSE CHARACTERISTICS FIG.1-DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRNT AMPERES 10 INSTANTANEOUS REVERSE CUNRRENT, MICROAMPERES 10
8 6 4 2
TJ=25C
1.0
0.1
0
0
50
100
150
0.01
0
20
40
60
80
100
120
140
TEMPERATURE,C
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.3-MAXIMUM FORWARD SUNRGE CURRENT 175 PEAK FORWARD SURGE CURRENT AMPERES
FIG.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 100
INSTANTANEOUS REVERSE CUNRRENT, AMPERES
10
TJ=25C
1.0
0 1 10 NUMBER OF CYCLETS AT 60Hz 100
TJ=25C
0.1
0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
~
~


▲Up To Search▲   

 
Price & Availability of BR610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X