Part Number Hot Search : 
0A120 1C102 MA46504 MA2C167 SP334ET 154741 5663B MAX3229
Product Description
Full Text Search
 

To Download BDY81 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BDY81
DESCRIPTION *Continuous Collector Current-IC= 4A *Collector Power Dissipation: PC= 36W @TC= 25 *Complement to Type BDY83
APPLICATIONS *Designed for general purpose switching and amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEX VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage
VALUE 60
UNIT V
Collector-Emitter Voltage VBE= -1.5V Collector-Emitter Voltage Emitter-Base Voltage
Collector Current-Continuous Base Current-Continuous Collector Power Dissipation@TC=25 Junction Temperature Storage Temperature
w w
scs .i w
60 50 10 4 2 36 150 -55~175
.cn mi e
V V V A A
PC TJ Tstg
W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 3.5 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)CBO V(BR)EBO VCE(sat) VBE(on) ICEO ICBO IEBO hFE-1 hFE-2 fT PARAMETER Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter On Voltage Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current DC Current Gain DC Current Gain CONDITIONS IC= 100mA; IB= 0 IC= 10mA; IE= 0 IE= 10mA; IC= 0 IC= 3A; IB= 0.3A
B
BDY81
MIN 50 60 10
TYP.
MAX
UNIT V V V
1.5 0.9 10 0.2 0.1 240
V V mA mA mA
IC= 0.5A; VCE= 5V VCE= 20V; IB= 0
B
Current Gain-Bandwidth Product
w
C
ww
scs .i
VEB= 5V; IC= 0
VCB= 20V; IE= 0
IC= 0.5A; VCE= 5V
.cn mi e
40 10 1
IC= 2.5A; VCE= 5V
IC= 0.5A; VCE= 10V
MHz
hFE-1 Classifications A 40-80 B 70-140
120-240
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of BDY81

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X