Part Number Hot Search : 
T2520 09081 SB857 GBJ2001 LTA320 LB1833M 3020S SM7012
Product Description
Full Text Search
 

To Download BD441 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BD439 BD441
DESCRIPTION *With TO-126 package *Complement to type BD440,BD442 APPLICATIONS *For medium power linear and switching applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER BD439 VCBO Collector-base voltage BD441 BD439 VCEO Collector-emitter voltage BD441 VEBO IC ICM IB PC Tj Tstg Emitter -base voltage Collector current (DC) Collector current-Peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base 80 5 4 7 1 36 150 -65~150 V A A A W Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter on voltage Base-emitter on voltage Collector-emitter sustaining voltage BD439 IC=0.1A; IB=0 BD441 BD439 ICBO Collector cut-off current BD441 BD439 ICES Collector cut-off current BD441 IEBO Emitter cut-off current BD439 hFE-1 DC current gain BD441 hFE-2 DC current gain BD439 hFE-3 DC current gain BD441 fT Transition frequency IC=250mA; VCE=1V IC=2A ; VCE=1V IC=0.5A ; VCE=1V IC=10mA ; VCE=5V VCE=80V; VBE=0 VEB=5V; IC=0 VCB=80V; IE=0 VCE=60V; VBE=0 VCB=60V; IE=0 CONDITIONS IC=2A; IB=0.2A IC=10mA ; VCE=5V IC=2A ; VCE=1V SYMBOL VCEsat VBE-1 VBE-2
BD439 BD441
MIN
TYP.
MAX 0.8
UNIT V V
0.58 1.5 60
V
VCEO(SUS)
V 80
100
A
100
A
1 20 130 15 40 25 15 3 140
mA
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BD439 BD441
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BD441

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X