Part Number Hot Search : 
P3415PBF 0512E TFS70AG 170M5191 MV8713 C3528 TB2921HQ 4VHC59
Product Description
Full Text Search
 

To Download BAT43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT43
SILICON PLANAR SCHOTTKY DIODES
FEATURES
* Fast Switching Device(TRR<4.0nS) * DO-35 Package (JEDEC) * Through-Hole Device Type Mounting * Hermetically Sealed Glass * Compression Bonded Construction * All external surfaces are corrosion resistant and leads are readily solderable
.022 (0.56) DIA. .018 (0.46) 1.02 (26.0) MIN.
DO-35
.165 (4.2) MAX. .079 (2.0) MAX. 1.02 (26.0) MIN. DIA.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Dimensions in inches and (millimeters) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Maximum Forward Comtinuous Reverse Voltage Maximum Forward Comtinuous Current @ T A =25 OC Maximum Peak Forward Current @tp<1s,d<0.5 Surge Forward Current @ tp<10ms Maximum Power Dissipation @ T A =65 OC Junction Temperature Storage Temperature Range SYMBOL VR IF IFRM IFSM PD TJ TSTG BAT43 30 200 500 4 200 125 -65 to + 150 UNITS V mAmps mAmps Amps mW
O
o
C C
O
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Reverse breakdown voltage (IR=100mA) Reverse voltage leakage current (VR=25V,TJ=25 C)
O
SYMBOL V(BR)R IR
MIN. 30 -
TYP. 0.26
MAX. 0.5 100 0.33 0.45 1.0 5
UNITS V mA
(VR=25V,TJ=100OC) (IF=2mA) Forward voltage Pulse Tesx tp<300ms,d<2% (IF=15mA) (IF=200mA) Diode capacitance (VR=1,f=1MHz) Reveres recovery time (IF=IR=10mA,IRR=1mA,RL=100W)
VF
-
-
V
CD
-
7.0 -
pF nS 2006-3
trr
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit.
Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.
RECTRON


▲Up To Search▲   

 
Price & Availability of BAT43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X