Part Number Hot Search : 
BAT160S STRLP FL6000 STD1703L IS42S ADT45 HER206G 1N5307UR
Product Description
Full Text Search
 

To Download BAT43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT42,BAT43
SEMICONDUCTOR
SMALL SIGNAL SCHOTTKY DIODES DO-35
SMALL SIGNAL CHOTTKY DIODES
WWW.JIFUSEMICON.COM
FEATURES
For general purpose applications These diodes features very low turn-on voltage and fast switching. These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges. These diodes are also available in the Mini-MELF case with type designation LL42 to LL43and in the SOD-123 case with the type designation BAT42W to BAT43W,in the Micro-MELF case with type designation MCL42 to MCL43
MECHANICAL DATA
Case: DO-35 glass case Polarity:color band denotes cathode end Weight: Approx. 0.13 gram Dimensions in inches and (millimeters)
ABSOLUTE RATINGS(LIMITING VALUES)
Symbols Repetitive Peak Reverse Voltage Forward Continuous Current at TA=25 C Repetitive Peak Forward Current at tp Surge forward current at tp
1)
Value 30 200 500 4 200 125 -65 to+125 -65 to+150
1) 1) 1) 1)
Units V mA mA A mW
C C C
1s, d
0.5,
TA=25 C
10mS , TA=25 C
Power Dissipation at TA=65 C Junction temperature
Ambient Operating temperature Range Storage Temperature Range
VRRM IF IFRM IFSM Ptot TJ TA TSTG
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
ELECTRICAL CHARACTERISTICS
Symbols Reverse breakdown voltage Tested with 100mA Pulses Forward voltage Pulse Test tp at IF=200mA, atIF=10mA, atIF=50mA, at IF=2mA , atIF=15mA, 300ms,d 2% Min. 30 1 0.4 0.65 0.33 0.45 0.5 100 7 5 300 1) Typ. Max. Unis V V V V V V mA mA pF ns % K/W
V(BR)R VF VF VF VF VF IR IR Ctot trr
BAT42 BAT42 BAT43 BAT43
2% at VR=25V,
0.26
Leakage current pulse test tp 300ms ,d TJ=25 C; at VR=25V, TJ=100 C
Junction Capacitance at VR=25V ,f=1MHz Reverse Recovery time Form IF=10mA,through IR=1mA RL=100W Detection efficiency at RL=15KW CL=300pF,f=45MHz, VR=2V 80 Thermal resistance junction to ambient air RqJA 1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature(DO-35)
2-19
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096
RATINGS AND CHARACTERISTIC CURVES BAT42/BAT43
Figure 1. Forward current versus forward voltage at different temperatures(typical values)
IF(mA)
Figure 2. Forward current versus forward voltage (typical values)
IF(A)
Tj= 25 C
Tamb=125 C Tamb= 25 C Tamb= -55 C
Figure 3.Reverse current versus ambient temperature(typical values)
IR(mA) 90% confidence VR=25V
max. typ.
Tj=( C)
2-20
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SMALL SIGNAL CHOTTKY DIODES
RATINGS AND CHARACTERISTIC CURVES BAT42/BAT43
Figure 4.Reverse current versus continuous Reverse voltage(typical values)
IR(mA)
VR(V)
Figure 5.Capacitance C versus reverse applied voltage VR (typical values)
C(pF)
Tamb= 25 C
2-21
JINAN JINGHENG CO., LTD. NO.51 HEPING ROAD PR CHINA TEL:86-531-6943657 FAX:86-531-6947096 WWW.JIFUSEMICON.COM
SMALL SIGNAL CHOTTKY DIODES


▲Up To Search▲   

 
Price & Availability of BAT43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X