Part Number Hot Search : 
2SB1588 74HC406 APTM1 RA226M06 DM310 T3010 MT91610 LC4000V
Product Description
Full Text Search
 

To Download BAT43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT42 - BAT43
FEATURES :
* For general purpose applications. * These diodes feature very low turn-on voltage and fast switching. These devices are protected by a PN junction guard ring against excessive voltage, such as electro-static discharges * These diodes are also available in the MiniMELF case with the type designations LL42 to LL43. * Pb / RoHS Free
SCHOTTKY BARRIER DIODES
DO - 35 Glass (DO-204AH)
0.079(2.0 )max.
1.00 (25.4) min.
Cathode Mark
0.150 (3.8) max.
MECHANICAL DATA :
Case: DO-35 Glass Case Weight: approx. 0.13g
0.020 (0.52)max.
1.00 (25.4) min.
Dimensions in inches and ( millimeters )
Maximum Ratings and Thermal Characteristics (Rating at 25 C ambient temperature unless otherwise specified.)
Parameter
Repetitive Peak Reverse Voltage Continuous Forward Current Repetitive Peak Forward Current at tp < 1s, Forward Surge Current at tp < 10 ms, Power Dissipation ,Ta = 65 C Thermal Resistance Junction to Ambient Air Junction Temperature Ambient Operating Temperature Range Storage temperature range
Symbol
VRRM IF IFRM IFSM PD RJA TJ Ta TS
Value
30 200 500 4 200
(1) (1)
Unit
V mA mA A mW C/W C C C
(1) (1) (1)
300 125
-65 to + 125 -65 to + 150
Note: (1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature.
Electrical Characteristics
Parameter
Reverse Breakdown Voltage Reverse Current Pulse Test tp <300s , <2% Forward Voltage Pulse Test tp <300s , <2%
(TJ = 25C unless otherwise noted)
Symbol
V(BR)R IR BAT42 , 43 BAT42 BAT42 BAT43 BAT43
Test Condition
IR = 100 A (pulsed) VR = 25 V VR = 25 V , TJ = 100C IF = 200mA IF = 10mA IF = 50mA IF = 2mA IF = 15mA VR = 1V, f = 1MHz IF = 10mA, I R = 10mA , Irr = 1mA, R L = 100
Min 30 0.26 -
Typ 7 -
Max 0.5 100 1.00 0.40 0.65 0.33 0.45 5
Unit V A
VF
V
Diode Capacitance Reverse Recovery Time
Cd Trr
pF ns
Page 1 of 2
Rev. 03 : May 8, 2006
RATING AND CHARACTERISTIC CURVES ( BAT42 AND BAT43 )
Admissible Power Dissipation vs. Ambient Temperature
250 1000 TJ = 25C
Typical Forward Characteristics
Power Dissipation , P D (mW)
200
150
Forward Current , IF (mA)
0 100 200
100
10
100
1
50
0.1 0 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2
Ambient Temperature , Ta (C)
Forward Voltage , VF (V)
Typical Reverse Characteristics
1000 TJ = 125C 100
Reverse Current , IR (A)
10
1
0.1 TJ = 25C 0.01 0 10 20 30 40 50
Reverse Voltage , VR (V)
Page 2 of 2
Rev. 03 : May 8, 2006


▲Up To Search▲   

 
Price & Availability of BAT43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X