Part Number Hot Search : 
ATMEGA32 3KASMC2X 0365R 00FLH ADV7321 VF20120S L8C204 ZPY36
Product Description
Full Text Search
 

To Download B0303YS-W2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B_YS-W2 Series
FIXED INPUT ISOLATED & UNREGULATED 0.25W SINGLE OUTPUT MINIATURE SIP PACKAGE
FEATURES
Small Footprint Miniature SIP Package 1KVDC Isolation Temperature Range: -40C to +85C Internal SMD Construction Industry Standard Pinout No Heat sink Required No External Component Required PCB Mounting RoHS Compliance
multi-country patent protection RoHS
Input Output Voltage (VDC) 3.3 5 3.3 5 5 4.5-5.5 9 12 15 3.3 5 12 10.8-13.2 9 12 15 5 24 21.6-26.4 9 12 15 Current (mA) Max 76 50 76 50 28 21 17 76 50 28 21 17 50 28 21 17 Min 7.6 5 7.6 5 3 2.1 1.7 7.6 5 3 2.1 1.7 5 3 2.1 1.7 62 65 62 64 65 67 65 62 65 66 67 66 63 63 65 65 Efficiency (%, Typ)
PRODUCT PROGRAM
Part Number B0303YS-W2 B0305YS-W2 B0503YS-W2 B0505YS-W2 B0509YS-W2 B0512YS-W2 B0515YS-W2 B1203YS-W2 Voltage (VDC) Nominal 3.3 Range 2.97-3.63
APPLICATIONS
The B_YS-W2 Series are specially designed for applications where a single power supply is isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) 2) 3) Where the voltage of the input power supply is fixed (voltage variation 10%); Where isolation is necessary between input and output (isolation voltage1000VDC); Where the regulation of the output voltage and the output ripple and noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits and IGBT power device driven circuits, etc.
B1205YS-W2 B1209YS-W2 B1212YS-W2 B1215YS-W2 B2405YS-W2 B2409YS-W2 B2412YS-W2 B2415YS-W2
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Test Conditions Tested for 1 minute and 1mA max Test at 500VDC Min 1000 1000 Typ. Max Units VDC M
OUTPUT SPECIFICATIONS
Item Test Conditions For Vin change of 1%(3.3V output) For Vin change of 1%(others ) 10% to 100% load (3.3V output) 15 12.8 8.3 6.8 6.3 Min Typ. Max 1.5 1.2 20 15 10 10 10 % Units
MODEL SELECTION
Line regulation
B0505Y S-W2
Rat e d P o wer P ack age S ty le O utp ut Voltag e I npu t Vo lt age P rod uct S erie s
Output voltage accuracy Temperature drift MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
10% to 100% load (5V output) Load regulation 10% to 100% load (9V output) 10% to 100% load (12V output) 10% to 100% load (15V output)
See tolerance envelope graph 100% full load 20MHz Bandwidth Full load, nominal input 50 100 0.03 %/C 75 mVp-p KHz
Ripple & Noise* Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes. Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See the recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
B_YS-W2
A/0-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Short circuit protection* Cooling Case material MTBF Weight *Supply voltage must be discontinued at the end of short circuit duration. 3500 1.6 1.5mm from case for 10 seconds -40 -55 15 Test Conditions Min Typ Max 95 85 125 25 300 1 Free air convection Plastic(UL94-V0) K hours g S C Units %
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load. Recommended circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
L L
+Vo
TYPICAL CHARACTERISTICS
Vin
C
GND
DC DC
(Figure 1)
C
0V
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. It's not recommended to connect any Operating Temp.(oC) external capacitor in the application field . Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current
OUTLINE DIMENSIONS & FOOTPRINT DETAILS First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), diameter:1.00mm
protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Vin GND
REG
+Vout
DC DC
0V
REG
1
2
3
4
Vin
+Vout
DC DC
GND 0V
(Figure 2) 6.00 1 2 34 FOOTPRINT DETAILS Pin 1 Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin toler ances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch) Function Vin GN D 3 4 0V +Vo No parallel connection or plug and play. Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
MORNSUN reserves the copyright
Specifications subject to change without notice.
B_YS-W2
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of B0303YS-W2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X