Part Number Hot Search : 
LC75842E DF08STR CMBT857 5ETTT P6642 MAX870 BD233STU 10700
Product Description
Full Text Search
 

To Download AZ100LVEL32DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARIZONA MICROTEK, INC.
AZ10LVEL32 AZ100LVEL32
FEATURES
* * * * * Operating Range of 3.0V to 5.5V 470ps Propagation Delay 3.0GHz Toggle Frequency High Bandwidth Output Transitions Direct Replacement for ON Semiconductor MC10EL/LVEL32 & MC100EL/LVEL32 PACKAGE
SOIC 8 Green / RoHS Compliant / Lead (Pb) Free TSSOP 8 Green / RoHS Compliant / Lead (Pb) Free MLP 8 (2x2) Green / RoHS Compliant / Lead (Pb) Free
1 2 3
ECL/PECL / 2 Divider
PACKAGE AVAILABILITY PART NUMBER
AZ100LVEL32DG AZ100LVEL32TG AZ100LVEL32NG
MARKING
AZM100G LVEL32 AZHG LV32 C2G
NOTES
1,2 1,2 1,3
Add R1 at end of part number for 7 inch (1K parts), R2 for 13 inch (2.5K parts) Tape & Reel. Date code format: "Y" or "YY" for year followed by "WW" for week on underside of part. Date code format: "Y" for year followed by "WW" for week.
DESCRIPTION
The AZ10/100LVEL32 is an integrated /2 divider. The reset pin is asynchronous and is asserted on the rising edge. Upon power-up, the internal flip-flop will attain a random logic state; the reset allows for the synchronization of multiple LVEL32's in a system. The LVEL32 provides a VBB output for single-ended use or a DC bias reference for AC coupling to the device. For single-ended input applications, the VBB reference should be connected to one side of the CLK/CLK differential input pair. The input signal is then fed to the other CLK/CLK input. The VBB pin should be used only as a bias for the LVEL32 as its sink/source capability is limited. When used, the VBB pin should be bypassed to ground via a 0.01F capacitor. NOTE: Specifications in ECL/PECL tables are valid when thermal equilibrium is established.
LOGIC DIAGRAM AND PINOUT ASSIGNMENT PIN DESCRIPTION
RESET 1 8 VCC
PIN CLK, CLK RESET VBB Q, Q VCC VEE
FUNCTION Clock Inputs Asynchronous Reset Reference Voltage Output Data Outputs Positive Supply Negative Supply
R CLK 2 /2 CLK 3 6 Q 7 Q
VBB
4
5
VEE
1630 S. STAPLEY DR., SUITE 127 * MESA, ARIZONA 85204 * USA * (480) 962-5881 * FAX (623) 505-2414 www.azmicrotek.com
AZ10LVEL32 AZ100LVEL32
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol VCC VI VEE VI IOUT TA TSTG Characteristic PECL Power Supply (VEE = 0V) PECL Input Voltage (VEE = 0V) ECL Power Supply (VCC = 0V) ECL Input Voltage (VCC = 0V) Output Current --- Continuous --- Surge Operating Temperature Range Storage Temperature Range Rating 0 to +6.0 0 to +6.0 -6.0 to 0 -6.0 to 0 50 100 -40 to +85 -65 to +150 Unit Vdc Vdc Vdc Vdc mA C C
10K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. Characteristic
1
Output HIGH Voltage Output LOW Voltage1 Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current CLK, CLK -150 -150 RESET 0.5 0.5 Output Reference -1430 -1300 -1380 Voltage Power Supply Current 25 30 Each output is terminated through a 50 resistor to VCC - 2V.
Min -1080 -1950 -1230 -1950
-40C Typ
Max -890 -1650 -890 -1500 150
Min -1020 -1950 -1170 -1950
0C Typ
Max -840 -1630 -840 -1480 150
Min -980 -1950 -1130 -1950
25C Typ
Max -810 -1630 -810 -1480 150
Min -910 -1950 -1060 -1950
85C Typ
Max -720 -1595 -720 -1445 150
Unit mV mV mV mV A A
-150 0.5 -1270 25 30 -1350 25 -1250 30
-150 0.5 -1310 25 -1190 30
mV mA
10K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. 2. Characteristic Output HIGH Voltage1,2 Output LOW Voltage1,2 Input HIGH Voltage1 Input LOW Voltage1 Input HIGH Current Input LOW Current CLK, CLK -150 -150 -150 RESET 0.5 0.5 0.5 Output Reference 1870 2000 1920 2030 1950 Voltage1 Power Supply Current 25 30 25 30 For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value. Each output is terminated through a 50 resistor to VCC - 2V. Min 2220 1350 2070 1350 -40C Typ Max 2410 1650 2410 1800 150 Min 2280 1350 2130 1350 0C Typ Max 2460 1670 2460 1820 150 Min 2320 1350 2170 1350 25C Typ Max 2490 1670 2490 1820 150 Min 2390 1350 2240 1350 85C Typ Max 2580 1705 2580 1855 150 Unit mV mV mV mV A A 2110 25 30 mV mA
-150 0.5 2050 25 30 1990
10K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. 2. Characteristic
1,2
Output HIGH Voltage Output LOW Voltage1,2 Input HIGH Voltage1 Input LOW Voltage1 Input HIGH Current Input LOW Current CLK, CLK -150 -150 -150 RESET 0.5 0.5 0.5 Output Reference 3570 3700 3620 3730 3650 Voltage1 Power Supply Current 25 30 25 30 For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3920 3050 3770 3050
-40C Typ
Max 4110 3350 4110 3500 150
Min 3980 3050 3830 3050
0C Typ
Max 4160 3370 4160 3520 150
Min 4020 3050 3870 3050
25C Typ
Max 4190 3370 4190 3520 150
Min 4090 3050 3940 3050
85C Typ
Max 4280 3405 4280 3555 150
Unit mV mV mV mV A A
-150 0.5 3750 25 30 3690 25 3810 30
mV mA
June 2009 * REV - 1
www.azmicrotek.com 2
AZ10LVEL32 AZ100LVEL32
100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. Characteristic Output HIGH Voltage1 Output LOW Voltage1 Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current CLK, CLK -150 -150 RESET 0.5 0.5 Output Reference -1380 -1260 -1380 Voltage Power Supply Current 25 30 Each output is terminated through a 50 resistor to VCC - 2V. Min -1085 -1830 -1165 -1810 -40C Typ -1005 -1695 Max -880 -1555 -880 -1475 150 Min -1025 -1810 -1165 -1810 0C Typ -955 -1705 Max -880 -1620 -880 -1475 150 Min -1025 -1810 -1165 -1810 25C Typ -955 -1705 Max -880 -1620 -880 -1475 150 Min -1025 -1810 -1165 -1810 85C Typ -955 -1705 Max -880 -1620 -880 -1475 150 Unit mV mV mV mV A A -1260 29 35 mV mA
-150 0.5 -1260 25 30 -1380 25 -1260 30
-150 0.5 -1380
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
Symb ol VOH
VOL VIH VIL IIH IIL VBB IEE 1. 2.
Characteristic
1,2
Output HIGH Voltage Output LOW Voltage1,2 Input HIGH Voltage1 Input LOW Voltage1 Input HIGH Current Input LOW Current CLK, CLK -150 -150 -150 RESET 0.5 0.5 0.5 Output Reference 1920 2040 1920 2040 1920 Voltage1 Power Supply Current 25 30 25 30 For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value. Each output is terminated through a 50 resistor to VCC - 2V.
Min 2215 1470 2135 1490
-40C Typ 2295 1605
Max 2420 1745 2420 1825 150
Min 2275 1490 2135 1490
0C Typ 2345 1595
Max 2420 1680 2420 1825 150
Min 2275 1490 2135 1490
25C Typ 2345 1595
Max 2420 1680 2420 1825 150
Min 2275 1490 2135 1490
85C Typ 2345 1595
Max 2420 1680 2420 1825 150
Unit mV mV mV mV A A
-150 0.5 2040 25 30 1920 29 2040 35
mV mA
100K PECL DC Characteristics (VEE = GND, VCC = +5.0V)
Symbol VOH VOL VIH VIL IIH IIL VBB IEE 1. 2. Characteristic
1,2
Output HIGH Voltage Output LOW Voltage1,2 Input HIGH Voltage1 Input LOW Voltage1 Input HIGH Current Input LOW Current CLK, CLK -150 -150 -150 RESET 0.5 0.5 0.5 Output Reference 3620 3740 3620 3740 3620 Voltage1 Power Supply Current 25 30 25 30 For supply voltages other that 5.0V, use the ECL table values and ADD supply voltage value. Each output is terminated through a 50 resistor to VCC - 2V.
Min 3915 3170 3835 3190
-40C Typ 3995 3305
Max 4120 3445 4120 3525 150
Min 3975 3190 3835 3190
0C Typ 4045 3295
Max 4120 3380 4120 3525 150
Min 3975 3190 3835 3190
25C Typ 4045 3295
Max 4120 3380 4120 3525 150
Min 3975 3190 3835 3190
85C Typ 4045 3295
Max 4120 3380 4120 3525 150
Unit mV mV mV mV A A
-150 0.5 3740 25 30 3620 29 3740 35
mV mA
June 2009 * REV - 1
www.azmicrotek.com 3
AZ10LVEL32 AZ100LVEL32
AC Characteristics (VEE = -3.0V to -5.5V; VCC = GND or VEE = GND; VCC = +3.0V to +5.5V)
Symbol fmax Characteristic Min -40C Typ Max Min 0C Typ Max Min 25C Typ Max Min 85C Typ Max Unit Maximum Toggle 2.2 3.0 2.6 3.0 2.6 3.0 2.6 3.0 GHz Frequency Propagation Delay tPLH/tPHL CLK, CLK to Q/Q 360 450 540 370 460 550 380 470 560 400 490 580 ps RESET to Q/Q 390 540 690 440 540 640 440 540 640 450 550 650 VPP (AC) Input Swing1 150 1000 150 1000 150 1000 150 1000 mV VEE + Common Mode Range2 VCC - VEE + VCC VEE + VCC - VEE + VCC VCMR VPP < 500 mv 1.2 0.4 1.1 0.4 1.1 0.4 1.1 0.4 V VPP 500 mv 1.4 0.4 1.3 0.4 1.3 0.4 1.3 0.4 Output Rise/Fall Times tr / t f 100 260 100 260 100 260 100 260 ps Q/Q (20% - 80%) 1. VPP is the peak-to-peak differential input swing range for which AC parameters are guaranteed. 2. VCMR is defined as the range within which the VIH level may vary, with the device still meeting the propagation delay specification. The VIL level must be such that VPP is within the differential input swing range specified.
Figure 1: Timing Diagram
CLK RESET Q
June 2009 * REV - 1
www.azmicrotek.com 4
AZ10LVEL32 AZ100LVEL32 PACKAGE DIAGRAM SOIC 8
NOTES: 1. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 2. MAXIMUM MOLD PROTRUSION FOR D IS 0.15mm. 3. MAXIMUM MOLD PROTRUSION FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp Q v w y Z
MILLIMETERS MIN MAX 1.75 0.10 0.25 1.25 1.45 0.25 0.36 0.49 0.19 0.25 4.8 5.0 3.8 4.0 1.27 5.80 6.20 1.05 0.40 1.00 0.60 0.70 0.25 0.25 0.10 0.30 0.70 8O 0O
INCHES MIN MAX 0.069 0.004 0.010 0.049 0.057 0.01 0.014 0.019 0.0075 0.0100 0.19 0.20 0.15 0.16 0.050 0.228 0.244 0.041 0.016 0.039 0.024 0.028 0.01 0.01 0.004 0.012 0.028 0O 8O
June 2009 * REV - 1
www.azmicrotek.com 5
AZ10LVEL32 AZ100LVEL32 PACKAGE DIAGRAM TSSOP 8
NOTES: 1. DIMENSIONS D AND E DO NOT INCLUDE MOLD PROTRUSION. 2. MAXIMUM MOLD PROTRUSION FOR D IS 0.15mm. 3. MAXIMUM MOLD PROTRUSION FOR E IS 0.25mm.
DIM A A1 A2 A3 bp c D E e HE L Lp v w y Z
MILLIMETERS MIN MAX 1.10 0.05 0.15 0.80 0.95 0.25 0.25 0.45 0.15 0.28 2.90 3.10 2.90 3.10 0.65 4.70 5.10 0.94 0.40 0.70 0.10 0.10 0.10 0.35 0.70 6O 0O
June 2009 * REV - 1
www.azmicrotek.com 6
AZ10LVEL32 AZ100LVEL32
PACKAGE DIAGRAM MLP 8 2x2mm
Pin 1 Dot By Marking 2.0000.050
2.0000.050
MLP 8 (2x2mm)
TOP VIEW
0.3500.050 0.2500.050 8 7 0.500 bsc 6 5 1
Pin 1 Identification R0.100 TYP
2 1.2000.050 exp. pad 3 4 0.6000.050 exp. pad
BOTTOM VIEW
1.750 Ref.
0.7500.050 0.000-0.050
1
2
34 0.2030.025
SIDE VIEW
Note: All dimensions are in mm
June 2009 * REV - 1
www.azmicrotek.com 7
AZ10LVEL32 AZ100LVEL32
-
Arizona Microtek, Inc. reserves the right to change circuitry and specifications at any time without prior notice. Arizona Microtek, Inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Arizona Microtek, Inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. Arizona Microtek, Inc. does not convey any license rights nor the rights of others. Arizona Microtek, Inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the Arizona Microtek, Inc. product could create a situation where personal injury or death may occur. Should Buyer purchase or use Arizona Microtek, Inc. products for any such unintended or unauthorized application, Buyer shall indemnify and hold Arizona Microtek, Inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Arizona Microtek, Inc. was negligent regarding the design or manufacture of the part.
June 2009 * REV - 1
www.azmicrotek.com 8


▲Up To Search▲   

 
Price & Availability of AZ100LVEL32DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X