Part Number Hot Search : 
BFR520 P5KE22 MIC2950 KMOC30 MJ10020 1N461 BZT52C B20100
Product Description
Full Text Search
 

To Download AXH016A0X3-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0Vdc -5.5Vdc Input; 0.75Vdc to 3.63Vdc Output;16A Output Current
RoHS Compliant
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z versions) Compliant to ROHS EU Directive 2002/95/EC with lead solder exemption (non-Z versions) Delivers up to 16A output current High efficiency - 95% at 3.3V full load (VIN = 5.0V) Small size and low profile: 50.8 mm x 12.7 mm x 8.10 mm (2.00 in x 0.5 in x 0.32 in) Low output ripple and noise High Reliability: Calculated MTBF > 6.8M hours at 25 C Full-load Constant switching frequency (300 kHz) Output voltage programmable from 0.75 Vdc to 3.63Vdc via external resistor Line Regulation: 0.3% (typical) Load Regulation: 0.4% (typical) Temperature Regulation: 0.4 % (typical) Remote On/Off Remote Sense Output overcurrent protection (non-latching) Wide operating temperature range (-40C to 85C) UL* 60950-1Recognized, CSA C22.2 No. 60950-1-03 Certified, and VDE 0805:2001-12 (EN60950-1) Licensed ISO** 9001 and ISO 14001 certified manufacturing facilities
o
Applications
Distributed power architectures Intermediate bus voltage applications Telecommunications equipment Servers and storage applications Networking equipment Enterprise Networks Latest generation IC's (DSP, FPGA, ASIC) and Microprocessor powered applications
Description
Austin SuperLynx SIP (Single In-line package) power modules are non-isolated dc-dc converters that can deliver up to 16A of output current with full load efficiency of 95.0% at 3.3V output. These modules provide a precisely regulated output voltage programmable via external resistor from 0.75Vdc to 3.63Vdc over a wide range of input voltage (VIN = 3.0 - 5.5Vdc). The open-frame construction and small footprint enable designers to develop costand space-efficient solutions. Standard features include remote On/Off, remote sense, programmable output voltage, overcurrent and overtemperature protection.
TM
* UL is a registered trademark of Underwriters Laboratories, Inc.

CSA is a registered trademark of Canadian Standards Association. VDE is a trademark of Verband Deutscher Elektrotechniker e.V. ** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-085 ver. 1.52 PDF name: austin-superlynx-sip-ds.pdf
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended periods can adversely affect the device reliability.
Parameter Input Voltage Continuous Operating Ambient Temperature (see Thermal Considerations section) Storage Temperature All Tstg -55 125 C All TA -40 85 C Device All Symbol VIN Min -0.3 Max 5.8 Unit Vdc
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions.
Parameter Operating Input Voltage Maximum Input Current (VIN=3.0V to 5.5V, IO=IO, max ) Input No Load Current (VIN = 5.0Vdc, IO = 0, module enabled) Input Stand-by Current (VIN = 5.0Vdc, module disabled) Inrush Transient Input Reflected Ripple Current, peak-to-peak (5Hz to 20MHz, 1H source impedance; VIN, min to VIN, max, IO= IOmax ; See Test Configurations) Input Ripple Rejection (120Hz) All All All It 100 30
2
Device Vo VIN - 0.5 All Vo = 0.75 Vdc Vo = 3.3 Vdc All
Symbol VIN IIN,max IIN,No load IIN,No load IIN,stand-by
Min 3.0
Typ
Max 5.5 16
Unit Vdc Adc mA mA mA
70 70 1.5
0.1
As mAp-p dB
2
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to being part of a complex power architecture. To preserve maximum flexibility, internal fusing is not included, however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies require a 20A, fast-acting, glass type fuse rated for 32V (see Safety Considerations section). Based on the information provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating can be used. Refer to the fuse manufacturer's data sheet for further information.
LINEAGE POWER
2
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Electrical Specifications (continued)
Parameter Output Voltage Set-point (VIN=VIN, min, IO=IO, max, TA=25C) Output Voltage (Over all operating input voltage, resistive load, and temperature conditions until end of life) Adjustment Range Selected by an external resistor Output Regulation Line (VIN=VIN, min to VIN, max) Load (IO=IO, min to IO, max) Temperature (Tref=TA, min to TA, max) Output Ripple and Noise on nominal output (VIN=VIN, nom and IO=IO, min to IO, max Cout = 1F ceramic//10Ftantalum capacitors) RMS (5Hz to 20MHz bandwidth) Peak-to-Peak (5Hz to 20MHz bandwidth) External Capacitance ESR 1 m ESR 10 m Output Current Output Current Limit Inception (Hiccup Mode ) (VO= 90% of VO, set) Output Short-Circuit Current (VO250mV) ( Hiccup Mode ) Efficiency VIN= VIN, nom, TA=25C IO=IO, max , VO= VO,set VO,set = 0.75Vdc VO, set = 1.2Vdc VO,set = 1.5Vdc VO,set = 1.8Vdc VO,set = 2.5Vdc VO,set = 3.3Vdc Switching Frequency Dynamic Load Response (dIo/dt=2.5A/s; VIN = VIN, nom; TA=25C) Load Change from Io= 50% to 100% of Io,max; 1F ceramic// 10 F tantalum Peak Deviation Settling Time (Vo<10% peak deviation) (dIo/dt=2.5A/s; VIN = VIN, nom; TA=25C) Load Change from Io= 100% to 50%of Io,max: 1F ceramic// 10 F tantalum Peak Deviation Settling Time (Vo<10% peak deviation) All ts 25 s All All ts Vpk 25 300 s mV All Vpk 300 mV All fsw 82.0 87.0 89.0 90.0 92.5 95.0 300 % % % % % % kHz All IO, s/c 3.5 Adc All All All All CO, max CO, max Io IO, lim 0 180 1000 5000 16 F F Adc % Io All All 8 25 15 50 mVrms mVpk-pk All All All 0.3 0.4 0.4 % VO, set % VO, set % VO, set All VO 0.7525 3.63 Vdc All VO, set -3% +3% % VO, set Device All Symbol VO, set Min -2.0 Typ VO, set Max +2.0 Unit % VO, set
LINEAGE POWER
3
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Electrical Specifications (continued)
Parameter Dynamic Load Response (dIo/dt=2.5A/s; V VIN = VIN, nom; TA=25C) Load Change from Io= 50% to 100% of Io,max; Co = 2x150 F polymer capacitors Peak Deviation Settling Time (Vo<10% peak deviation) (dIo/dt=2.5A/s; VIN = VIN, nom; TA=25C) Load Change from Io= 100% to 50%of Io,max: Co = 2x150 F polymer capacitors Peak Deviation Settling Time (Vo<10% peak deviation) All All ts Vpk 100 150 s mV All Vpk 150 mV Device Symbol Min Typ Max Unit
All
ts
100
s
General Specifications
Parameter Calculated MTBF (IO=IO, max, TA=25C) Weight Min Typ 6,800,000 5.6 (0.2) Max Unit Hours g (oz.)
LINEAGE POWER
4
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Feature Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature conditions. See Feature Descriptions for additional information.
Parameter Remote On/Off Signal interface (VIN=VIN, min to VIN, max; Open collector pnp or equivalent Compatible, Von/off signal referenced to GND See feature description section) Logic High Input High Voltage (Module OFF) Input High Current Logic Low Input Low Voltage (Module ON) Input Low Current Turn-On Delay and Rise Times (IO=IO, max , VIN = VIN, nom, TA = 25 C, ) Case 1: On/Off input is set to Logic Low (Module ON) and then input power is applied (delay from instant at which VIN =VIN, min until Vo=10% of Vo,set) Case 2: Input power is applied for at least one second and then the On/Off input is set to logic Low (delay from instant at which Von/Off=0.3V until Vo=10% of Vo, set) Output voltage Rise time (time for Vo to rise from 10% of Vo,set to 90% of Vo, set) Output voltage overshoot - Startup IO= IO, max; VIN = 3.0 to 5.5Vdc, TA = 25 C Remote Sense Range Overtemperature Protection (See Thermal Consideration section) Input Undervoltage Lockout Turn-on Threshold Turn-off Threshold All All 2.2 2.0 V V All Tref 125 0.5 V C
o o
Device
Symbol
Min
Typ
Max
Unit
All All All All
VIH IIH VIL IIL
1.5 -0.2
0.2
VIN,max 1 0.3 10
V mA V A
All
Tdelay
3.9
msec
All
Tdelay
3.9
msec
All
Trise
4.2
8.5 1
msec % VO, set
LINEAGE POWER
5
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Characteristic Curves
The following figures provide typical characteristics for the Austin SuperLynxTM SIP modules at 25C.
90 87
96 93 90
EFFICIENCY, (%)
84 81
EFFICIENCY, (%)
87 84 81 78 75 72
VIN = 3.0V
78 75 72 0 4 8 12
VIN = 3.0V VIN = 5.0V VIN = 5.5V
0 4 8 12 16
VIN = 5.0V VIN = 5.5V
16
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 1. Converter Efficiency versus Output Current (Vout = 0.75Vdc).
93 90
Figure 4. Converter Efficiency versus Output Current (Vout = 1.8Vdc).
100 97 94
EFFICIENCY, (%)
EFFICIENCY, (%)
87 84 81
91 88 85 82 79 76 73
VIN = 3.0V
78
VIN = 5.0V
75
VIN = 3.0V VIN = 5.0V VIN = 5.5V
0 4 8 12 16
VIN = 5.5V
72 0 4 8 12 16
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 2. Converter Efficiency versus Output Current (Vout = 1.2Vdc).
94 91 88
Figure 5. Converter Efficiency versus Output Current (Vout = 2.5Vdc).
100 97 94
EFFICIENCY, (%)
85 82 79 76 73 70 0 4 8 12 16
EFFICIENCY, (%)
91 88 85 82 79
VIN = 3.0V VIN = 5.0V VIN = 5.5V
VIN = 4.5V VIN = 5.0V VIN = 5.5V
76 0 4 8 12 16
OUTPUT CURRENT, IO (A)
OUTPUT CURRENT, IO (A)
Figure 3. Converter Efficiency versus Output Current (Vout = 1.5Vdc).
Figure 6. Converter Efficiency versus Output Current (Vout = 3.3Vdc).
LINEAGE POWER
6
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Characteristic Curves (continued)
The following figures provide typical characteristics for the Austin SuperLynx
OUTPUT CURRENT, OUTPUT VOLTAGE
18 16
TM
SIP modules at 25C.
Io =0A Io =8A Io =1 6A
INPUT CURRENT, IIN (A)
14 12 10 8 6 4 2 0 0.5 1.5 2.5 3.5
4.5
5.5
Figure 7. Input voltage vs. Input Current (Vout = 2.5Vdc).
INPUT VOLTAGE, VIN (V)
IO (A) (5A/div)
VO (V) (200mV/div)
Figure 10. Transient Response to Dynamic Load Change from 50% to 100% of full load (Vo = 3.3Vdc).
OUTPUT CURRENT, OUTPUT VOLTAGE VO (V) (200mV/div)
TIME, t (5 s/div)
OUTPUT VOLTAGE
VO (V) (20mV/div)
IO (A) (5A/div)
TIME, t (2s/div)
TIME, t (5 s/div)
Figure 8. Typical Output Ripple and Noise (Vin = 5.0V dc, Vo = 0.75 Vdc, Io=16A).
Figure 11. Transient Response to Dynamic Load Change from 100% to 50% of full load (Vo = 3.3 Vdc).
OUTPUT CURRENT, OUTPUT VOLTAGE VO (V) (200mV/div) IO (A) (5A/div)
OUTPUT VOLTAGE
VO (V) (20mV/div)
TIME, t (2s/div)
TIME, t (10s/div)
Figure 9. Typical Output Ripple and Noise (Vin = 5.0V dc, Vo = 3.3 Vdc, Io=16A).
Figure 12. Transient Response to Dynamic Load Change from 50% to 100% of full load (Vo = 5.0 Vdc, Cext = 2x150 F Polymer Capacitors).
LINEAGE POWER
7
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Characteristic Curves (continued)
The following figures provide typical characteristics for the Austin SuperLynxTM SIP modules at 25C.
OUTPUT CURRENT, OUTPUTVOLTAGE IO (A) (5A/div) VO (V) (200mV/div)
INPUT VOLTAGE OUTPUT VOLTAGE
VOV) (1V/div)
VNN (V) (2V/div)
TIME, t (10s/div)
TIME, t (2 ms/div)
Figure 13. Transient Response to Dynamic Load Change from 100% of 50% full load (Vo = 5.0 Vdc, Cext = 2x150 F Polymer Capacitors).
On/Off VOLTAGE VOn/off (V) (2V/div)
Figure 16. Typical Start-Up with application of Vin (Vin = 5.0Vdc, Vo = 3.3Vdc, Io = 16A).
On/Off VOLTAGE OUTPUT VOLTAGE VOn/off (V) (2V/div) VOV) (1V/div)
OUTPUT VOLTAGE
VOV) (1V/div)
TIME, t (2 ms/div)
TIME, t (2 ms/div)
Figure 14. Typical Start-Up Using Remote On/Off (Vin = 5.0Vdc, Vo = 3.3Vdc, Io = 16.0A).
Figure 17 Typical Start-Up Using Remote On/Off with Prebias (Vin = 3.3Vdc, Vo = 1.8Vdc, Io = 1.0A, Vbias =1.0Vdc).
On/Off VOLTAGE
VOn/off (V) (2V/div)
OUTPUT CURRENT,
OUTPUT VOLTAGE
VOV) (1V/div)
TIME, t (2 ms/div)
IO (A) (10A/div)
TIME, t (10ms/div)
Figure 15. Typical Start-Up Using Remote On/Off with
Low-ESR external capacitors (Vin = 5.5Vdc, Vo = 3.3Vdc, Io = 16.0A, Co = 1050F).
Figure 18. Output short circuit Current (Vin = 5.0Vdc, Vo = 0.75Vdc).
LINEAGE POWER
8
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Characteristic Curves (continued)
The following figures provide thermal derating curves for the Austin SuperLynxTM SIP modules.
18 16 18 16
OUTPUT CURRENT, Io (A)
14 12 10 8 6 4
300 LFM 100 LFM 200 LFM
OUTPUT CURRENT, Io (A)
14 12 10 8 6 4
300 LFM 100 LFM 200 LFM
NC
NC
2
400 LFM
2
400 LFM
0 20 30 40 50 60 70
O
0 20 30 40 50 60 70
O
80
90
80
90
AMBIENT TEMPERATURE, TA C
AMBIENT TEMPERATURE, TA C
Figure 19. Derating Output Current versus Local Ambient Temperature and Airflow (Vin = 5.0, Vo=3.3Vdc).
18 16
Figure 22. Derating Output Current versus Local Ambient Temperature and Airflow (Vin = 3.3dc, Vo=0.75 Vdc).
OUTPUT CURRENT, Io (A)
14 12 10 8 6 4
300 LFM 100 LFM 200 LFM
NC
2
400 LFM
0 20 30 40 50 60 70
O
80
90
AMBIENT TEMPERATURE, TA C
Figure 20. Derating Output Current versus Local Ambient Temperature and Airflow (Vin = 5.0Vdc, Vo=0.75 Vdc).
18 16
OUTPUT CURRENT, Io (A)
14 12 10 8 6 4
300 LFM 100 LFM 200 LFM
NC
2
400 LFM
0 20 30 40 50 60 70
O
80
90
AMBIENT TEMPERATURE, TA C
Figure 21. Derating Output Current versus Local Ambient Temperature and Airflow (Vin = 3.3Vdc, Vo=2.5 Vdc).
LINEAGE POWER
9
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Test Configurations
TO OSCILLOSCOPE LTEST 1H VIN(+) CURRENT PROBE
Design Considerations
Input Filtering
Austin SuperLynx SIP module should be connected to a low ac-impedance source. A highly inductive source can affect the stability of the module. An input capacitance must be placed directly adjacent to the input pin of the module, to minimize input ripple voltage and ensure module stability. To minimize input voltage ripple, low-ESR polymer and ceramic capacitors are recommended at the input of the module. Figure 26 shows input ripple voltage (mVp-p) for various outputs with 1x150 F polymer capacitors (Panasonic p/n: EEFUE0J151R, Sanyo p/n: 6TPE150M) in parallel with 1 x 47 F ceramic capacitor (Panasonic p/n: ECJ-5YB0J476M, Taiyo- Yuden p/n: CEJMK432BJ476MMT) at full load. Figure 27 shows the input ripple with 2x150 F polymer capacitors in parallel with 2 x 47 F ceramic capacitor at full load.
300
TM
BATTERY
CS 1000F Electrolytic E.S.R.<0.1 @ 20C 100kHz
CIN 2x100F Tantalum COM
NOTE: Measure input reflected ripple current with a simulated source inductance (LTEST) of 1H. Capacitor CS offsets possible battery impedance. Measure current as shown above.
Figure 23. Input Reflected Ripple Current Test Setup.
COPPER STRIP
Input Ripple Voltage (mVp-p)
VO (+) 1uF COM . 10uF SCOPE
RESISTIVE LOAD
250 200 150 100 50 0 0.5 1 1.5 2 2.5 3 3.5 3.3Vin 5Vin
GROUND PLANE NOTE: All voltage measurements to be taken at the module terminals, as shown above. If sockets are used then Kelvin connections are required at the module terminals to avoid measurement errors due to socket contact resistance.
Figure 24. Output Ripple and Noise Test Setup.
Rdistribution
Rcontact VIN(+) VO
Rcontact
Rdistribution
Output Voltage (Vdc) Figure 26. Input ripple voltage for various output with 1x150 F polymer and1x47 F ceramic capacitors at the input (full load). Input Ripple Voltage (mVp-p)
200 180 160 140 120 100 80 60 40 20 0 0.5 1
VIN
VO
RLOAD
Rdistribution
Rcontact COM COM
Rcontact
Rdistribution
NOTE: All voltage measurements to be taken at the module terminals, as shown above. If sockets are used then Kelvin connections are required at the module terminals to avoid measurement errors due to socket contact resistance.
3.3Vin 5Vin 1.5 2 2.5 3 3.5
Figure 25. Output Voltage and Efficiency Test Setup.
VO. IO Efficiency = VIN. IIN x 100 %
Output Voltage (Vdc) Figure 27. Input ripple voltage for various output with 2x150 F polymer and 2x47 F ceramic capacitors at the input (full load).
LINEAGE POWER
10
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Design Considerations (continued)
Output Filtering
The Austin SuperLynx SIP module is designed for low output ripple voltage and will meet the maximum output ripple specification with 1 F ceramic and 10 F tantalum capacitors at the output of the module. However, additional output filtering may be required by the system designer for a number of reasons. First, there may be a need to further reduce the output ripple and noise of the module. Second, the dynamic response characteristics may need to be customized to a particular load step change. To reduce the output ripple and improve the dynamic response to a step load change, additional capacitance at the output can be used. Low ESR polymer and ceramic capacitors are recommended to improve the dynamic response of the module. For stable operation of the module, limit the capacitance to less than the maximum output capacitance as specified in the electrical specification table.
TM
Safety Considerations
For safety agency approval the power module must be installed in compliance with the spacing and separation requirements of the end-use safety agency standards, i.e., UL 60950-1, CSA C22.2 No. 60950-1-03, and VDE 0850:2001-12 (EN60950-1) Licensed. For the converter output to be considered meeting the requirements of safety extra-low voltage (SELV), the input must meet SELV requirements. The power module has extra-low voltage (ELV) outputs when all inputs are ELV. The input to these units is to be provided with a fastacting fuse with a maximum rating of 20A in the positive input lead.
LINEAGE POWER
11
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Output Voltage Programming
The output voltage of the Austin SuperLynxTM SIP can be programmed to any voltage from 0.75 Vdc to 3.63 Vdc by connecting a single resistor (shown as Rtrim in Figure 29) between the TRIM and GND pins of the module. Without an external resistor between the TRIM pin and the ground, the output voltage of the module is 0.7525 Vdc. To calculate the value of the resistor Rtrim for a particular output voltage Vo, use the following equation:
Feature Description
Remote On/Off
The Austin SuperLynx SIP power modules feature an On/Off pin for remote On/Off operation. The On/Off pin is pulled high with an external pull-up resistor (typical Rpull-up = 68k, 5%) as shown in Fig. 28. When transistor Q1 is in the Off state, logic High is applied to the On/Off pin and the power module is Off. The minimum On/off voltage for logic High on the On/Off pin is 1.5Vdc. To turn the module ON, logic Low is applied to the On/Off pin by turning ON Q1. When not using the negative logic On/Off, leave the pin unconnected or tie to GND.
VIN+ Rpull-up I ON/OFF ON/OFF + VON/OFF R1 Q2 R2 GND _ CSS PWM Enable
TM
21070 Rtrim = - 5110 Vo - 0.7525
For example, to program the output voltage of the TM Austin SuperLynx module to 1.8 Vdc, Rtrim is calculated is follows:
MODULE
21070 Rtrim = - 5110 1.8 - 0.7525
Q1
Rtrim = 15.004 k
V IN(+) V O(+)
Figure 28. Circuit configuration for On/Off.
Overcurrent Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current-limiting circuitry and can endure current limiting continuously. At the point of current-limit inception, the unit enters hiccup mode. The unit operates normally once the output current is brought back into its specified range. The typical average output current during hiccup is 3.5A.
ON/OFF
TRIM R trim
LOAD
GND
Figure 29. Circuit configuration to program output voltage using an external resistor. The Austin SuperLynxTM can also be programmed by applying a voltage between the TRIM and GND pins (Figure 30). The following equation can be used to determine the value of Vtrim needed to obtain a desired output voltage Vo:
Input Undervoltage Lockout
At input voltages below the input undervoltage lockout limit, module operation is disabled. The module will begin to operate at an input voltage above the undervoltage lockout turn-on threshold.
Vtrim = (0.7 - 0.1698 x { - 0.7525}) Vo
For example, to program the output voltage of a SuperLynxTM module to 3.3 Vdc, Vtrim is calculated as follows:
Overtemperature Protection
To provide protection in a fault condition, the unit is equipped with a thermal shutdown circuit. The unit will shutdown if the thermal reference point Tref, o exceeds 125 C (typical), but the thermal shutdown is not intended as a guarantee that the unit will survive temperatures beyond its rating. The module will automatically restarts after it cools down.
Vtrim = (0.7 - 0.1698 x {3.3 - 0.7525}) Vtrim = 0.2670V
LINEAGE POWER
12
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Feature Descriptions (continued)
V IN(+) V O(+)
ON/OFF TRIM LOAD
for margining-down. Figure 31 shows the circuit configuration for output voltage margining. The POL Programming Tool, available at www.lineagepower.com under the Design Tools section, also calculates the values of Rmargin-up and Rmargin-down for a specific output voltage and % margin. Please consult your local Lineage Power technical representative for additional details.
Vo Rmargin-down Austin Lynx or Lynx II Series Q2 Trim Rmargin-up Rtrim
GND
+ -
Vtrim
Figure 30. Circuit Configuration for programming Output voltage using external voltage source. Table 1 provides Rtrim values required for some common output voltages, while Table 2 provides values of external voltage source, Vtrim for the same common output voltages.
Table 1
VO, (V) 0.7525 1.2 1.5 1.8 2.5 3.3 Rtrim (K) Open 41.973 23.077 15.004 6.947 3.160
GND
Q1
Figure 31. Circuit Configuration for margining Output voltage.
Remote Sense
The Austin SuperLynxTM SIP power modules have a Remote Sense feature to minimize the effects of distribution losses by regulating the voltage at the Remote Sense pin (See Figure 32). The voltage between the Sense pin and Vo pin must not exceed 0.5V. The amount of power delivered by the module is defined as the output voltage multiplied by the output current (Vo x Io). When using Remote Sense the output voltage of the module can increase, which if the same output is maintained, increases the power output by the module. Make sure that the maximum output power of the module remains at or below the maximum rated power. When the Remote Sense feature is not being used, connect the Remote Sense pin to the output pin of the module.
Table 2
VO, set (V) 0.7525 1.2 1.5 1.8 2.5 3.3 Vtrim (V) Open 0.6240 0.5731 0.5221 0.4033 0.2670
By a using 1% tolerance trim resistor, set point tolerance of 2% is achieved as specified in the electrical specification. The POL Programming Tool, available at www.lineagepower.com under the Design Tools section, helps determine the required external trim resistor needed for a specific output voltage.
Voltage Margining
Output voltage margining can be implemented in the TM Austin SuperLynx modules by connecting a resistor, Rmargin-up, from the Trim pin to the ground pin for margining-up the output voltage and by connecting a resistor, Rmargin-down, from the Trim pin to the Output pin
LINEAGE POWER
13
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Feature Descriptions (continued)
Rdistribution Rcontact
VIN(+) VO Sense RLOAD
Rcontact Rdistribution
Rdistribution Rcontact
COM COM
Rcontact Rdistribution
Figure 32. Remote sense circuit configuration
LINEAGE POWER
14
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Thermal Considerations
The power modules operate in a variety of thermal environments; however, sufficient cooling should always be provided to help ensure reliable operation. Considerations include ambient temperature, airflow, module power dissipation, and the need for increased reliability. A reduction in the operating temperature of the module will result in an increase in reliability. The thermal data presented here is based on physical measurements taken in a wind tunnel. The test set-up is shown in Fig. 33. Note that the airflow is parallel to the long axis of the module as shown in Fig. 34. The derating data applies to airflow in either direction of the module's long axis.
25.4_ (1.0)
airflow conditions ranging from natural convection and up to 2m/s (400 ft./min) are shown in the Characteristics Curves section.
Airflow
Wind T unnel PWBs
Top View
Tref
Power Module
Figure 34. Tref Temperature measurement location
Post solder Cleaning and Drying Considerations
76.2_ (3.0)
x
5.97_ (0.235)
Probe Loc ation for measuring airflow and ambient temperature
Post solder cleaning is usually the final circuit-board assembly process prior to electrical board testing. The result of inadequate cleaning and drying can affect both the reliability of a power module and the testability of the finished circuit-board assembly. For guidance on appropriate soldering, cleaning and drying procedures, refer to Board Mounted Power Modules: Soldering and Cleaning Application Note.
Air flow
Figure 33. Thermal Test Set-up. The thermal reference point, Tref used in the specifications is shown in Figure 33. For reliable o operation this temperature should not exceed 115 C. The output power of the module should not exceed the rated power of the module (Vo,set x Io,max). Please refer to the Application Note "Thermal Characterization Process For Open-Frame BoardMounted Power Modules" for a detailed discussion of thermal aspects including maximum device temperatures.
Through-Hole Lead-Free Soldering Information
The RoHS-compliant through-hole products use the SAC (Sn/Ag/Cu) Pb-free solder and RoHS-compliant components. They are designed to be processed through single or dual wave soldering machines. The pins have an RoHS-compliant finish that is compatible with both Pb and Pb-free wave soldering processes. A maximum preheat rate of 3C/s is suggested. The wave preheat process should be such that the temperature of the power module board is kept below 210C. For Pb solder, the recommended pot temperature is 260C, while the Pb-free solder pot is 270C max. Not all RoHS-compliant through-hole products can be processed with paste-through-hole Pb or Pb-free reflow process. If additional information is needed, please consult with your Lineage Power technical representative for more details.
Heat Transfer via Convection
Increased airflow over the module enhances the heat transfer via convection. Thermal derating curves showing the maximum output current that can be delivered at different local ambient temperature (TA) for
LINEAGE POWER
15
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Mechanical Outline
Dimensions are in millimeters and (inches). Tolerances: x.x mm 0.5 mm (x.xx in. 0.02 in.) [unless otherwise indicated] x.xx mm 0.25 mm (x.xxx in 0.010 in.)
Back View
Side View
Pin 1 2 3 4 5 6 7 8 9 10
Function Vo Vo Vo,sense Vo GND GND VIN VIN TRIM ON/OFF
LINEAGE POWER
16
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Recommended Pad Layout
Dimensions are in millimeters and (inches). Tolerances: x.x mm 0.5 mm (x.xx in. 0.02 in.) [unless otherwise indicated] x.xx mm 0.25 mm (x.xxx in 0.010 in.)
Pin 1 2 3 4 5 6 7 8 9 10
Function Vo Vo Vo,sense Vo GND GND VIN VIN TRIM ON/OFF
LINEAGE POWER
17
Data Sheet September 9, 2008
Austin SuperLynxTM SIP Non-isolated Power Modules: 3.0 - 5.5Vdc Input; 0.75Vdc to 3.63Vdc Output; 16A output current
Ordering Information
Please contact your Lineage Power Sales Representative for pricing, availability and optional features. Table 3. Device Codes Product codes AXH016A0X3 AXH016A0X3Z AXH016A0X3-12* Input Voltage 3.0 - 5.5Vdc 3.0 - 5.5Vdc 3.0 - 5.5Vdc Output Voltage 0.75 - 3.3Vdc 0.75 - 3.3Vdc 0.75 - 3.3Vdc Output Current 16A 16A 16A Efficiency 3.3V @ 16A 95.0% 95.0% 95.0% Connector Type SIP SIP SIP Comcodes 108979592 CC109104964 108993434
* Special code, consult factory before ordering
The -12 code has a 100 resistor between sense and output pins, internal to the module. Standard code, without the -12 suffix, has a 10 resistor between sense and output pins. -Z refers to RoHS-compliant versions. Table 4. Device Option Option** Long Pins 5.08 mm 0.25mm (0.200 in. 0.010 in.)
*** When adding multiple options to the product code, add suffix numbers in the descending order
Suffix*** 5
** Contact Lineage Power Sales Representative for availability of these options, samples, minimum order quantity and lead times
Asia-Pacific Headquarters Tel: +65 6416 4283 Europe, Middle-East and Africa Headquarters Tel: +49 89 6089 286 India Headquarters Tel: +91 80 28411633
World Wide Headquarters Lineage Power Corporation 3000 Skyline Drive, Mesquite, TX 75149, USA +1-800-526-7819 (Outside U.S.A.: +1-972-284-2626) www.lineagepower.com e-mail: techsupport1@lineagepower.com
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information. (c) 2008 Lineage Power Corporation, (Mesquite, Texas) All International Rights Reserved.
LINEAGE POWER
18
Document No: DS03-085 ver. 1.52 PDF name: austin-superlynx-sip-ds.pdf


▲Up To Search▲   

 
Price & Availability of AXH016A0X3-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X