Part Number Hot Search : 
BA526 74F148CW SRF860CT BC807 SH682K AM186ED 682K10 U1N60
Product Description
Full Text Search
 

To Download ATP24BSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount Quartz Crystal FEATURES
* Plastic Molded Metal Cylinder Crystal Package * Stable Frequency Over Temperature and Drive Level * Fundamental and 3rd Overtone Crystals * Frequency Range 3.5 - 40 MHz * Frequency Tolerance, 50 ppm Standard * Frequency Stability, 50 ppm Standard * Operating Temperature, -20C to +70C * Tape & Reel Packaging Available * RoHS Compliant * RoHS Exemption
ATP-SM
Per EU Directive 2002/95/EC Annex, Section 7: Lead in high temperature solders (+85% lead).
DESCRIPTION
The ATP-SM crystal series offers excellent longterm stability and reliability in a proven plastic molded package. The excellent shock performance makes it suitable for today's microprocessor, communication, consumer electronic and networking applications.
STANDARD PART NUMBERS AVAILABLE @ CTS DISTRIBUTORS
ATP-SM PART NUMBER ATP036SM ATP037SM ATP040SM ATP042SM ATP060SM ATP10ASM ATP111SM FREQUENCY
(MHz)
ATP-SM LOAD OPERATING CAPACITANCE MODE Fundamental 18 pF 20 pF Fundamental 20 pF Fundamental 20 pF Fundamental 20 pF Fundamental 20 pF Fundamental 20 pF Fundamental PART NUMBER ATP122SM ATP143SM ATP160SM ATP16ASM ATP200SM ATP204SM ATP245SM FREQUENCY
(MHz)
3.579545 3.686400 4.000000 4.915200 6.000000 10.000000 11.059200
12.288000 14.318180 16.000000 16.000000 20.000000 20.480000 24.576000
LOAD OPERATING CAPACITANCE MODE 20 pF Fundamental Series Fundamental Series Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental Series Fundamental
Contact your authorized CTS distributor for availability.
Document No. 008-0325-0
Page 1 - 4
Rev. A
CTS Electronic Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 www.ctscorp.com
Low Cost Quartz Crystal
ATP-SM
ADDITIONAL PART NUMBERS AVAILABLE FROM CTS
ATP-SM PART NUMBER ATP04ASM ATP044SM ATP050SM ATP061SM ATP073SM ATP080SM ATP08ASM ATP08BSM ATP098SM ATP099SM ATP100SM ATP115SM ATP120SM ATP12ASM ATP125SM ATP123SM ATP124SM ATP126SM ATP127SM ATP135SM FREQUENCY
(MHz)
ATP-SM LOAD OPERATING CAPACITANCE MODE Series Fundamental 20 pF Fundamental 20 pF Fundamental 20 pF Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental 30 pF Fundamental 20 pF Fundamental Series Fundamental Series Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental Series Fundamental Series Fundamental 20 pF Fundamental 20 pF Fundamental PART NUMBER ATP14ASM ATP153SM ATP169SM ATP184SM ATP18ASM ATP196SM ATP19ASM ATP20ASM ATP20BSM ATP220SM ATP22ASM ATP240SM ATP24ASM ATP24BSM ATP250SM ATP25ASM ATP320SM ATP32ASM ATP400SM ATP40ASM FREQUENCY
(MHz)
4.000000 4.433619 5.068800 6.144000 7.372800 8.000000 8.000000 8.192000 9.830400 9.830400 10.000000 11.520000 12.000000 12.000000 12.288000 12.296000 12.296000 12.352000 12.352000 13.500000
14.318180 15.360000 16.934400 18.432000 18.432000 19.660800 19.660800 20.000000 20.000000 22.118400 22.118400 24.000000 24.000000 24.576000 25.000000 25.000000 32.000000 32.000000 40.000000 40.000000
LOAD OPERATING CAPACITANCE MODE Fundamental 20 pF 20 pF Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental 20 pF Fundamental 50 pF Fundamental Series Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental 20 pF Fundamental Series Fundamental 20 pF Fundamental Series 3RD Overtone 20 pF 3RD Overtone Series 3RD Overtone 20 pF 3RD Overtone
Contact your local CTS Representative or CTS Customer Service for availability.
ADDITIONAL ORDERING INFORMATION
Available Standard Product Options
ATP SM PRODUCT OPTIONS Blank - Bulk Packaging 1 - Tape and Reel Packaging FREQUENCY Product Frequency Code. Refer to Product Part Number Tables.
NON-Standard Ordering Options
Custom performance characteristics are available upon request. Use form C052 to detail non-standard parameters. Contact your local CTS Representative or CTS Customer Service for assistance.
Document No. 008-0325-0
Page 2 - 4
Rev. A
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
Low Cost Quartz Crystal
ATP-SM
ELECTRICAL CHARACTERISTICS
PARAMETER Operating Mode Crystal Cut Frequency Range Frequency Tolerance @ 25C Frequency Stability Tolerance
(Operating Temperature Range, Referenced to 25C Reading)
Electrical Parameters
VALUE Fundamental or 3rd Overtone AT-Cut Characteristics 3.5 MHz to 40.0 MHz 50 ppm Standard * 50 ppm Standard * -20C to +70C * -55C to +125C See ESR Table See Standard Part Number Tables * 7.0 pF Maximum 10 W Typical, 100 W Maximum +255C 5C, 10 Seconds Maximum
Operating Temperature Range Storage Temperature Range Equivalent Series Resistance Load Capacitance or Resonance Mode Shunt Capacitance (C0) Drive Level Reflow Condition, per JEDEC J-STD-020
* Custom requirements are available upon request. Use form C052 to communicate crystal parameters. Contact your local CTS Representative or CTS Customer Service for assistance.
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE 3.50 MHz - < 4.00 MHz 4.00 MHz - < 6.00 MHz 6.00 MHz - < 10.00 MHz 10.0 MHz - < 27.00 MHz 27.00 MHz - < 36.00 MHz 27.00 MHz - < 36.00 MHz 36.00 MHz - 40.00 MHz MODE of OSCILLATION Fundamental Fundamental Fundamental Fundamental Fundamental 3RD Overtone 3RD Overtone ESR Maximum 200 Ohms 150 Ohms 100 Ohms 50 Ohms 50 Ohms 100 Ohms 80 Ohms
MECHANICAL SPECIFICATIONS
ATS-SM PACKAGE DRAWING
( 12.5 ) Max 0.49 4 3 4 3
MARKING INFORMATION 1. CTS Part Number. 2. ** - Manufacturing Site Code. 3. YYWW - Date Code, YY - year, WW - week. 4. CTS part number, frequency value and date code information must appear on reel and box labels.
( 4.6 ) Max 0.18
ATPXXXSM CTS ** YYWW
1 2 1 2
NOTES 1.
Lead finish (e5), SnZnCu.
( 9.4 0.1 ) 0.37 0.004
SUGGESTED SOLDER PAD GEOMETRY
0.071 [1.80]
( 3.7 ) Max 0.15
0.071 [1.80] 4 3 0.138 [3.50]
( 0.8 ) 0.03
( 0.8 ) 0.03 Key: ( MM ) Inch
1 0.370 [9.40]
2
Key:
[mm] Inch
Document No. 008-0325-0
Page 3 - 4
Rev. A
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
Low Cost Quartz Crystal
ATP-SM
PACKAGING INFORMATION
DIMENSIONS IN MILLIMETERS 25.5 O13.0 4.0 12.0 O1.50 1.75 3.9 120 2.0
11.5 24.0 O100 O330
4.0 O21.0 DIRECTION OF FEED
Device quantity is 1,000 pieces per reel.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle: Mechanical Shock: Sinusoidal Vibration: Gross Leak: Fine Leak: Resistance to Solder Heat: High Temperature Operating Bias: Frequency Aging: Insulation Resistance: Moisture Sensitivity Level: 400 cycles from -55C to +125C, 10 minute dwell at each temperature, 1 minute transfer time between temperatures. 1,500g's, 0.5mS duration, 1/2 sinewave, 3 shocks each direction along 3 mutually perpendicular planes (18 total shocks). 0.06 inches double amplitude, 10 to 55 Hz and 20g's, 55 to 2,000 Hz, 3 cycles each in 3 mutually perpendicular planes (9 times total). No leak shall appear while immersed in an FC40 or equivalent liquid at +125C for 20 seconds. Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent. Product must survive 3 reflows of +260C peak, 10 seconds maximum. 2,000 hours at +125C, disregarding frequency shift. 1,000 hours at +85C, maximum 5 ppm shift. 500M Ohms @ 100VDC 15VDC. Level 1 per JEDEC J-STD-020.
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
Document No. 008-0325-0
Page 4 - 4
Rev. A
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108


▲Up To Search▲   

 
Price & Availability of ATP24BSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X