Part Number Hot Search : 
2N5046 4HC74A FS4000 256WMW3G T74251B MV202 SKN71 MS51CA
Product Description
Full Text Search
 

To Download AT7908E09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Designed in Accordance with CAN Specification 2.0B * CAN 2.0B Protocol Functions * 4 Different Data Rates Using an Internal Programmable Prescaler * * * * *
- 1 Mbit/s, 500 kbit/s, 250 kbit/s, 125 kbit/s 16 MHz Cycle Frequency Power-down: Sleep Mode CAN Bus Line Arbitration All Required CAN Functions: Error Handling: - Stuff Bit Generation - CRC Generation - Acknowledge Generation - Remote Frame 1 TX Buffer and 3 RX Buffer 3 Individual Acceptance Filtering Interrupt Outputs Can be Generated for the Following Events - Telegram Sent Successfully - Telegram Received Successfully - Receive Buffer Overflow - Bus Off Condition - Error Passive Condition Technology: Atmel MG2RTP Radiation Hardened Sea of Gate 0.5 um Type: Semi-Custom Digital 5V Operating Frequency: 16 MHz (Test Frequency is 10MHz) Maximum Frequency: 18 MHz No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2 Tested up to a Total Dose of 300 Krads(si) According to MIL STD 883 Method 1019 QML-Q and V with SMD 5962-03A06 Package: MLCC 44 pins
* * *
CAN Controller for Space Application AT7908E
* * * * * * * *
Description
The AT7908E is a CAN controller stand-alone device for space application. Redundant structures and special techniques are implemented in order to make the device SEU tolerant. The AT7908E CAN core provides all CAN 2.0B protocol functions except the overload frame generation. It includes the acceptance filtering. The core incorporates error-handling capabilities, the stuff bit generation, CRC, multiple sample points and remote frame generation. The AT7908E provides a programmable MCU 8bit general-purpose interface to connect receive and transmit buffer, control register and status register to CPU. The AT7908E was designed by Aurelia Microelettronica S.p.A., Italy, and the chip is known as CASA (CAN ASIC for Space Application).
4268D-AERO-11/09
1
Signal Pins Description
Pin Number 9 8 11 13 10 23 22 16 5, 4, 3, 2, 44, 43, 42, 41 38, 37, 36, 35, 33, 32, 31, 30 25 27 19 14 15 26 20 Signal Name Mode Cs Wr Rd ALE Xtalin Xtalout Reset addr<7:0> Data<7:0> Int Can_tx Can_rx sena test hatrig hasync Type I - CMOS I - CMOS I - CMOS I - CMOS I - CMOS I - CMOS IO - CMOS I - CMOS I - CMOS IO - CMOS O - CMOS O - CMOS I - CMOS I - CMOS I - CMOS O - CMOS O - CMOS AH AH AH AH AL AL AH AL AL AH Note Description Interface operational mode Chip select signal Write signal Read signal Address latch enable Input to internal oscillators or clock input from external oscillator Output from internal oscillator reset signal Input address(mode1) or output address(mode 0) Address data bus interrupt request tx signal rx signal scan enable input signal to increase testability Output signal to trigger the message matching Output synchronization signal
Note:
Abbreviations: O = output, I = input, IO = bi-directional I/O, AL = Active Low, AH = Active High.
2
AT7908E
4268D-AERO-11/09
AT7908E
Oscillator
Xtalin and Xtalout are IOs of an internal inverting oscillator. To use the internal oscillator, the quartz must be connected between Xtalin and Xtalout pins. To drive the device with an external clock source, Xtalin must be driven by clock signal and Xtalout must be left unconnected. The maximum operating frequency of the oscillator, in open-loop mode(without crystal) with 6 pF load on Xtalout at worst condition (Process slow, temperature = 145C, Power supply = 4.5V ) is 60 MHz. The IO level of Xtalin and Xtalout are CMOS levels. The internal clock could be put on off condition with external pins SENA = logical value 1 and TEST = logical value 0.
Reset Specification
The reset pin must be driven low for at least 3 clock cycles ( 190 ns at 16 MHz). The reset signal must be driven low at power on of the AT7908E for at least 200 ns to avoid abnormal start condition of the AT7908E device.
3
4268D-AERO-11/09
Electrical Characteristics
Absolute Maximum Ratings
Ambient temperature under bias (TA)... Military -55 to +125C Junction temperature .....................................................175C Storage temperature .........................................-65 to +150C *NOTICE: Stresses above those listed may cause permanent damages to the device. Exposure to absolute maximum rating conditions for extended period may affect device reliability.
Power Dissipation: ..........................................0.3W Themal Resistance Junction to Case: ...........5.1C/W
TTL/CMOS : Supply voltage ........................................... VDD -0.5V to +6V I/O voltage ............................................. -0.5V to VDD + 0.5V
DC Characteristics
Specified at VDD = +5V +/- 10%
Symbol VIL VIH VOL VOH IL IOZ IOS Parameter Input LOW voltage CMOS input Input HIGH voltage CMOS input Output LOW voltage CMOS Output Output HIGH voltage CMOS Output Input Leakage current NO Pull up/down 3-State Output Leakage current Output Short circuit current IOSN IOSP 24 18 mA mA +/- 1 +/-1 +/- 5 +/-5 mA mA BOUT6 VOUT = 4.5V VOUT = VSS 3.9 V 0.4 V 0.7VDD VDD V IOL = +6 mA (1) IOH = -6 mA (1) 0 0.3VDD V Min Typ Max Unit Conditions
Note:
1. According to the following buffers: BOUT6, BIOC6 @ VDD = 4.5V
4
AT7908E
4268D-AERO-11/09
AT7908E
AC Characteristics
Tj = 125 C, Process typical (all values in ns)
Tp Output Signals Can_tx Int Hasync Hatrig Set up Data<7:0>/Ale Hold Data<7:0>/Ale BIOC6: Bi-directional Buffer CMOS input 75 pF BOUT6: Output buffer with 6 mA drive 75 pF Buffer Description Load Xtalin to Output High 29 25 26 5 6 19 Tp Xtalin to Output Low Set Up or Hold
Power Consumption
Parameter DC Curent Dissipation Max 50 mA @ 5V Min Note CLK frequency = 16 MHz
Technology
MG2RTP 0.5 mm 3 Metal Layers Sea of Gate. Matrix: MG2 -044: 33K usable gates. Package: MLCC_J44: Ceramic Multi layer Package
Application
The core architecture has been implemented taking into account the typical constraints of a space application: * * * * * No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2 Tested up to a Total Dose of 300 Krads(si) According to MIL STD 883 Method 1019 Design using the SEU hardened flip flops Sleep mode for low power consumption Insertion of test structures (internal scan chain) to reach a fault coverage > 95% according to ESA specification
5
4268D-AERO-11/09
Functional Description
The AT7908E is an integrated device that performs serial communications according to the CAN protocol. The CAN protocol uses a multi-master bus configuration to transfer data packets between nodes on a network. It supports both, standard and extended, message frame formats as CAN Specification 2.0B. It can transmit and receive with 29 identifier bits and it can filter the first eleven bits of the receiving message (the filtering function is performed only on eleven bits). The AT7908E has one transmit buffer and three receiving buffers. The filtering function is individual for every RX message buffer. Every RX message buffer is formed by an identifier (29 bits long), by the data and by the status register that store the status of the receiver buffer. The identifier permits to filter the receiving message together with the global mask that implements the don't care condition. A message is accepted and stored in the RX message buffer only if the identifier of the incoming message (first eleven bits) matches the identifier in the RX message buffer. If the receiving message matches more than one identifier, the message is stored in the lowest numbered message buffer. The AT7908E implements a global acceptance-masking feature for the message filtering. The AT7908E was developed to have a programmable general-purpose MCU interface. The MCU interface permits to program the internal register of the AT7908E and to read out the status of the controller and the received messages. The schematic representation of the AT7908E is shown in Fig. 1.
Figure 1. Block Schematic of AT7908E
Mode sena test
CS WR RD ALE addr<7:0> data_add<7:0>
XTALIN reset xtalout int
CAN Receiver
MCU INTERFACE
can_rx
CRC Calculator
crc_calculator
Error Counters
error counters
Synchronizer
CAN Transmitter
can_tx
Stuff Handler
Error_frame_gen
cantx canrx hatrig hasync To transmit a CAN message, the MCU must write in the interface internal registers the data and the configuration signals. The message bus (0 to 101) goes to can_tx that generates the output signal to the transceiver can_tx and the signals for crc_calculator and for error_counters. The crc_calculator block calculates the CRC on the received message and, if the CAN is in Transmission State, sends the CRC to can_tx. If the CAN is receiving the message, the CRC is sent to can_rx (CRC<0:14>) that checks if the calculated CRC matches the received CRC.
6
AT7908E
4268D-AERO-11/09
AT7908E
The error_counters block is a counter that receives signals from can_tx and can_rx to calculate the error state of the CAN. If the number of errors is higher than 127, the AT7908E will be on the error passive state. If error counters is higher than 255, the AT7908E will be on the bus-off state. The synchronizer block synchronizes the controller with the can_rx incoming signal and generates the internal clock and reset signals for the other blocks of the controller. The stuff handler block handles the stuff bit generation, compliant with the standard BOSCH 2.0B specification. error_frame_gen block generates the error frame on the bus. In the next sections, the interface block, the internal registers and the operational modes of the AT7908E will be described. Transmission of Message To transmit a message on the bus, the controller must program the configuration registers of the AT7908E (interrupt generator configuration, data rate, bit timing configuration, message length) and the transmit buffer. After this, the controller must write in the internal register the bit (Txreq=1) to start the transmission. At this point, the Transmit message buffer is sent to the bus line. At every moment the external MCU can readout the status of the controller (error condition, bus-off condition, transmission active or transmission OK). The incoming message passes through the global mask and is checked with the identifier of the first receiver message buffer. If the message is accepted, the data will be stored in the first message buffer and the status of the receiver message objects will be updated with the information of the received message: length of message, extended or standard frame message, reception OK or overrun condition. The incoming message is stored in the message buffer at the end of the END of FRAME field (7 recessive bits). If the incoming message is a remote frame request from another CAN node, the incoming remote request will not be stored on the RX message buffer. Remote Frame The AT7908E supports remote frame features. To send on the bus a remote frame request, the MCU must write two internal bits of SETUP register (TMRMR=1 and TXRM=0). The arbitration registers of the transmitter message buffer must have the identifier for the remote frame request. The start of the remote frame request will be performed when the transmission request is set by the MCU on the AT7908E. The AT7908E that receives a REMOTE FRAME request (RTR bit =recessive) that matches the identifier stored on own TX_arbitration register (filtering functionality with don't care feature) send on the bus the TX message buffer as an answer to the remote frame request. To answer the remote frame request, the AT7908E must be pre-programmed with two bits of the internal register: TMRMR=0 and TXRM=1. The TX arbitration register must be initialized with the message identifier to which to answer and the transmitter data buffer must be loaded with the data to be sent as the answer to the remote frame request. The transmission request must be set as: Answer to remote request if for i = 28 down to 18 ("MsgID(i)" XOR" TX_arbitration (i) )AND "Accept. Mask(i)" = 0 Filtering of Message The filtering function is implemented with a global mask and the arbitration register of the receiver message buffers. The Global Mask permits to define the don't care bit on the filtering operation. The incoming message ID (msg_ID(28:18) is checked (xor) with
Incoming Message
7
4268D-AERO-11/09
the identifier stored in the message buffers (RXn_ARB0, RXn_ARB1). The result is masker able (logic AND operation) with global mask (FILTER_AM_0, FILTER_AM_1). Message Valid if for i = 28 downto 18 ("MsgID(i)" XOR" RXn_arbitration (i) )AND "Accept. Mask(i)" = 0 If the incoming message is filtered out from the first message buffer, the arbitration field of the incoming message is checked with the identifier of the second message buffer, and if filtered out, with the identifier of the third message buffer. The global mask feature (used to accept a set of incoming messages) permits that the incoming message could match with all the three-messages buffers but the received message is stored on the lowest numbered message buffer. Interrupt Generation The interrupt generation on the INT pin can be programmed by the external MCU writing the internal configuration register. Interrupt can be generated for: * * * * * Either message correctly transmitted Or message correctly received ( data frame, not remote frame reception). Or overrun condition on the rx message buffer Or bus-off condition Or error passive condition
In the SETUP register, it is possible to configure which kind of interrupt will be generated by the AT7908E device. Fault Confinement and Error Counters The two internal error counters are readable from the external MCU to check the error status of the CAN controller. The error counter operates according to the Fault Confinement rules of the CAN Specification 2.0B, exception included. This means that if there is only one node of the AT7908E connected on the BUS and this node starts to transmit message, it meets the error passive condition but not the bus-off condition, because the transmitter error counter will no longer be incremented for acknowledge error when it is in error passive state. The trigger match function is a feature implemented to generate the HATRIG signal (a pulse for a clock cycle) if the Identifier of the incoming message matches the TRIGGER_MATCH register value. The incoming message identifier(msg_id28 down to msg_id18) is checked with the TM28 down to the TM18 bits of the TRIGGER_MATCH registers. This function is independent from the filtration of message and from the interrupt generation. The HATRIG signal, together with the CAN node, regularly generating the appropriate frame, could be used to force the bus switching in a system with two physical bus used as nominal and redundant.
Trigger Match Function
8
AT7908E
4268D-AERO-11/09
AT7908E
Detailed Pin Description
Input pin to select the operational mode of the interface: mode = 0 : 8 bits of the data bus multiplexed with the lowest 8 bits of the address(register mapped between 8000Hex and 804Chex) mode = 1 : 8 bits not multiplexed with the address data bus ( register mapped between 00 Hex and 4C Hex) Chip select pin to write or read the internal register. A high level on this pin enables the CPU to access the AT7908E. Pin to write the internal register. A low level on this pin enables the writing of the AT7908E register (if CS signal is HIGH). Pin to read the internal register. A low level on this pin enables the readout of the AT7908E register (if CS signal is HIGH). Address-latch-enable. Used in mode=0. Input pin for the clock. XTALIN, with XTALOUT, are the crystal connections for the internal oscillator. Input output pin. This pin could be used as the input, together with XTALIN, for the internal oscillator or as the clock output to drive the CPU. Reset signal for the AT7908E. To reset the AT7908E, this signal must be set low. Bi-directional bus: Multiplexed data/address bus in the mode 0 or data bus in the mode1. Highest input address in the mode0 or lowest input address in the mode 1. Output pin for the interrupt request to the MCU. This pin is active low (interrupt generation) and will be kept low until the MCU clears the interrupt request on AT7908E. Serial output pin to the CAN transceiver (dominant=`0', recessive=`1') Serial input from the CAN transceiver (dominant=`0', recessive=`1'). Input signal to enable the scan-test (with test = 1) or to put the AT7908E on power down mode (with test signal = 0). To use the AT7908E in normal functional mode, this signal must be logical 0. Input signal to increase the testability. This pin will be used in the test modality. Test = 1 => test mode (used by the manufacturer that executes the test of the device. Test = 0 => functional mode ( if SENA =0) or power down mode ( if SENA =1). Output signal that will be set high (duration of the pulse = 13 clock cycles) if the received message arbitration matches the TRIGGER_MATCH register (independently from the matching between the arbitration of the incoming message and the identifier of the message buffers). This pin could be used for the bus switching in a system with two physical buses (nominal and redundant). Output signal that could be used to advise that the node started to transmit a message or started to receive a message (duration of the pulse = 13 clock cycles).
MODE CS WR RD ALE XTALIN XTALOUT RESET DATA<7:0> ADDR<7:0> INT CAN_TX CAN_RX SENA
TEST
HATRIG HASYNC
Internal Register Description
Type R = read Register Name
SETUP_0 SETUP_1 SETUP_2 SETUP_3 SETUP_RX
R/W = read/write
R/W R/W R/W R/W R/W
Address Hex
00 01 02 03 04 BPR1 Disabled PS2_3 RxClr reserved BPR0 TXRM PS2_2 Reset reserved Gensync Tx TXEM PS2_1 IntClr reserved
Register function ( bit7... bit0)
Gensync Rx TMRMR PS2_0 AbortTx Reserved Errint TXDLC3 PS1_3 Txreq reserved Overint TXDLC1 PS1_2 RSJ2 Rxclr3 Rxint TXDLC1 PS1_1 RSJ1 Rxclr2 Txint TXDLC0 PS1_0 RSJ0 Rxclr1
9
4268D-AERO-11/09
STATUS STATUS_RX FILTER_AM_0 FILTER_AM_1 ERR_COUNT_TX ERR_COUNT_RX TRIG_MATCH_0 TRIG_MATCH_1 TX_ARB_0 TX_ARB_1 TX_ARB_2 TX_ARB_3 TX_MESSAGE_0 TX_MESSAGE_1 TX_MESSAGE_2 TX_MESSAGE_3 TX_MESSAGE_4 TX_MESSAGE_5 TX_MESSAGE_6 TX_MESSAGE_7 RX1_ARB_0 RX1_ARB_1 RX1_ARB_2 RX1_ARB_3 RX1_MESSAGE_0 RX1_MESSAGE_1 RX1_MESSAGE_2 RX1_MESSAGE_3 RX1_MESSAGE_4 RX1_MESSAGE_5 RX1_MESSAGE_6 RX1_MESSAGE_7 RX1_STATUS RX2_ARB_0 RX2_ARB_1 RX2_ARB_2 RX2_ARB_3 RX2_MESSAGE_0 RX2_MESSAGE_1 RX2_MESSAGE_2 RX2_MESSAGE_3 RX2_MESSAGE_4
R R R/W R/W R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R R R R R R R R R R R/W R/W R R R R R R R
05 06 07 08 09 0A 0B 0C 10 11 12 13 14 15 16 17 18 19 1A 1B 20 21 22 23 24 25 26 27 28 29 2A 2B 2C 30 31 32 33 34 35 36 37 38
SyncTx reserved
SyncRx Rxovr3
Rxbuf1 Rxovr2
Rxbuf0 Rxovr1
TxOK reserved
TxActive RXOK3
ErrPass RXOK2
BusOff RXOK1
Filter Mask: AM28:AM21 Filter Mask: AM20:AM18 & 3 reserved bit Transmitter error counter Receiver error counter Trigger match register TM28..TM21 Trigger match register TM20, TM19, TM18 & 5 reserved bit Tx Arbitration register - TXARB28:TXARB21 Tx Arbitration register - TXARB20:TXARB13 Tx Arbitration register - TXARB12:TXARB5 Tx Arbitration register - TXARB4: TXARB0 & 3 reserved bit Tx Data byte 0 Tx Data byte 1 Tx Data byte 2 Tx Data byte 3 Tx Data byte 4 Tx Data byte 5 Tx Data byte 6 Tx Data byte 7 Rx1 buffer Arbitration register - RX1ARB28:RX1ARB21 Rx1 buffer Arbitration register - RX1ARB20:RX1ARB13 Rx1 buffer Arbitration register - RX1ARB12:RX1ARB5 Rx1 buffer Arbitration register- RX1ARB4:RX1ARB0 & 3 reserved bit Rx1 buffer Data byte 0 Rx1 buffer Data byte 1 Rx1 buffer Data byte 2 Rx1 buffer Data byte 3 Rx1 buffer Data byte 4 Rx1 buffer Data byte 5 Rx1 buffer Data byte 6 Rx1 buffer Data byte 7 RX1 reserved RX1 reserved RX1 reserved
RX1 Extfr
Rx1 DLC3
Rx1 DLC2
Rx1 DLC1
Rx1 DLC0
Rx2 buffer Arbitration register - RX2ARB28:RX2ARB21 Rx2 buffer Arbitration register - RX2ARB20:RX2ARB13 Rx2 buffer Arbitration register - RX2ARB12:RX2ARB5 Rx2 buffer Arbitration register- RX2ARB4: RX2ARB0 & 3 reserved bit Rx2 buffer Data byte 0 Rx2 buffer Data byte 1 Rx2 buffer Data byte 2 Rx2 buffer Data byte 3 Rx2 buffer Data byte 4
10
AT7908E
4268D-AERO-11/09
AT7908E
RX2_MESSAGE_5 RX2_MESSAGE_6 RX2_MESSAGE_7 RX2_STATUS RX3_ARB_0 RX3_ARB_1 RX3_ARB_2 RX3_ARB_3 RX3_MESSAGE_0 RX3_MESSAGE_1 RX3_MESSAGE_2 RX3_MESSAGE_3 RX3_MESSAGE_4 RX3_MESSAGE_5 RX3_MESSAGE_6 RX3_MESSAGE_7 RX3_STATUS R R R R R/W R/W R R R R R R R R R R R 39 3A 3B 3C 40 41 42 43 44 45 46 47 48 49 4A 4B 4C Rx2 buffer Data byte 5 Rx2 buffer Data byte 6 Rx2 buffer Data byte 7 RX2 reserved RX3 reserved RX3 Reserved
RX2 Extfr
Rx2 DLC3
Rx2 DLC2
Rx2 DLC1
Rx2 DLC0
Rx3 buffer Arbitration register - RX3ARB28:RX3ARB21 Rx3 buffer Arbitration register - RX3ARB20:RX3ARB13 Rx3 buffer Arbitration register - RX3ARB12:RX3ARB5 Rx3 buffer Arbitration register- RX3ARB4:RX3ARB0 & 3 reserved bit Rx3 buffer Data byte 0 Rx3 buffer Data byte 1 Rx3 buffer Data byte 2 Rx3 buffer Data byte 3 Rx3 buffer Data byte 4 Rx3 buffer Data byte 5 Rx3 buffer Data byte 6 Rx3 buffer Data byte 7 RX3 reserved RX3 reserved RX3 reserved
RX3 Extfr
Rx3 DLC3
Rx3 DLC2
Rx3 DLC1
Rx3 DLC0
Setup Registers
The five 8 bits SETUP registers are used to set specific CAN configurations. The 5 bits shown in grey on SETUP_3 register and the 3 bits on SETUP_RX register are not written directly inside the interface but are used to perform reset or other actions. Txint: active high, the AT7908E generates the interrupt on the INT line after a successful transmission. Rxint: active high, the AT7908E generates one interrupt on the INT line after a successful data frame reception. Overint: active high, the AT7908E generates the interrupt on the INT line if the receiver buffer (number n) has not been cleared(with RxClr) before the next valid message for the same receiver buffer. Errint: active high, the AT7908E generates the interrupt on the INT line if there's an error condition on the CAN Controller (bus-off or error-passive). GensyncRx: the AT7908E generates a pulse on the hasync output signal when a receiving message is detected. GensyncTx: the AT7908E generates a pulse on the hasync output signal when a sync pulse on the transmitting message is detected. BPR0-BPR1: 2 bits to program the CAN clock pre-scaler (4 different system clocks of the CAN Core). In the next table, it is possible to see the different values of the system clock depending on the bits BPR0 and BPR1.
SETUP_0 :
11
4268D-AERO-11/09
BPR0
BPR1
System clock frequency
0 0 1 1
0 1 0 1
fosc fosc/2 fosc/4 fosc/8
SETUP_1:
TXDLC<3:0>: length of the transmitted message. TMRMR: Active High, establishes if the transmitted message is a remote frame (if TXRM=0). TXEM: active high, it establishes if the transmitted message is an extended frame. TXRM: Active high, it establishes if the controller answers to the remote frame request (if TMRMR=0). Disabled: active high, by setting this bit, the CAN controller is disabled and disconnected from the bus. This condition could be used to set the other registers safely. The error counter values, when this bit is active, will be frozen at the last value.
SETUP_2:
PS1_3 ... PS1_0: these 4 bits are the phase segment length 1 (acceptable value 1:15). The default value of this register (value after reset) is 9 decimal. PS2_3 ... PS2_0: these 4 bits are the phase segment length 2 (acceptable value 1:8). The default value of this register (value after reset) is 5 decimal.
SETUP_3 :
RSJ_2 ... RSJ_0: 3 bits for the re-synchronization jump (correct value 1:4). The default value is 2. Txreq: when this bit is set high, the AT7908E sends on the CAN bus the message contained in the TX buffer. This bit must be written from the MCU to start the transmission. AbortTx: this bit must be set to inform the interface that the transmission request has to be aborted. The error counter values are not reset when this bit is set. IntClr: this bit resets the INT signal of the device and clears the SyncTx and SyncRx bits of the STATUS register. Reset: active high, this signal must be set to reset the CAN controller. The error condition is cleared and also the counter values. RxClr: active high, this bit is set to clear all RXOKn and RXOVRn bits on the status register of the receiver message buffers (STATUS_RX).
SETUP_RX Register
RxClr3: active high, this bit is set to clear the RXOK3 and RXOVR3 bits on the status register of the receiver message buffer (STATUS_RX). This bit must be set after the read out operation of the received message otherwise, at the next reception on the same RX message buffer, an overrun condition is raised. RxClr2: active high, this bit is set to clear the RXOK2 and RXOVR2 bits on the status register of the receiver message buffers. This bit must be set after the read out operation of the received message otherwise, at the next reception on the same RX message buffer, an overrun condition is raised.
12
AT7908E
4268D-AERO-11/09
AT7908E
RxClr1: active high, this bit is set to clear the RXOK1 and RXOVR1 bits on the status register of the receiver message buffers. This bit must be set after the read out operation of the received message otherwise, at the next reception on the same RX message buffer, an overrun condition is raised. Status Registers STATUS_0 BusOff: this bit indicates that the CAN controller has reached a bus off condition. ErrPass: this bit indicates that the CAN controller has reached an error passive condition. TxActive: this bit signals that there is an active transmission. TxOK: this bit indicates that the transmission has been successfully terminated. This bit is reset automatically when the TXREQ bit on the SETUP_3 register is set. Rxbuf1:Rxbuf0: these bits indicate which receiver buffer received a message: 00 : message filtered out 01 : message received by RX1 buffer 10 : message received by RX2 buffer 11 : message received by RX3 buffer SyncRx: this bit indicates that a pulse on the sync bit of the received message has been generated. SyncTx: this bit indicates that a pulse on the sync bit of the transmitted message has been generated. STATUS_RX: RXOVR3: This bit indicates an overrun condition (a new message received on the message buffer 3 with RXOK3 not cleared). RXOVR2: This bit indicates an overrun condition (a new message received on the message buffer 2 with RXOK2 not cleared). RXOVR1: This bit indicates an overrun condition (a new message received on the message buffer 1 with RXOK1 not cleared). RXOK3: This bit indicates (active high) that the data frame message has been received correctly by the third message buffer. RXOK2: This bit indicates (active high) that the data frame message has been received correctly by the second message buffer. RXOK1: This bit indicates (active high) that the data frame message has been received correctly by the first message buffer. Filter Registers The 2 filter registers are used (together with the arbitration register of the receiver buffers or the arbitration registers of the transmit buffer to answer to the remote request) to filter out the messages that are not interesting for the receiving software. The filtering function is implemented only on 11 bits of the identifier (message_id28 downto message_id18) but works for both, extended and standard messages. The filtering function is: Message Valid if: for i = 28 downto 18 ("MsgID(i)" XOR "RXnARB(i)" )AND "AM(i)" = 0
13
4268D-AERO-11/09
The Message ID bits that are checked with the arbitration of the receiver buffer bits are the corresponding bits on the Acceptance Mask only if set to 1. This filtering function is implemented for every message buffer. TX Message Buffer The AT7908E CAN controller has one transmitter buffer. The transmitter buffer is composed of 12 registers of 8 bits. The firsts 4 registers are used for the arbitration part that could be of 11 or 29 bits. If the message to transmit is a standard message, the AT7908E will send on the bus the identifier from ARB28 to ARB18. The other 8 registers contain the data byte of the message: TX_ARB0: bits 28 down buffer(TXARB28:TXARB21) TX_ARB1: bits 20 down buffer(TXARB20:TXARB13) to to 21 13 of of the the arbitration arbitration of of the the transmitter transmitter
TX_ARB2: bits 12 down to 5 of the arbitration of the transmitter buffer (TXARB12:TXARB5) TX_ARB3: bits 4 down to 0 of the arbitration of the transmitter buffer (TXARB4:TXARB0) TX_Message_0: first 8 bits data of the transmitter buffer TX_Message_1: second 8 bits data of the transmitter buffer TX_Message_2: third 8 bits data of the transmitter buffer TX_Message_3: fourth 8 bits data of the transmitter buffer TX_Message_4: fifth 8 bits data of the transmitter buffer TX_Message_5: sixth 8 bits data of the transmitter buffer TX_Message_6: seventh 8 bits data of the transmitter buffer TX_Message_7: eighth 8 bits data of the transmitter buffer RX Message Buffers The AT7908E CAN controller has three receiver message buffers. The incoming data frame message will be stored on the message object that matches the incoming ID ( see filtering functionality). If the incoming ID matches more than one ID of the message object, the message will be stored in the lowest numbered message object. The incoming remote request is not stored on the message buffer. The structure of the message buffer is: RXn_STATUS: Status register of the message object n RXn_ARB0: bits 28 down to 21 of the arbitration of the message object n RXn_ARB1: bits 20 down to 13 of the arbitration of the message object n RXn_ARB2: bits 12 down to 5 of the arbitration of the message object n RXn_ARB3: bits 4 down to 0 of the arbitration of the message object n RXn_Message_0: first 8 bits data of the message object n RXn_Message_1: second 8 bits data of the message object n RXn_Message_2: third 8 bits data of the message object n RXn_Message_3: fourth 8 bits data of the message object n RXn_Message_4: fifth 8 bits data of the message object n RXn_Message_5: sixth 8 bits data of the message object n
14
AT7908E
4268D-AERO-11/09
AT7908E
RXn_Message_6: seventh 8 bits data of the message object n RXn_Message_7: eighth 8 bits data of the message object n The following bit composes the RXn_STATUS register of the message buffer: RXn_DLC3:RXn_DLC0: length of the received message (length = RXn_DLC0 +2 x RXn_DLC1 + 4 x RXn_DLC2 + 8 x RXn_DLC3) RXn_extfr: if this bit is high, the received message has an extended identifier. Error Counters Registers Trigger Match Registers The AT7908E has two internal counters for the RX and TX errors. The values of these counters are stored into two registers that can be read from the MCU. The Trigger Match registers are implemented to generate a pulse on the HATRIG output signal when the received message arbitration match the Trigger Match registers (see the trigger match functionality). A bit period is composed of the following three segments: Synchronization segment Timing segment 1 Timing segment 2 The sampling point is at the end of time segment 1. Input signal Figure 2. Bit Time Segments
Bit Timing
SYNC
Timing Segment 1
Timing Segment 2
During the Sync segment (1 system clock cycle = tscl) the edge of the input signal is expected. The Timing segment 1 is programmable from 2 to 16 tscl (see register SETUP_2: PS1_3:PS1_0: TSEG1 =PS1+1) and the end of this segment indicates the sample point. The Timing segment 2 is programmable from 1 to 8 t s cl (register SETUP_2: PS2_3:PS2_0) and this period is used to have extra time for the internal processing after the sample point. The resynchronization Jump Width is used to compensate phase shifts between the oscillator frequency of the different CAN nodes on the network. This value is programmable (see register SETUP_3: RSJ_2:RSJ_0) from 1 to 4 tscl and the value indicates the number of system clock pulses by which the bit period must be shortened or lengthened for resynchronization. If the falling edge of the incoming signal is on the TIMING segment 1, then the Bit period is lengthened (the sample point will be at TSEG1 +RSJ). If the falling edge of the incoming signal is on the Timing segment 2, then the bit period
15
4268D-AERO-11/09
will be shortened (TSEG2 is shortened of RSJ value). The resynchronization mechanism is shown in fig. 3 and fig. 4.
Figure 3. Lengthening a Bit Period
Input signal
SYNC Segment 2
Timing Segment 1
RSJ Timing
Sample point
Figure 4. Shortening a Bit Period
Input signal
SYNC
Timing Segment 1
Timing Segment 2
RSJ
Sample point
Tseg2 will be shortened of RSJ value
The Bit rate of the message on the bus will be:
fosc/(BPR(baud rate prescaler)x(TSEG1 +TSEG2+1)) = = fosc /(BPR(baud rate prescaler) x( PS1 +PS2 +2))
The TSEG1 and TSEG2 lengths must be programmed to respect these conditions:
TSEG1 TSEG2 => PS1 +1 PS2 TSEG2 RSJ => PS2 RSJ
16
AT7908E
4268D-AERO-11/09
AT7908E
Interface Block Description
The AT7908E provides a programmable (with external pin) MCU interface. Two modes can be selected. The first operational mode is an interface with 8-bit multiplexed address data bus (mode = 0) and an internal register addressable with 16-bit of address. In this operational mode, the AT7908E registers are mapped between 8000Hex and 804CHex. The second operational mode (mode =1) is implemented with 8 bit not multiplexed address and data buses. In this mode the internal registers are accessible with 8-bit and are mapped between 00Hex and 4C Hex. The pins for the interface block are:
Selection of the interface modality. This pin must be 0 to use 8 bits multiplexed data address (lowest) to map the AT7908E on the highest address space (8000Hex to 804C Hex). If MODE = 1, the data and addresses are not multiplexed and the registers are mapped on the lowest address space. bi-directional 8-bit address (low address in mode 0) data bus Input Address Latch Enable used for mode 0. Input Chip select to enable the internal registers access (active high). Input Write signal to write the internal registers (active low). Input Read signal to readout the internal registers (active low). Input highest address in mode 0 (used with low address to map the AT7908E register between 8000Hex and 804Chex address space) or input lowest address in mode 1
Mode Data <7:0> ALE CS WR RD
Addr <7:0>
Operational Mode 0
This operational mode is selected with MODE pin = 0. The bus Data_addr <7:0> must be connected to the data/address bus of the MCU. The ALE signal is used to latch the address. This latched address will be the address of the AT7908E internal registers. The bus addr (7:0) will contain the highest address generated by the MCU. The internal AT7908E registers will be accessed only if the 16-bit address generated by the MCU is between 8000 Hex and 804C Hex (the internal Chip Select will be generated). Moreover, to write in the register or to read from the register, the micro-controller must generate the CS (active high), WR, RD and ALE signals and must drive the Data_addr and addr buses. The signal WR must be low for, at least, 3 clock cycles. The data is latched at the rising edge of the clock when CS = 1, WR = 0 and RD = 1. A write cycle is reported in Fig. 5.
17
4268D-AERO-11/09
Figure 5. Mode 0 Write Cycle
MODE Data Addr
ADDR ADD
DATA DATA
High Address = =80 Hex HIGH ADDRESS80 Hex
ALE CS Clock WR
Data write in the internal register
In Fig. 6 are represented the signals to readout the internal register of AT7908E in mode 0
Figure 6. Mode 0 Read Cycle
MODE Data ADDR
DATA DATA HIGH ADDRESS = 80 Hex HIGH ADDRESS =80 Hex
Addr ALE CS RD
In mode 0, the internal registers of the AT7908E are mapped between 8000 Hex and 804C Hex and the lowest 8-bit address are multiplexed with the data.
18
AT7908E
4268D-AERO-11/09
AT7908E
Operational Mode 1
This operational mode is selected with mode pin = 1. This interface operational mode is used to write the AT7908E registers and to readout from the AT7908E with two different 8-bit data and address buses. The ALE input pin is not used and the internal registers are mapped between 00Hex and 4C Hex. The Addr bus will be used as the 8 bits address for the internal registers. To write data on the internal registers, the MCU must control the CS, WR and RD signals of the AT7908E and must drive the addr and data buses. The signal WR must be low for, at least, 3 clock cycles. The data is latched at the rising edge of the clock when CS = 1, WR = 0 and RD = 1. The fig. 7 shows the write cycle in the operational mode 1.
Figure 7. Mode 1 Write Cycle
MODE Data
DATA
DATA
Addr CS Clock WR
LOW ADDRESS
LOW ADDRESS
Data write
Fig. 8 shows a read cycle. To readout the data from the AT7908E internal registers, the MCU must drive CS=1, RD=0, WR=1.
19
4268D-AERO-11/09
Figure 8. Mode 1 Read Cycle
MODE Data DATA
LOW ADDRESS LOW ADDRESS
Addr CS Clock RD
Timing
AC Specification for 8 bit Multiplexed Mode (mode =0)
In this paragraph are provided the AC specification for the AT7908E interface signals in both operational modes. Conditions: VCC = 5V 10%, VSS = 0V, Ta = -55C to +125 C, Cl = 80 pF , Tclk = 100 ns
Symbol Parameter Min Max Note
tAVLL tLLAX tLHLL (*) tLLRL (*) tCHRL tDVWH] (*) tWHQX (*) tWLWH (*) tWHLH (*) tWS tWH (*) tRLRH (*) tRLDV (*) tRHDZ (*)
Address valid to ALE low Address Hold after ALE low ALE HIGH Time ALE low to RD low CS high to RD low Input Data valid to WR High Input data hold after WR high WR pulse width WR high to next ALE high WR setup time before clock WR hold time after clock RD pulse width RD low to data valid Data float after RD High
4 ns 4 ns Tclk 2 Tclk 100 ns 3 Tclk 10 ns 3 Tclk Tclk -3 ns 7 ns 3 Tclk 6 ns 4 ns 82 ns 20 ns
Mode 0 Mode 0 Mode 0 Mode 0 Mode 0 Mode 0, mode 1 Mode 0, mode 1 Mode 0, mode 1
Mode 0, mode 1 Mode 0, mode 1 Mode 0, mode 1 Mode 0, mode 1 Mode 0, mode 1
Note:
1. Guaranteed, not tested.
20
AT7908E
4268D-AERO-11/09
AT7908E
Figure 9. Timing information for interface signals
Data
ADDR
DATA tRLDV DATA
ALE CS RD WR Data Xtalin
tAVLL tLHLL
tLLAX
tLLRL
tRHDZ
tCHRL
tRLRH tWLWR
tWS
ADDR ADDR
tDVWH
tWHQX
tWHLH
DATA in
twh
Interface Internal Structure
This paragraph is intended to explain the implementation of the interface internal structure. In the Figure 10, one can see the realization of the two operational modes and the access to the AT7908E internal registers.
21
4268D-AERO-11/09
Figure 10. Interface Block Scheme
WR RD MODE CS ADDR<7:0>
DECODER
1 CS_CASA CS_INT 0
ALE LATCH ADDR_LATCH<7:0>
1 0
ADDR_REG<7:0>
CASA2 REGISTER
CASA2 CAN_CORE
DATA_ADDR<7:0>
The MCU 80C32 generates DATA<7:0>, ADDR<7:0> (highest 8-bit address for the 16bit external data access), and ALE to latch the lowest address, WR, CS and RD signals. The external data bus is connected to the internal latch block of the AT7908E. The ALE signal latches and extracts the ADDR_LATCH (lowest 8-bit address). The ADDR_LATCH is used to address the internal registers in mode 0 and to generate, with ADDR<7:0> (highest 8-bit address), the internal chip select signal (CS_INT). In mode 0, the access to the internal registers is selected by CS_INT and CS; in mode 1, the access is selected by CS. In mode 1, moreover, the address of the internal register is ADDR<7:0>. The two different operational modes are established by the mode pin that is the selector for the two multiplexers in Figure 5. In Figure 5 are reported, in addition, the other two blocks of the AT7908E device: the AT7908E registers and the AT7908E CAN_CORE.
22
AT7908E
4268D-AERO-11/09
AT7908E
Address Table
In the next table, one can see how the MCU can address the RAM or the internal register of the AT7908E in the operational mode 0.
ADDRESS Generated by the MCU (15 down to 0) Device
0000 - 7FFF Hex 8000 - 800C Hex 8010 - 801B Hex 8020 - 802C Hex 8030 - 803C Hex 8040 - 804C Hex
32 Kword of External RAM AT7908E internal register 00 - 0C Hex (Configuration and status register) AT7908E internal register 10 - 1B Hex Transmitter message buffer AT7908E internal register 20 - 2C Hex First receiver message object AT7908E internal register 30 - 3C Hex Second receiver message object AT7908E internal register 40 - 4C Hex Third receiver message object
23
4268D-AERO-11/09
Optional Features
Internal Clock Frequency The actual internal system clock can be the external clock divided by 1, 2, 4, or 8. If the
bit time length is (default configuration) 16 system clock pulses (see PS1, PS2 programmable bit timing registers), it is possible to have four different data rates by the prescaler programming.
AT7908E Operational Mode
The AT7908E device could be put on three different operational modes: * * * Functional Mode Test mode Power down mode
Functional Mode Test Mode
This mode is the normal operational mode for the AT7908E device. The two input pins test and sena must be put on logical value 0. This mode is used by the chip manufacturer to test the AT7908E. The input pin test must be logical value 1 and sena input pin could be logical values 0 or 1 according to the execution of the scan chain test or not. This mode could be used to put the AT7908E device on the sleep mode ( internal clock is off). To put the AT7908E in this mode, the test input pin must be 0 and sena input pin must be 1 .
Power Down Mode
24
AT7908E
4268D-AERO-11/09
AT7908E
Application Notes
Registers Value After Reset
Address Hex
00
In the next table are reported the registers value after reset of the AT7908E device:
Register Name SETUP_0
Reset Value ( bit7... bit0)
BPR1 0 Disabled 1 PS2_3 0 RxClr 0 Reserved X SyncTx 0 reserved 0 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 BPR0 0 TXRM 0 PS2_2 1 Reset 0 Reserved X SyncRx 0 Rxovr3 0 GensyncTx 0 TXEM 0 PS2_1 0 IntClr 0 Reserved X Rxbuf1 0 Rxovr2 0 GensyncRx 0 TMRMR 0 PS2_0 1 AbortTx 0 Reserved X Rxbuf0 0 Rxovr1 0 Errint 0 TXDLC3 0 PS1_3 1 Txreq 0 Reserved X TxOK 0 Reserved 0 Overint 0 TXDLC1 0 PS1_2 0 RSJ2 0 Rxclr3 0 TxActive 0 RXOK3 0 Rxint 0 TXDLC1 0 PS1_1 0 RSJ1 1 Rxclr2 0 ErrPass 0 RXOK2 0 Txint 0 TXDLC0 0 PS1_0 1 RSJ0 0 Rxclr1 0 BusOff 0 RXOK1 0
SETUP_1
01
SETUP_2
02
SETUP_3
03
SETUP_RX
04
STATUS
05
STATUS_RX FILTER_AM_0 FILTER_AM_1 ERR_COUNT_TX ERR_COUNT_RX TRIG_MATCH_0 TRIG_MATCH_1 TX_ARB_0 TX_ARB_1 TX_ARB_2 TX_ARB_3 TX_MESSAGE_0 TX_MESSAGE_1 TX_MESSAGE_2 TX_MESSAGE_3 TX_MESSAGE_4 TX_MESSAGE_5 TX_MESSAGE_6 TX_MESSAGE_7 RX1_ARB_0 RX1_ARB_1 RX1_ARB_2
06 07 08 09 0A 0B 0C 10 11 12 13 14 15 16 17 18 19 1A 1B 20 21 22
25
4268D-AERO-11/09
Register Name RX1_ARB_3 RX1_MESSAGE_0 RX1_MESSAGE_1 RX1_MESSAGE_2 RX1_MESSAGE_3 RX1_MESSAGE_4 RX1_MESSAGE_5 RX1_MESSAGE_6 RX1_MESSAGE_7 RX1_STATUS RX2_ARB_0 RX2_ARB_1 RX2_ARB_2 RX2_ARB_3 RX2_MESSAGE_0 RX2_MESSAGE_1 RX2_MESSAGE_2 RX2_MESSAGE_3 RX2_MESSAGE_4 RX2_MESSAGE_5 RX2_MESSAGE_6 RX2_MESSAGE_7 RX2_STATUS RX3_ARB_0 RX3_ARB_1 RX3_ARB_2 RX3_ARB_3 RX3_MESSAGE_0 RX3_MESSAGE_1 RX3_MESSAGE_2 RX3_MESSAGE_3 RX3_MESSAGE_4 RX3_MESSAGE_5 RX3_MESSAGE_6
Address Hex
23 24 25 26 27 28 29 2A 2B
Reset Value ( bit7... bit0)
00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 reserved X reserved X Reserved X RX1_e xtfr 0 Rx1_DLC3 0 Rx1_DLC2 0 Rx1_DLC1 0 Rx1_DLC0 0
2C
30 31 32 33 34 35 36 37 38 39 3A 3B
00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 reserved X reserved X Reserved X RX2_e xtfr 0 Rx2_DLC3 0 Rx2_DLC2 0 Rx2_DLC1 0 Rx2_DLC0 0
3C
40 41 42 43 44 45 46 47 48 49 4A
00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000 00000000
26
AT7908E
4268D-AERO-11/09
AT7908E
Register Name RX3_MESSAGE_7 RX3_STATUS Address Hex
4B
Reset Value ( bit7... bit0)
00000000 reserved X reserved X Reserved X RX3_e xtfr 0 Rx3_DLC3 0 Rx3_DLC2 0 Rx3_DLC1 0 Rx3_DLC0 0
4C
27
4268D-AERO-11/09
AT7908E
Configuration Flow
The following flow diagram explains the action that the MCU must perform to program the AT7908E CAN controller to send or to receive CAN message.
Figure 11. Operating Flow Diagram
reset
Device Configuration (1)
Transmit buffer Initialisation (2)
Receiver message object configuration (3)
Enable BUS Connection (4)
START TX (5)
yes
SET START TRANSMISSION (6)
NO NO
INT by CASA2 (7)
Yes
READ STATUS (& receiver buffer) (8)
Clear INT and receiver STATUS (9)
NO
Change Configuration (10)
Yes
Disable BUS CONNECTION (11)
In the examples of the followings paragraph the different operations are referred to the number reported on flow diagram. After the commands, the old register and the new register values are reported.
28
4268D-AERO-11/09
Initialization and Transmission of the Data Frame with the INT Generation and Behavior of the MCU After the Interrupt is Received
Configuration of all the setup registers after the RESET signal.
Operation 1 Table 1. write reg 00 H, data =01Hex (SETUP_0 register) system clock = external clock, enable transmission completed interrupt
Gens yncTx 0 Gens yncTx 0 Gens yncRx 0 Gens yncRx 0
BPR1 SETUP_0 0
BPR0 0
Errint 0
Overint 0
Rxint 0
Txint 0
BPR1 SETUP_0 0
BPR0 0
Errint 0
Overint 0
Rxint 0
Txint 1
Table 2. write reg 02 H, data =69Hex
(SETUP_2 register) Time segment 2 = 6 pulse of system clock; Time segment 1 = 8 pulse of system clock.
SETUP_2 PS2_3 0 SETUP_2 PS2_3 0 PS2_2 1 PS2_2 1 PS2_1 0 PS2_1 1 PS2_0 1 PS2_0 0 PS1_3 1 PS1_3 1 PS1_2 0 PS1_2 0 PS1_1 0 PS1_1 0 PS1_0 1 PS1_0 1
SETUP_3 register will be not written ( default configuration) Operation 2
After SETUP registers is necessary to configure TX message object:
Table 3. write reg 10 H, data =AA Hex write reg 11 H, data =AA Hex
(TX_ARB_0= and TX_ARB_1 registers) identifier of message that will be transmitted = 10101010101
TX_ARB_0 TX_ARB_1 00000000 00000000
TX_ARB_0 TX_ARB_1
10101010 10101010
29
AT7908E
4268D-AERO-11/09
AT7908E
Table 4. write reg 14 H, data =00Hex
TX_MESSAGE_0 00000000
TX_MESSAGE_0
00000000
Table 5. write reg 15 H, data =FF Hex
TX_MESSAGE_1 00000000
TX_MESSAGE_1
11111111
Table 6. write reg 16 H, data =0FHex
TX_MESSAGE_2 00000000
TX_MESSAGE_2
00001111
Table 7. write reg 17 H, data =F0Hex
TX_MESSAGE_3 00000000
TX_MESSAGE_3
11110000
Table 8. write reg 18 H, data =AA Hex
TX_MESSAGE_4 00000000
TX_MESSAGE_4
10101010
30
4268D-AERO-11/09
Table 9. write reg 19 H, data =55Hex
TX_MESSAGE_5 00000000
TX_MESSAGE_5
01010101
Table 10. write reg 1A H, data =66Hex
TX_MESSAGE_6 00000000
TX_MESSAGE_6
01100110
Table 11. write reg 1B H, data =99Hex
TX_MESSAGE_7 00000000
TX_MESSAGE_7
10011001
(TX_MESSAGE_n registers) Setting of data message that must be transmitted
When TX message object initialized,the MCU must connect the AT7908E to the CAN bus.
Operation 4 Table 12. write reg 01 H, data =08Hex
(SETUP_1 register) AT7908E connected to BUS, data frame(no remote frame), standard message, length of message = 8 byte.
TMRM R 0 TXDLC 3 0 TXDLC 1 0 TXDLC 1 0 TXDLC 0 0
SETUP_1
Disabled 1
TXRM 0
TXEM 0
SETUP_1
Disabled 0
TXRM 0
TXEM 0
TMRM R 0
TXDLC 3 1
TXDLC 1 0
TXDLC 1 0
TXDLC 0 0
Setting of the transmission request
31
AT7908E
4268D-AERO-11/09
AT7908E
Operations 5 and 6 Table 13. write reg 03 H, data =0Ahex (1)
(SETUP_3 register) Resynchronisation jump length = 2 system clock and transmission request.
Abort Tx 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
Abort Tx 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
Then, the AT7908E starts to transmit the message until an acknowledge comes from another CAN node. The next figure illustrates the standard CAN format on the CAN BUS:
Figure 12. DATA frame SOF Data Frame ACK End of Frame INT Generation
STATUS register before TX request:
Sync Rx 0 Rxbuf 1 0 Rxbuf 0 0 TxActiv e 0 ErrPas s 0
STATUS
SyncTx 0
TxOK 0
BusOff 0
STATUS register after start of transmission:
Sync Rx 0 Rxbuf 1 0 Rxbuf 0 0 TxActiv e 1 ErrPas s 0
STATUS
SyncTx 0
TxOK 0
BusOff 0
STATUS register after completion of correct transmission:
1.
The five Gray bit are not updated after setting (Txreq). These bit are not written inside the registers.
32
4268D-AERO-11/09
Operation 7
STATUS SyncTx 0 Sync Rx 0 Rxbuf 1 0 Rxbuf 0 0 TxOK 1 TxActiv e 0 ErrPas s 0 BusOff 0
At this point, the AT7908E sends an interrupt generation ;INT signal (Active low). The MCU clears the interrupt generation, setting the IntClr bit on the SETUP_3 register. Now we assume that the MCU receives the INT signal and it wants to program the AT7908E to send the same data frame on the CAN bus.
Operation 8 Table 14. read reg 05 H
(MCU read status register after INT received)
Sync Rx 0 Rxbuf 1 0 Rxbuf 0 0 TxActiv e 0 ErrPas s 0
STATUS
SyncTx 0
TxOK 1
BusOff 0
Operations 5, 6, 9, and 10
Table 15. write reg 03 H, data =2AHex
(SETUP_3 register) Clear INT signal and start new transmission(TXREQ)Resynchronisation jump length = 2 system clock and transmission request.
Abort Tx 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
Abort Tx 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
After this setting, the INT signal becomes high (interrupt request disabled), the AT7908E starts a new transmission and the STATUS register is automatically updated as follows:
Sync Rx 0 Rxbuf 1 0 Rxbuf 0 0 TxActiv e 0 ErrPas s 0
STATUS
SyncTx 0
TxOK 1
BusOff 0
STATUS
SyncTx 0
Sync Rx 0
Rxbuf 1 0
Rxbuf 0 0
TxOK 0
TxActiv e 1
ErrPas s 0
BusOff 0
33
AT7908E
4268D-AERO-11/09
AT7908E
Initialisation of the Receiver Message Objects and the Filtering Function
In this paragraph is reported an example about configuration of the AT7908E to receive message with the filtering function. In this example the MCU, after configuration of the AT7908E, waits for Interrupt (from the AT7908E) and then the MCU reads the status registers, the RX message object and it clears the interrupt request and the receiver status. Configuration of the AT7908E:
Operation 1 Table 16. Write reg 00 H, data = 0FHex
(SETUP_0 register) system clock = external clock, all interrupts enabled (rx completed, tx completed, overrun, error state).
Gensy ncTx 0 Gensy ncRx 0
SETUP_0
BPR1 0
BPR0 0
Errint 0
Overint 0
Rxint 0
Txint 0
SETUP_0
BPR1 0
BPR0 0
Gensy ncTx 0
Gensy ncRx 0
Errint 1
Overint 1
Rxint 1
Txint 1
SETUP_2 register will be not written ( default configuration) SETUP_3 register will be not written ( default configuration)
Receiver Message Object and Filtering function configuration
Operation 3 Table 17. write reg 07 H, data =FF Hex write reg 08 H, data =FF Hex
(FILTER_AM_0, FILTER_AM_1 registers)Global mask set to check all bits of incoming identifier.
FILTER_AM_0 FILTER_AM_1 00000000 00000000
FILTER_AM_0 FILTER_AM_1
11111111 11111111
34
4268D-AERO-11/09
Table 18. write reg 20 H, data =55Hex write reg 21 H, data =55Hex
(RX1_ARB_0, RX1_ARB_1 registers)Set the identifier for receiver message object 1(ID =01010101010)
RX1_ARB_0 RX1_ARB_1 00000000
00000000
RX1_ARB_0 RX1_ARB_1
01010101 01010101
Table 19. write reg 30 H, data =AA Hex write reg 31 H, data =AA Hex
(RX2_ARB_0, RX2_ARB_1 registers)Set the identifier for receiver message object 2(ID =10101010101)
RX2_ARB_0 RX2_ARB_1
00000000 00000000
RX2_ARB_0 RX2_ARB_1
10101010 10101010
Table 20. write reg 40 H, data =FF Hex write reg 41 H, data =FF Hex
(RX3_ARB_0, RX3_ARB_1 registers)Set the identifier for receiver message object 3 (ID =11111111111)
RX3_ARB_0 RX3_ARB_1 00000000 00000000
RX3_ARB_0 RX3_ARB_1
11111111 11111111
35
AT7908E
4268D-AERO-11/09
AT7908E
Operation4 Table 21. write reg 01 H, data =00Hex
(SETUP_1 register) AT7908E connected to BUS, data frame(no remote frame), standard message
SETUP_1 Disabled 1 TXRM 0 TXEM 0 TMRMR 0 TXDLC3 0 TXDLC1 0 TXDLC1 0 TXDLC0 0
SETUP_1
Disabled 0
TXRM 0
TXEM 0
TMRMR 0
TXDLC3 0
TXDLC1 0
TXDLC1 0
TXDLC0 0
At this point, the AT7908E is ready to receive a message from the other CAN nodes and to generate an interrupt if the message has been received. When the AT7908E receives a message (for example with Identifier = 11111111111), it stores the message in the receiver message object that satisfies the filtering function (in this case, the RX3 message object). In the following tables are reported the STATUS registers before and after message receiving (Rxbuf0 and Rxbuf1 bits, after the received message, contain the indication about the receiver message object that stored the message incoming).
Table 22. STATUS register before receiving.
STATUS SyncTx 0 SyncRx 0 Rxbuf1 0 Rxbuf0 0 TxOK 0 TxActive 0 ErrPass 0 BusOff 0
Table 23. STATUS register after received message
STATUS SyncTx 0 SyncRx 0 Rxbuf1 1 Rxbuf0 1 TxOK 0 TxActive 0 ErrPass 0 BusOff 0
Operations 5 and 7 Table 24. Automatically update of STATUS_RX register
STATUS_RX reserved 0 Rxovr3 0 Rxovr2 0 Rxovr1 0 Reserved 0 RXOK3 0 RXOK2 0 RXOK1 0
STATUS_RX
Reserved 0
Rxovr3 0
Rxovr2 0
Rxovr1 0
Reserved 0
RXOK3 1
RXOK2 0
RXOK1 0
36
4268D-AERO-11/09
Table 25. Automatically update of RX3_STATUS register
RX3 RX3_STATUS Reserved X RX3 reserved X RX3 reserved X RX3 extfr 0 Rx3 DLC3 0 Rx3 DLC2 0 Rx3 DLC1 0 Rx3 DLC0 0
RX3 RX3_STATUS Reserved X
RX3 reserved X
RX3 reserved X
RX3 extfr 0
Rx3 DLC3 1
Rx3 DLC2 0
Rx3 DLC1 0
Rx3 DLC0 0
The arbitration registers of the RX3 message object will store the arbitration of the received message and the data registers of the RX3 message object will store the data of the received message. At the end of frame, the INT will be generated and the action that the MCU must perform could be the followings (these operations are only read operations and the internal registers of the AT7908E are not updated):
Operation 8 read reg 06 H
(STATUS_RX register)readout of AT7908E status_rx: rxok3, rxok2, rxok1 indicates the message object that received the message(if 00 the message is not received). For example : reg 06 = 04Hex => the message has been received correctly on message object 3.
read reg 4C H
(RX3_STATUS register)readout of message object 3 status. Is possible to check extended or standard frame of received message and length of received message. For example : reg 4C = 08Hex, standard frame, length =8.
read reg 40 H read reg 41 H
(RX3_ARB_n registers)readout of stored message identifier
read reg 44 H read reg 45 H read reg 46 H read reg 47 H read reg 48 H read reg 49 H read reg 4A H read reg 4B H
(RX_3_MESSAGE_n register)readout of stored message data. After the read out of the received message, the MCU must clear the receiver message object status (principally Rxok bit) and the INT signal setting RXCLRn bit in the
37
AT7908E
4268D-AERO-11/09
AT7908E
SETUP_RX register and the IntClr bit in the SETUP_3 register (see how to clear interrupt in the precedent paragraph).
Operation 5 and 6 Table 26. write reg 03 H, data =22Hex
(SETUP_3 register) Resynchronisation jump length = 2 system clock and clear interrupt
SETUP_3 RxClr 0 Reset 0 IntClr 0 AbortTx 0 Txreq 0 RSJ2 0 RSJ1 1 RSJ0 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
AbortTx 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
Operation 9 Table 27. write reg 04 H, data =04Hex
(SETUP_RX register)Clear rx ok and rx overrun bit of receiver message objects 3
SETUP_RX Reserved X Reserved X Reserved X Reserved X Reserved X Rxclr3 0 Rxclr2 0 Rxclr1 0
SETUP_RX
Reserved X
Reserved X
Reserved X
Reserved X
Reserved X
Rxclr3 0
Rxclr2 0
Rxclr1 0
After this operation, the RX3OK bit in STATUS_RX register will be cleared
STATUS_RX
reserved X
Rxovr3 0
Rxovr2 0
Rxovr1 0
reserved x
RXOK3 1
RXOK2 0
RXOK1 0
STATUS_RX
reserved X
Rxovr3 0
Rxovr2 0
Rxovr1 0
reserved 0
RXOK3 0
RXOK2 0
RXOK1 0
If the MCU doesn't clear the receiver message object status (principally the Rxok bit ) and the AT7908E receives a new message on the same message object (for example the RX3 message object), the message will be stored in the message object; INT will be generated (OVERRUN condition) and the STATUS_RX will be updated as following:
38
4268D-AERO-11/09
STATUS_RX
reserved x
Rxovr3 0
Rxovr2 0
Rxovr1 0
reserved x
RXOK3 1
RXOK2 0
RXOK1 0
STATUS_RX
reserved x
Rxovr3 1
Rxovr2 0
Rxovr1 0
reserved 0
RXOK3 1
RXOK2 0
RXOK1 0
Setting to answer to remote frame request
Operation 1
In this example is reported a typical configuration to answer to the remote frame request.
Table 28. write reg 00 H, data =01Hex (SETUP_0 register) system clock = external clock, transmitter interrupts enabled .
Gensync Tx 0 Gensync Rx 0
SETUP_0
BPR1 0
BPR0 0
Errint 0
Overint 0
Rxint 0
Txint 0
SETUP_0
BPR1 0
BPR0 0
Gensync Tx 0
Gensync Rx 0
Errint 0
Overint 0
Rxint 0
Txint 1
SETUP_2 register will be not written ( default configuration) SETUP_3 register will be not written ( default configuration)
After the SETUP registers, it is necessary to configure the TX message object:
Operation 2 Table 29. write reg 10 H, data =AA Hex write reg 11 H, data =AA Hex
(TX_ARB_0= and TX_ARB_1 registers) identifier of message that will be transmitted = 10101010101
TX_ARB_0 TX_ARB_1 00000000 00000000
TX_ARB_0 TX_ARB_1
10101010 10101010
39
AT7908E
4268D-AERO-11/09
AT7908E
Table 30. write reg 14 H, data =00H
TX_MESSAGE_0 00000000
TX_MESSAGE_0
00000000
Table 31. write reg 15 H, data =FF Hex
TX_MESSAGE_1 00000000
TX_MESSAGE_1
11111111
Table 32. write reg 16 H, data =0FHex
TX_MESSAGE_2 00000000
TX_MESSAGE_2
00001111
Table 33. write reg 17 H, data =F0Hex
TX_MESSAGE_3 00000000
TX_MESSAGE_3
11110000
Table 34. write reg 18 H, data =AA Hex
TX_MESSAGE_4 00000000
TX_MESSAGE_4
10101010
40
4268D-AERO-11/09
Table 35. write reg 19 H, data =55 Hex
TX_MESSAGE_5 00000000
TX_MESSAGE_5
01010101
Table 36. write reg 1A H, data =66Hex
TX_MESSAGE_6 00000000
TX_MESSAGE_6
01100110
Table 37. write reg 1B H, data =99Hex
TX_MESSAGE_7 00000000
TX_MESSAGE_7
10011001
(TX_MESSAGE_n registers) Setting of data message that must be transmitted as answer to remote frame request.
Operation 4 Table 38. write reg 01 H, data =48Hex (SETUP_1 register) AT7908E connected to BUS ,setting to answer to remote frame request, standard message, length of message = 8 byte.
SETUP_1 Disabled 1 TXRM 0 TXEM 0 TMRMR 0 TXDLC3 0 TXDLC1 0 TXDLC1 0 TXDLC0 0
SETUP_1
Disabled 0
TXRM 1
TXEM 0
TMRMR 0
TXDLC3 1
TXDLC1 0
TXDLC1 0
TXDLC0 0
To be ready to answer to a remote frame request, the MCU must set the Txreq bit on the SETUP_3 register. After the Txreq setting, the AT7908E waits for a remote frame request that matches (see the filtering functionality) the identifier stored on the TX_ARB registers.
41
AT7908E
4268D-AERO-11/09
AT7908E
Operations 5 and 6 Table 39. write reg 03 H, data =0AHex (SETUP_3 register) Resynchronisation jump length = 2 system clock and transmission request.
SETUP_3 RxClr 0 Reset 0 IntClr 0 AbortTx 0 Txreq 0 RSJ2 0 RSJ1 1 RSJ0 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
AbortTx 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
After this setting, the AT7908E waits for a remote frame request and the STATUS register will be not updated. If the request arrives, the AT7908E will send an acknowledge and then starts to transmit the data frame in reply to the remote frame request. The STATUS register, during the answer, will be automatically updated (TX_active bit become 1).
STATUS
SyncTx 0
SyncRx 0
Rxbuf1 0
Rxbuf0 0
TxOK 0
TxActive 0
ErrPass 0
BusOff 0
STATUS
SyncTx 0
SyncRx 0
Rxbuf1 0
Rxbuf0 0
TxOK 0
TxActive 1
ErrPass 0
BusOff 0
At the end of the transmission, the AT7908E will send the INT to the MCU that can read out the STATUS register to check that all is OK.
Setting to send remote frame request
In this paragraph will be described the procedure to send a remote frame request. After the Device configuration, the MCU must initialize the transmit buffer to send the remote frame request and the receiver buffers to receive the remote frame answer. The configuration of all the setup registers after RESET signal.
Operation 1 Table 40. write reg 00 H, data =02Hex (SETUP_0 register) system clock = external clock, enable receiving completed interrupt
Gensync Tx 0 Gensync Rx 0
SETUP_0
BPR1 0
BPR0 0
Errint 0
Overint 0
Rxint 0
Txint 0
42
4268D-AERO-11/09
SETUP_0
BPR1 0
BPR0 0
Gensync Tx 0
Gensync Rx 0
Errint 0
Overint 0
Rxint 1
Txint 0
SETUP_2 register will be not written (default configuration) SETUP_3 register will be not written (default configuration)
After the SETUP registers, it is necessary to configure the TX message object:
Operation 2 Table 41. write reg 10 H, data =AA Hex write reg 11 H, data =AA Hex
(TX_ARB_0= and TX_ARB_1 registers) identifier of message that will be transmitted = 10101010101
TX_ARB_0 TX_ARB_1 00000000 00000000
TX_ARB_0 TX_ARB_1
10101010 10101010
Setting of the RX message buffers (the incoming answer to the remote frame request will be stored on the RX message buffer that matches the incoming Identifier, 10101010101 in this case).
Operation 3 Table 42. write reg 07 H, data =FF Hex write reg 08 H, data =FF Hex
(FILTER_AM_0, FILTER_AM_1 registers)Global mask set to check all bits of incoming identifier.
FILTER_AM_0 FILTER_AM_1 00000000 00000000
FILTER_AM_0 FILTER_AM_1
11111111 11111111
43
AT7908E
4268D-AERO-11/09
AT7908E
Table 43. write reg 20 H, data =55Hex write reg 21 H, data =55Hex
(RX1_ARB_0, RX1_ARB_1 registers) Set the identifier for receiver message object 1(ID =01010101010)
RX1_ARB_0 RX1_ARB_1 00000000 00000000
RX1_ARB_0 RX1_ARB_1
01010101 01010101
Table 44. write reg 30 H, data =AA Hex write reg 31 H, data =AA Hex
(RX2_ARB_0, RX2_ARB_1 registers)Set the identifier for receiver message object 2(ID =10101010101)
RX2_ARB_0 RX2_ARB_1 00000000 00000000
RX2_ARB_0 RX2_ARB_1
10101010 10101010
Table 45. write reg 40 H, data =FF Hex write reg 41 H, data =FF Hex
(RX3_ARB_0, RX3_ARB_1 registers)Set the identifier for receiver message object 3 (ID =11111111111)
RX3_ARB_0 RX3_ARB_1 00000000 00000000
RX3_ARB_0 RX3_ARB_1
11111111 11111111
44
4268D-AERO-11/09
Operation 4 Table 46. write reg 01 H, data = 10Hex (SETUP_1 register) AT7908E connected to BUS, remote frame request, standard message, length of data can be any value.
SETUP_1 Disabled 1 TXRM 0 TXEM 0 TMRMR 0 TXDLC3 0 TXDLC1 0 TXDLC1 0 TXDLC0 0
SETUP_1
Disabled 0
TXRM 0
TXEM 0
TMRMR 1
TXDLC3 0
TXDLC1 0
TXDLC1 0
TXDLC0 0
Transmission request
Operation 5 and 6 Table 47. write reg 03 H, data =0AHex (SETUP_3 register) Resynchronisation jump length = 2 system clock and transmission request.
SETUP_3 RxClr 0 Reset 0 IntClr 0 AbortTx 0 Txreq 0 RSJ2 0 RSJ1 1 RSJ0 0
SETUP_3
RxClr 0
Reset 0
IntClr 0
AbortTx 0
Txreq 0
RSJ2 0
RSJ1 1
RSJ0 0
At this point, the AT7908E starts to transmit the remote frame request until an acknowledge comes from another CAN node. In the next figure is reported the standard CAN format on the CAN BUS for the REMOTE FRAME request.
Figure 13. Remote frame SOF Control Field TxOK bit Updated ACK End of Frame
45
AT7908E
4268D-AERO-11/09
AT7908E
Table 48. STATUS register before the TX request:
STATUS SyncTx 0 SyncRx 0 Rxbuf1 0 Rxbuf0 0 TxOK 0 TxActive 0 ErrPass 0 BusOff 0
Table 49. STATUS register after start of transmission:
STATUS SyncTx 0 SyncRx 0 Rxbuf1 0 Rxbuf0 0 TxOK 0 TxActive 1 ErrPass 0 BusOff 0
Table 50. STATUS register after end of completed correctly transmission:
STATUS SyncTx 0 SyncRx 0 Rxbuf1 0 Rxbuf0 0 TxOK 1 TxActive 0 ErrPass 0 BusOff 0
At this point, the AT7908E waits for a remote frame answer. If the remote frame answer arrives, the behavior of the AT7908E, from all points of view, is the same as for a normal receiving message (see paragraph 6.2.3).
46
4268D-AERO-11/09
Package
Mechanical Characteristics
44 Pin Multilayer Ceramic Package (MLCC) Dimension: 17.14 x 17.14 mm Pin to Pin Spacing : 1.27 mm
47
AT7908E
4268D-AERO-11/09
AT7908E
Pin Assignment
PIN Number Signal Name Note
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37
VCCA1 Addr[4] Addr[5] Addr[6] Addr[7] VSSB1 VCCB2 Cs Mode Ale Wr VSSA1 Rd Sena Test Reset VSSB2 VCCB3 Can_rx Hasync ---------Xtalout Xtalin VCCA2 Int Hatrig Can_tx VSSB3 VCCB4 Data[0] Data[1] Data[2] Data[3] VSSA2 Data[4] Data[5] Data[6]
Power for array
Ground for periphery Power for periphery
Ground for Array
Ground for periphery Power for periphery
Not connected
Power for array
Ground for periphery Power for periphery
Ground for Array
48
4268D-AERO-11/09
PIN Number
Signal Name
Note
38 39 40 41 42 43 44
Data[7] VSSB4 VCCB1 Addr[0] Addr[1] Addr[2] Addr[3] Ground for periphery Power for periphery
Note:
VCCA1 = VCCA2 = VCCB1 = VCCB2 = VCCB3 = VCCB4 = 5V VSSA1 = VSSA2 = VSSB1 = VSSB2 = VSSB3 = VSSB4 = 0V
Ordering Information
Part Number AT7908EJL-E 5962-03A0601QXC 5962-03A0601VXC Temperatue Range 25C -55C to +125C -55C to +125C Quality Flow Engineering Sample QML Q QML V
49
AT7908E
4268D-AERO-11/09
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131 Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. (c) Atmel Corporation 2004. All rights reserved. Atmel (R) and combinations thereof are the registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
4268D-AERO-11/09 xM


▲Up To Search▲   

 
Price & Availability of AT7908E09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X