Part Number Hot Search : 
FZT788 LT3032 AAT31 35391 HVM11 2SC2295 2N649 104KA
Product Description
Full Text Search
 

To Download APTML602U12R020T3AG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTML602U12R020T3AG
Linear MOSFET Power Module
VDSS = 600V RDSon = 125m typ @ Tj = 25C ID = 45A* @ Tc = 25C
Application * Electronic load dedicated to power supplies and battery discharge testing
Features * * * * * Linear MOSFET Very low stray inductance Internal thermistor for temperature monitoring High level of integration AlN substrate for improved thermal performance
Benefits
28 27 26 25 29 30 23 22 20 19 18 16 15
* * * * * *
31 32 2 3 4 7 8 10 11 12
14 13
Direct mounting to heatsink (isolated package) easy series and parallels combinations for power and voltage improvements Low junction to case thermal resistance Solderable terminals both for power and signal for easy PCB mounting Low profile RoHS Compliant
Pins 13/14 ; 29/30 ; 31/32 must be shorted together
Absolute maximum ratings (per leg)
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy Tc = 25C Tc = 80C Max ratings 600 45* 33* 172 30 130 568 45 50 3000 Unit V A
November, 2009 1-3 APTML602U12R020T3AG - Rev 0
Tc = 25C
V m W A mJ
* Output current must be limited to 31A @ TC=25C and 22A @ TC=80C to not exceed the shunt specification.
In saturation mode
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTML602U12R020T3AG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics (per leg)
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VDS = 600V ; VGS = 0V VDS = 480V ; VGS = 0V Tj = 25C Tj = 125C
Min
Typ
VGS = 10V, ID = 22.5A VGS = VDS, ID = 2.5mA VGS = 30 V
125 2
Max 25 250 130 4 100
Unit A m V nA
Dynamic Characteristics (per leg)
Symbol Ciss Coss Crss Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VGS = 0V VDS = 25V f = 1MHz Min Typ 7600 1280 620 Max Unit pF
Shunt Electrical Characteristics (per leg)
Symbol Characteristic Resistance value Rsh Tsh Tolerance Psh Ish Load capacity Current capacity TC=25C TC=80C TC=25C TC=80C Min Typ 20 2 Max Unit m % W A
20 10 31 22
Temperature sensor PTC
Symbol R25 R100/R25 R-55/R25 B Characteristic Resistance @ 25C Resistance ratio Resistance ratio Temperature coefficient Tamb=100C & 25C Tamb=-55C & 25C Min 1980 1.676 0.48 Typ 1.696 0.49 7900 Max 2020 1.716 0.50 Unit
ppm/K
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight Min MOSFET (per leg) 4000 -40 -40 -40 2.5 Typ Max 0.22 150 125 100 4.7 110
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
C N.m g
To heatsink
M4
www.microsemi.com
2-3
APTML602U12R020T3AG - Rev 0
November, 2009
Unit C/W V
APTML602U12R020T3AG
SP3 Package outline (dimensions in mm)
1
See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com
Typical Performance Curve (linear mode) (per leg)
Drain Current vs Drain source voltage 100.0
TJ=125C
Dissipated Power (W)
Drain Current (A)
10.0
1.0
0.1 0 100 200 300 400 500
200 0 100 200 300 400 500
Drain Source Voltage (V)
Drain Source Voltage (V)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
3-3
APTML602U12R020T3AG - Rev 0
November, 2009
17 12
28
Power vs Drain source voltage 400
TJ=125C
350
300
250


▲Up To Search▲   

 
Price & Availability of APTML602U12R020T3AG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X