Part Number Hot Search : 
77E532A FDC6306P APL3580 7C140 202AL C5196 2R47ML UM970106
Product Description
Full Text Search
 

To Download APTGF50A60T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTGF50A60T1G
Phase leg NPT IGBT Power Module
5 Q1 7 8 Q2 CR2 9 10 1 2 12 3 4 NTC 6 11
VCES = 600V IC = 50A @ Tc = 80C
Application * Welding converters * Switched Mode Power Supplies * Uninterruptible Power Supplies * Motor control Features * Non Punch Through (NPT) Fast IGBT - Low voltage drop - Low tail current - Switching frequency up to 100 kHz - Soft recovery parallel diodes - Low diode VF - Low leakage current - RBSOA and SCSOA rated * Very low stray inductance - Symmetrical design * Internal thermistor for temperature monitoring * High level of integration Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * RoHS Compliant
CR1
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
Symbol VCES IC ICM VGE PD RBSOA Parameter Collector - Emitter Breakdown Voltage Continuous Collector Current Pulsed Collector Current Gate - Emitter Voltage Maximum Power Dissipation Reverse Bias Safe Operating Area TC = 25C TC = 80C TC = 25C TC = 25C Tj = 125C Max ratings 600 65 50 230 20 250 100A @ 500V Unit V A V W
August, 2007 1-6 APTGF50A60T1G - Rev 0
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
APTGF50A60T1G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic ICES VCE(sat) VGE(th) IGES Symbol Cies Coes Cres Qg Qge Qgc Td(on) Tr Td(off) Tf Td(on) Tr Td(off) Tf Eon Eoff Zero Gate Voltage Collector Current Collector Emitter Saturation Voltage Gate Threshold Voltage Gate - Emitter Leakage Current Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total gate Charge Gate - Emitter Charge Gate - Collector Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGE = 0V VCE = 600V Tj = 25C Tj = 125C Tj = 25C VGE =15V IC = 50A Tj = 125C VGE = VCE , IC = 1mA VGE = 20V, VCE = 0V Test Conditions VGE = 0V VCE = 25V f = 1MHz VGE = 15V VBus = 300V IC = 50A Inductive Switching (25C) VGE = 15V VBus = 400V IC = 50A RG = 2.7 Inductive Switching (125C) VGE = 15V VBus = 400V IC = 50A RG = 2.7 VGE = 15V Tj = 125C VBus = 400V IC = 50A Tj = 125C RG = 2.7 Min Typ Max 250 500 2.45 6 400 Typ 2200 323 200 166 20 100 40 9 120 12 42 10 130 21 0.5 mJ 1 Max Unit A V V nA Unit pF
1.7 4
2.0 2.2
Dynamic Characteristics
Min
nC
ns
ns
Reverse diode ratings and characteristics
Symbol Characteristic VRRM IRM IF VF
Maximum Peak Repetitive Reverse Voltage
Test Conditions Tj = 25C Tj = 125C Tc = 80C IF = 25A IF = 50A IF = 25A IF = 25A VR = 400V di/dt =200A/s
Min 600
Typ
Max 25 500
Unit V A A
Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage
VR=600V
V
Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
trr Qrr
Reverse Recovery Time Reverse Recovery Charge
30 175 55 485
ns nC
www.microsemi.com
2-6
APTGF50A60T1G - Rev 0
August, 2007
25 1.8 2.2 1.6
2.2
APTGF50A60T1G
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight IGBT Diode 2500 -40 -40 -40 2.5 Min Typ Max 0.5 1.4 150 125 100 4.7 80 Unit
C/W
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
V C N.m g
To heatsink
M4
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol Characteristic R25 Resistance @ 25C B 25/85 T25 = 298.15 K
RT = R25 T: Thermistor temperature 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
Min
Typ 50 3952
Max
Unit k K
SP1 Package outline (dimensions in mm)
See application note 1904 - Mounting Instructions for SP1 Power Modules on www.microsemi.com
www.microsemi.com
3-6
APTGF50A60T1G - Rev 0
August, 2007
APTGF50A60T1G
Typical Performance Curve
Output characteristics (VGE=15V) Output Characteristics (VGE=10V) 150
TJ=25C 250s Pulse Test < 0.5% Duty cycle
150 Ic, Collector Current (A)
Ic, Collector Current (A)
250s Pulse Test < 0.5% Duty cycle
100
TJ=125C
100
TJ=25C
50
50
TJ=125C
0 0 1 2 3 4
VCE, Collector to Emitter Voltage (V) Transfer Characteristics 150 125 100 75 50 25
TJ=25C
0 0 1 2 3 VCE, Collector to Emitter Voltage (V) Gate Charge
IC = 50A TJ = 25C VCE=120V VCE=300V VCE=480V
4
18 VGE, Gate to Emitter Voltage (V)
250s Pulse Test < 0.5% Duty cycle
Ic, Collector Current (A)
16 14 12 10 8 6 4 2 0 0
TJ=125C
0 0 1 3 4 5 6 7 8 9 VGE, Gate to Emitter Voltage (V) 2 10
25
50
75
100 125 150 175 200
Gate Charge (nC) VCE, Collector to Emitter Voltage (V) On state Voltage vs Junction Temperature 4 3.5 3 2.5 2 1.5 1 0.5 0 25 50 75 100 TJ, Junction Temperature (C) 125
Ic=25A 250s Pulse Test < 0.5% Duty cycle VGE = 15V Ic=50A Ic=100A
VCE, Collector to Emitter Voltage (V)
On state Voltage vs Gate to Emitter Volt. 8 7 6 5 4 3 2 1 0 6 8 10 12
Ic=25A Ic=50A TJ = 25C 250s Pulse Test < 0.5% Duty cycle Ic=100A
14
16
VGE, Gate to Emitter Voltage (V) Breakdown Voltage vs Junction Temp. Collector to Emitter Breakdown Voltage (Normalized) 1.20 Ic, DC Collector Current (A)
DC Collector Current vs Case Temperature
70 60 50 40 30 20 10 0 25 50 75 100 125 150
TC, Case Temperature (C)
1.10
1.00
0.90
0.80 25 50 75 100 125 TJ, Junction Temperature (C)
www.microsemi.com
4-6
APTGF50A60T1G - Rev 0
August, 2007
APTGF50A60T1G
Turn-On Delay Time vs Collector Current td(on), Turn-On Delay Time (ns) td(off), Turn-Off Delay Time (ns) 60
VGE = 15V
Turn-Off Delay Time vs Collector Current 175 150 125 100 75 50 0 25 50 75 100 125 150 ICE, Collector to Emitter Current (A) Current Fall Time vs Collector Current
VCE = 400V, VGE = 15V, RG = 2.7 VCE = 400V RG = 2.7 VGE=15V, TJ=125C
50
40
Tj = 125C VCE = 400V RG = 2.7
30
VGE=15V, TJ=25C
20 0 25 50 75 100 125 150 ICE, Collector to Emitter Current (A) Current Rise Time vs Collector Current 60 50
VCE = 400V RG = 2.7
60 50
tf, Fall Time (ns)
tr, Rise Time (ns)
40 30 20 10 0 0 25 50 75 100 125 ICE, Collector to Emitter Current (A) 150
VGE=15V, TJ=125C
40 30 20 10 0 0 25 50 75 100 125 ICE, Collector to Emitter Current (A) 150
TJ = 125C
TJ = 25C
Turn-On Energy Loss vs Collector Current Eoff, Turn-off Energy Loss (mJ)
2
Eon, Turn-On Energy Loss (mJ)
2.5 2 1.5 1 0.5 0
Turn-Off Energy Loss vs Collector Current
VCE = 400V VGE = 15V RG = 2.7
1.5 1 0.5 0 0
VCE = 400V RG = 2.7
TJ=125C, VGE=15V
TJ = 125C
25
50
75
100
125
150
0
25
50
75
100
125
150
ICE, Collector to Emitter Current (A) Switching Energy Losses vs Gate Resistance 3 Switching Energy Losses (mJ) IC, Collector Current (A) 2.5 2 1.5
Eoff, 50A
ICE, Collector to Emitter Current (A) Reverse Bias Safe Operating Area 120
VCE = 400V VGE = 15V TJ= 125C
100 80
Eon, 50A
1 0.5
Eon, 50A
40 20 0
0
5 10 15 20 Gate Resistance (Ohms)
25
0
200
400
600
VCE, Collector to Emitter Voltage (V)
www.microsemi.com
5-6
APTGF50A60T1G - Rev 0
0
August, 2007
60
APTGF50A60T1G
Capacitance vs Collector to Emitter Voltage Fmax, Operating Frequency (kHz) 10000 C, Capacitance (pF) Operating Frequency vs Collector Current
240 200 160 120 80 40 0 0 20 40 60 80 100
IC, Collector Current (A)
hard switching ZVS ZCS VCE = 400V D = 50% RG = 2.7 TJ = 125C TC= 75C
Cies
1000
Coes Cres
100 0 10 20 30 40 50 VCE, Collector to Emitter Voltage (V)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 0.9 0.7 0.5 0.3 0.1 0.05 0.0001 Single Pulse 0.001 0.01 0.1 Rectangular Pulse Duration (Seconds) 1 10
0 0.00001
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6
APTGF50A60T1G - Rev 0
Microsemi reserves the right to change, without notice, the specifications and information contained herein
August, 2007


▲Up To Search▲   

 
Price & Availability of APTGF50A60T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X