Part Number Hot Search : 
60100 20TTS BD4148 M2DDS MMBTA43 FX203 FX105P Z27VC
Product Description
Full Text Search
 

To Download ADC1613D080HNC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADC1613D series
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02 -- 23 April 2010 Preliminary data sheet
1. General description
The ADC1613D is a dual-channel 16-bit Analog-to-Digital Converter (ADC) optimized for high dynamic performances and low power at sample rates up to 125 Msps. Pipelined architecture and output error correction ensure the ADC1613D is accurate enough to guarantee zero missing codes over the entire operating range. Supplied from a 3.3 V source for analog and a 1.8 V source for the output driver, it embeds two serial outputs. Each lane is differential and complies with the JESD204A standard. An integrated Serial Peripheral Interface (SPI) allows the user to easily configure the ADC. A set of IC configurations is also available via the binary level control pins taken, which are used at power-up. The device also includes a SPI programmable full-scale to allow flexible input voltage range from 1 V to 2 V (peak-to-peak). Excellent dynamic performance is maintained from the baseband to input frequencies of 170 MHz or more, making the ADC1613D ideal for use in communications, imaging, and medical applications.
2. Features and benefits
SNR, 72.5 dBFS; SFDR, 88 dBc Sample rate up to 125 Msps Clock input divider by 2 for less jitter contribution 3 V, 1.8 V single supplies Flexible input voltage range: 1 V to 2 V (peak-to-peak) Two configurable serial outputs INL 1 LSB; DNL 0.5 LSB Pin compatible with the ADC1213D series HVQFN56 package Input bandwidth, 600 MHz Power dissipation, 995 mW at 80 Msps SPI register programming Duty cycle stabilizer High IF capability Offset binary, two's complement, gray code Power-down mode and Sleep mode Compliant with JESD204A serial transmission standard
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
3. Applications
Wireless and wired broadband communications Spectral analysis Ultrasound equipment Portable instrumentation Imaging systems Software defined radio
4. Ordering information
Table 1. Ordering information Sampling frequency (Msps) 125 105 80 65 Package Name HVQFN56 HVQFN56 HVQFN56 HVQFN56 Description Version Type number
ADC1613D125HN/C1 ADC1613D105HN/C1 ADC1613D080HN/C1 ADC1613D065HN/C1
plastic thermal enhanced very thin quad flat package; SOT684-7 no leads; 56 terminals; body 8 x 8 x 0.85 mm plastic thermal enhanced very thin quad flat package; SOT684-7 no leads; 56 terminals; body 8 x 8 x 0.85 mm plastic thermal enhanced very thin quad flat package; SOT684-7 no leads; 56 terminals; body 8 x 8 x 0.85 mm plastic thermal enhanced very thin quad flat package; SOT684-7 no leads; 56 terminals; body 8 x 8 x 0.85 mm
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
2 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
5. Block diagram
CFG (0 to 3) SDIO/DCS CS
SCLK/DCS
ERROR CORRECTION AND DIGITAL PROCESSING
SPI
SYNCP SYNCN
INAP T/H INPUT STAGE INAM 8-bit CLOCK INPUT STAGE & DUTY CYCLE CONTROL FRAME ASSEMBLY ADCA CORE 16-BIT PIPELINED D15 to D0 OTR SCRAMBLER A ENCODER 8-bit/10-bit A
SWING_n
SERIALIZER A 10-bit OUTPUT BUFFER A
CMLPA
8-bit
CMLNA
CLKP DLL PLL CLKM ERROR CORRECTION AND DIGITAL PROCESSING
ENCODER 8-bit/10-bit B
SCRAMBLER B
SERIALIZER B 10-bit OUTPUT BUFFER B
CMLPB
8-bit
8-bit
INBP T/H INPUT STAGE INBM ADCB CORE 16-BIT PIPELINED
OTR D15 to D0
CMLNB
SWING_n
CLOCK INPUT STAGE & DUTY CYCLE CONTROL
ADC1613D
SCRAMBLER RESET REFBT
SYSTEM REFERENCE AND POWER MANAGEMENT
REFAB REFAT
005aaa168
REFBB
VCMB VCMA SENSE VREF
Fig 1.
Block diagram
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
3 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
6. Pinning information
6.1 Pinning
48 SWING_1 47 SWING_0
44 SYNCN
INAP INAM VCMA REFAT REFAB AGND CLKP CLKM AGND
1 2 3 4 5 6 7 8 9
43 SYNCP 42 DGND 41 DGND 40 VDDD 39 CMLPA 38 CMLNA 37 VDDD 36 DGND 35 DGND 34 VDDD 33 CMLNB 32 CMLPB 31 VDDD 30 DGND 29 DGND DGND 28
005aaa169
54 SENSE
ADC1613D
REFBB 10 REFBT 11 VCMB 12 INBM 13 INBP 14 VDDA 15 VDDA 16 SCLK/DCS 17 SDIO/DCS 18 CS 19 AGND 20 RESET 21 SCRAMBLER 22 CFG0 23 CFG1 24 CFG2 25 CFG3 26 VDDD 27
Transparent top view
Fig 2.
Pinning diagram
6.2 Pin description
Table 2. Symbol INAP INAM VCMA REFAT REFAB AGND CLKP CLKM AGND REFBB REFBT VCMB INBM
ADC1613D_SER_2
Pin description Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 Type [1] I I O O O G I I G O O O I Description channel A analog input channel A complementary analog input channel A output common voltage channel A top reference channel A bottom reference analog ground clock input complementary clock input analog ground channel B bottom reference channel B top reference channel B output common voltage channel B complementary analog input
(c) NXP B.V. 2010. All rights reserved.
All information provided in this document is subject to legal disclaimers.
Preliminary data sheet
Rev. 02 -- 23 April 2010
45 DGND
52 AGND
51 AGND
46 VDDD
56 VDDA
53 VDDA
50 VDDA
55 VREF
49 DNC
4 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Pin description ...continued Pin 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 Type [1] I P P I I/O I G I I I/O I/O I/O I/O P G G G P O O P G G P O O P G G I I G P I I O P G G P Description channel B analog input analog power supply 3 V analog power supply 3 V SPI clock data format select SPI data IO duty cycle stabilizer chip select bar analog ground JEDEC digital IP reset scrambler enable and disable Table 29 (input) or OTRA (output)[2] Table 29 (input) or OTRB (output)[2] Table 29 (input) Table 29 (input) digital power supply 1.8 V digital ground digital ground digital ground digital power supply 1.8 V channel B output channel B complementary output digital power supply 1.8 V digital ground digital ground digital power supply 1.8 V channel A complementary output channel A output digital power supply 1.8 V digital ground digital ground synchronization from FPGA synchronization from FPGA digital ground digital power supply 1.8 V JESD204 serial buffer programmable output swing JESD204 serial buffer programmable output swing do not connect analog power supply 3 V analog ground analog ground analog power supply 3 V
Table 2. Symbol INBP VDDA VDDA SCLK/DCS SDIO/DCS CS AGND RESET
SCRAMBLER CFG0 CFG1 CFG2 CFG3 VDDD DGND DGND DGND VDDD CMLPB CMLNB VDDD DGND DGND VDDD CMLNA CMLPA VDDD DGND DGND SYNCP SYNCN DGND VDDD SWING_0 SWING_1 DNC VDDA AGND AGND VDDA
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
5 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Pin description ...continued Pin 54 55 56 Type [1] I I/O P Description reference programming pin voltage reference input/output analog power supply 3 V
Table 2. Symbol SENSE VREF VDDA
[1] [2]
P: power supply; G: ground; I: input; O: output; I/O: input/output. OTRA stands for "OuT of Range" A. OTRB stands for "OuT of Range" B.
7. Limiting values
Table 3. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDDA VDDD VCC Tstg Tamb Tj
[1] [2]
Parameter analog supply voltage digital supply voltage supply voltage difference storage temperature ambient temperature junction temperature
Conditions
[1] [2]
Min -0.4 -0.4 -55 -40 -
Max +4.6 +2.5 +125 +85 125
Unit V V V C C C
VDDA - VDDD
The supply voltage VDDA may have any value between -0.5 V and +7.0 V provided that the supply voltage differences VCC are respected. The supply voltage VDDD may have any value between -0.5 V and +5.0 V provided that the supply voltage differences VCC are respected.
8. Thermal characteristics
Table 4. Symbol Rth(j-a) Rth(j-c)
[1]
Thermal characteristics Parameter thermal resistance from junction to ambient thermal resistance from junction to case Conditions
[1] [1]
Typ 17.8 6.8
Unit K/W K/W
Value for six layers board in still air with a minimum of 25 thermal vias.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
6 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
9. Static characteristics
Table 5. Symbol Supplies VDDA VDDD IDDA IDDD Ptot analog supply voltage digital supply voltage analog supply current digital supply current total power dissipation fclk = 125 Msps; fi =70 MHz fclk = 125 Msps; fi = 70 MHz fclk = 125 Msps fclk = 105 Msps fclk = 80 Msps fclk = 65 Msps P Digital inputs Clock inputs: pins CLKP and CLKM, AC coupled LVPECL Vi(clk)dif LVDS Vi(clk)dif SINE wave Vi(clk)dif differential clock input voltage LOW-level input voltage HIGH-level input voltage LOW-level input voltage HIGH-level input voltage LOW-level input current HIGH-level input current LOW-level input voltage HIGH-level input voltage LOW-level input current HIGH-level input current input capacitance peak-to-peak 0.8 1.5 V differential clock input voltage peak-to-peak 0.4 V differential clock input voltage peak-to-peak 0.8 V power dissipation power-down mode standby mode 2.85 1.65 3.0 1.8 343 150 1270 1150 995 885 30 200 3.4 1.95 V V mA mA mW mW mW mW mW mW Characteristics Parameter Conditions Min Typ Max Unit
LVCMOS mode VIL VIH VIL VIH IIL IIH VIL VIH IIL IIH CI 0.7VDDA -6 -30 0 0.7VDDA -10 -50 0 0.66VDDD 4 0.3VDDA +6 +30 0.3VDDA VDDA +10 +50 V V V V A A V V A A pF
Logic inputs: Power-down: pins CFG0 to CFG3, SCRAMBLER, SWING_0, and SWING_1
SPI: pins CS, SDIO/DCS, and SCLK/DCS
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
7 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 5. Symbol II RI CI VI(cm) Bi VI(dif) VO(cm) IO(cm)
Characteristics ...continued Parameter input current input resistance input capacitance common-mode input voltage input bandwidth differential input voltage common-mode output voltage common-mode output current voltage on pin VREF output input peak-to-peak Conditions track mode track mode track mode track mode Min -5 0.9 1 Typ 15 5 1.5 600 0.5VDDA Max +5 2 2 Unit A pF V MHz V V A
Analog inputs: pins INAP, INAM, INBP, and INBM
Voltage controlled regulator output: pins VCMA and VCMB
Reference voltage input/output: pin VREF VVREF 0.5 0.5 pin AGND; VVREF; VDDA 1 1 V V V
Reference mode selection: pin SENSE VSENSE voltage on pin SENSE
Data outputs: CMLPA, CMLNA Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 000 VOL VOH LOW-level output voltage HIGH-level output voltage DC coupled; output AC coupled DC coupled; output AC coupled DC coupled; output AC coupled DC coupled; output AC coupled DC coupled; output AC coupled DC coupled; output AC coupled DC coupled; output AC coupled DC coupled; output AC coupled 1.5 1.65 1.8 1.35 1.45 1.625 1.8 1.275 1.4 1.6 1.8 1.2 1.35 1.575 1.8 1.125 V V V V V V V V V V V V V V V V
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 001 VOL VOH LOW-level output voltage HIGH-level output voltage
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 010 VOL VOH LOW-level output voltage HIGH-level output voltage
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 011 VOL VOH LOW-level output voltage HIGH-level output voltage
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
8 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 5. Symbol VOL VOH
Characteristics ...continued Parameter LOW-level output voltage HIGH-level output voltage Conditions DC coupled; output AC coupled DC coupled; output AC coupled differential; input differential; input Min -5 no missing codes guaranteed full-scale -0.95 Typ 1.3 1.55 1.8 1.05 0.95 1.47 1 0.5 2 0.5 Max +5 +0.95 Unit V V V V V V LSB LSB mV % %
Output levels, VDDD = 1.8 V; SWING_SEL[2:0] = 100
Serial configuration: SYNCCP, SYNCCN VIL VIH Accuracy INL DNL Eoffset EG MG(CTC) Supply PSRR power supply rejection ratio 100 mV (p-p) on VDDA 35 dBc integral non-linearity differential non-linearity offset error gain error channel-to-channel gain matching LOW-level input voltage High-level input voltage
[1]
Typical values measured at VDDA = 3 V, VDDD = 1.8 V, Tamb = 25 C. Minimum and maximum values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDD = 1.8 V; VI (INAP, INBP) - VI (INAM, INBM) = -1 dBFS; internal reference mode; 100 differential applied to serial outputs; unless otherwise specified.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
9 of 43
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
10. Dynamic characteristics
Table 6. Symbol Characteristics Parameter Conditions ADC1613D065
Min Typ Max
Preliminary data sheet Rev. 02 -- 23 April 2010 10 of 43
ADC1613D_SER_2 All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
NXP Semiconductors
ADC1613D080
Min Typ Max
ADC1613D105
Min Typ Max
ADC1613D125
Min Typ Max
Unit
Analog signal processing 2H second harmonic level fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz 3H third harmonic level fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz THD total harmonic distortion fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz ENOB effective number of bits fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz SNR signal-to-noise ratio fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz SFDR spurious-free dynamic range fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz 89 88 87 84 88 87 86 83 87 86 85 82 11.7 11.6 11.5 11.4 72.3 71.5 70.9 70.4 88 87 86 83 89 88 87 84 88 87 86 83 87 86 85 82 11.7 11.6 11.5 11.4 72.2 71.4 70.9 70.3 88 87 86 83 88 88 86 83 87 87 85 82 86 86 84 81 11.7 11.6 11.5 11.4 72.0 71.4 70.8 70.2 87 87 85 82 90 89 87 85 89 88 86 84 88 87 85 83 11.6 11.6 11.5 11.4 71.6 71.3 70.7 70.1 89 88 86 84 dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc dBc bits
ADC1613D series; serial JESD204A interface
bits bits bits dBFS dBFS dBFS dBFS dBc dBc dBc dBc
ADC1613D series
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 6. Symbol IMD Characteristics ...continued Parameter intermodulation distortion Conditions fi = 3 MHz fi = 30 MHz fi = 70 MHz fi = 170 MHz ct(ch)
[1] Preliminary data sheet Rev. 02 -- 23 April 2010 11 of 43
ADC1613D_SER_2 All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
NXP Semiconductors
ADC1613D065
Min Typ Max
ADC1613D080
Min Typ Max
ADC1613D105
Min Typ Max
ADC1613D125
Min Typ Max
Unit dBc dBc dBc dBc dBc
-
89 88 87 84 100
-
-
89 88 87 85 100
-
-
88 88 86 83 100
-
-
89 88 86 84 100
-
channel crosstalk
fi = 70 MHz
Typical values measured at VDDA = 3 V, VDDD = 1.8 V, Tamb = 25 C. Minimum and maximum values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDD = 1.8 V; VI (INAP, INBP) - VI (INAM, INBM) = -1 dBFS; internal reference mode; 100 differential applied to serial outputs; unless otherwise specified.
ADC1613D series; serial JESD204A interface
ADC1613D series
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
11. Clock and digital output timing
Table 7. Symbol Characteristics Parameter Conditions ADC1613D065
Min Typ Max
Preliminary data sheet Rev. 02 -- 23 April 2010 12 of 43
ADC1613D_SER_2 All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
NXP Semiconductors
ADC1613D080
Min Typ Max
ADC1613D105
Min Typ Max
ADC1613D125
Min Typ Max
Unit
Clock timing input: pins CLKP and CLKM fclk tlat(data) clk clock frequency data latency time clock duty cycle DCS_EN = 1: en DCS_EN = 0: dis td(s) twake
[1]
20 17 30 45 -
50 50 0.8
65 20 70 55 -
60 17 30 45 -
50 50 0.8
80 20 70 55 -
75 17 30 45 -
50 50 0.8
105 20 70 55 -
100 17 30 45 -
50 50 0.8
125 20 70 55 -
Msps clock cycle % % ns ns
sampling delay time wake-up time
-
-
-
-
Typical values measured at VDDA = 3 V, VDDD = 1.8 V, Tamb = 25 C. Minimum and maximum values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDD = 1.8 V; VI (INAP, INBP) - VI (INAM, INBM) = -1 dBFS; internal reference mode; 100 W differential applied to serial outputs; unless otherwise specified.
ADC1613D series; serial JESD204A interface
ADC1613D series
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
11.1 Serial output timings
The eye diagram of the serial output is shown in Figure 3 and Figure 4. Test conditions are:
* 3.125 Gbps data rate * Tamb = 25 C * DC coupling with two different receiver common-mode voltages
005aaa088
Fig 3.
Eye diagram at 1 V receiver common-mode
005aaa089
Fig 4.
Eye diagram at 2 V receiver common-mode
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
13 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
12. SPI timing
Table 8. Symbol tw(SCLK) tw(SCLKH) tw(SCLKL) tsu th fclk(max)
[1]
Characteristics Parameter SCLK pulse width SCLK HIGH pulse width SCLK LOW pulse width set-up time hold time maximum clock frequency data to SCLKH CS to SCLKH data to SCLKH CS to SCLKH Conditions Min 40 16 16 5 5 2 2 Typ Max 25 Unit ns ns ns ns ns ns ns MHz
Serial peripheral interface timings
Typical values measured at VDDA = 3 V, VDDD = 1.8 V, Tamb = 25 C. Minimum and maximum values are across the full temperature range Tamb = -40 C to +85 C at VDDA = 3 V, VDDD = 1.8 V; VI (INAP, INBP) - VI (INAM,INBM) = -1 dBFS; internal reference mode; 100 differential applied to serial outputs; unless otherwise specified.
tsu CS
tsu th
tw(SCLKL) tw(SCLK) tw(SCLKH)
th
SCLK
SDIO
R/W
W1
W0
A12
A11
D2
D1
D0
005aaa065
Fig 5.
SPI timings
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
14 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
13. Application information
13.1 Analog inputs
13.1.1 Input stage description
The analog input of the ADC1613D supports differential or single-ended input drive. Optimal performance is achieved using differential inputs with the common-mode input voltage (VI(cm)) on pins INP and INM set to 0.5VDDA. The full scale analog input voltage range is configurable between 1 V (p-p) and 2 V (p-p) via a programmable internal reference (see Section 13.2 and Table 21 for further details). Figure 6 shows the equivalent circuit of the sample and hold input stage, including ElectroStatic Discharge (ESD) protection and circuit and package parasitics.
Package
ESD
Parasitics
Switch INAP INBP 1, 14
Ron = 15 4 pF Cs
Internal clock
INAM INBM
2, 13
Ron = 15
Switch
4 pF Cs
Internal clock
005aaa069
Fig 6.
Input sampling circuit
The sample phase occurs when the internal clock (derived from the clock signal on pin CLKP/CLKM) is HIGH. The voltage is then held on the sampling capacitors. When the clock signal goes LOW, the stage enters the hold phase and the voltage information is transmitted to the ADC core.
13.1.2 Anti-kickback circuitry
Anti-kickback circuitry (Figure 7) is needed to counteract the effects of a charge injection generated by the sampling capacitance. The RC filter is also used to filter noise from the signal before it reaches the sampling stage. The value of the capacitor should be chosen to maximize noise attenuation without degrading the settling time excessively.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
15 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
R
INAP INBP
C
R
INAM INBM
005aaa176
Fig 7.
Anti-kickback circuit
The component values are determined by the input frequency and should be selected so as not to affect the input bandwidth.
Table 9. 3 MHz 70 MHz 170 MHz RC coupling versus input frequency - typical values R 25 12 12 C 12 pF 8 pF 8 pF
Input frequency
13.1.3 Transformer
The configuration of the transformer circuit is determined by the input frequency. The configuration shown in Figure 8 would be suitable for a baseband application.
100 nF
Analog input
100 nF
ADT1-1WT
25
25
INAP INBP
12 pF
100 nF 100 nF
25
25
INAM INBM VCM
100 nF
100 nF
005aaa070
Fig 8.
Single transformer configuration
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
16 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
ADT1-1WT
100 nF 50
ADT1-1WT
50
12
INAP INBP
8.2 pF
Analog input
50
50
12
100 nF
INAM INBM VCM
100 nF
100 nF
005aaa071
Fig 9.
Dual transformer configuration
The configuration shown in Figure 9 is recommended for high frequency applications. In both cases, the choice of transformer will be a compromise between cost and performance.
13.2 System reference and power management
13.2.1 Internal/external reference
The ADC1613D has a stable and accurate built-in internal reference voltage to adjust the ADC full-scale. This reference voltage can be set internally via SPI or with pins VREF an SENSE (see Figure 11, Figure 12, Figure 13 and Figure 14), in 1 dB steps between 0 dB and -6 dB, via SPI control bits INTREF[2:0] (when bit INTREF_EN = 1; see Table 21). The equivalent reference circuit is shown in Figure 10. External reference is also possible by providing a voltage on pin VREF as described in Figure 13.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
17 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
REFT REFERENCE AMP REFB
VREF EXT_ref BANDGAP REFERENCE
BUFFER
EXT_ref
ADC CORE SENSE SELECTION LOGIC
005aaa164
Fig 10. Reference equivalent schematic
Table 10 shows how to choose between the different internal/external modes:
Table 10. Mode Internal (Figure 11) Internal (Figure 12) External (Figure 13) Internal, SPI mode (Figure 14) Reference modes SPI bit, "Internal reference" 0 0 0 1 SENSE pin GND VREF pin Full Scale, V (p-p)
330 pF capacitor 2 to GND 1
VREF pin = SENSE pin and 330 pF capacitor to GND VDDA
External voltage 1 to 2 from 0.5 V to 1 V 1 to 2
VREF pin = SENSE pin and 330 pF capacitor to GND
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
18 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
VREF
330 pF
VREF
330 pF
REFERENCE EQUIVALENT SCHEMATIC
REFERENCE EQUIVALENT SCHEMATIC SENSE
SENSE
005aaa116
005aaa117
Fig 11. Internal reference, 2 V (p-p) full scale
Fig 12. Internal reference, 1 V (p-p) full scale
VREF
0.1 F
VREF
V
330 pF
REFERENCE EQUIVALENT SCHEMATIC SENSE
REFERENCE EQUIVALENT SCHEMATIC
SENSE
VDDA
005aaa119
005aaa118
Fig 13. External reference, 1 V (p-p) to 2 V (p-p) full-scale
Fig 14. Internal reference via SPI, 1 V (p-p) to 2 V (p-p) full-scale
Figure 11 to Figure 14 indicate how to connect the SENSE and VREF pins.
13.2.2 Reference gain control
The reference gain is programmable between 0 dB to -6 dB in steps of 1 dB via the SPI (see Table 21). The corresponding full scale input voltage range varies between 2 V (p-p) and 1 V (p-p), as shown in Table 11:
Table 11. 000 001 010 011 100 101 110 111 Reference SPI gain control Level 0 dB -1 dB -2 dB -3 dB -4 dB -5 dB -6 dB not used Full Scale, V (p-p) 2 1.78 1.59 1.42 1.26 1.12 1 x
INTREF[2:0]
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
19 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
13.2.3 Common-mode output voltage (VI(cm))
An 0.1 F filter capacitor should be connected between on the one hand the pins VCMA and VCMB and on the other hand ground to ensure a low-noise common-mode output voltage. When AC-coupled, these pins can be used to set the common-mode reference for the analog inputs, for instance via a transformer middle point.
PACKAGE
ESD
PARASITICS COMMON MODE REFERENCE
1.5 V VCMA VCMB
0.1 F
ADC CORE
005aaa077
Fig 15. Reference equivalent schematic
13.2.4 Biasing
The common-mode output voltage, VO(cm), should be set externally to 1.5 V (typical). The common-mode input voltage, VI(cm), at the inputs to the sample and hold stage (pins INAM, INBM, INAP, and INBP) must be between 0.9 V and 2 V for optimal performance.
13.3 Clock input
13.3.1 Drive modes
The ADC1613D can be driven differentially (SINE, LVPECL or LVDS) with little or no influence on dynamic performances. It can also be driven by a single-ended LVCMOS signal connected to pin CLKP (CLKM should be connected to ground via a capacitor).
LVCMOS clock input
CLKP CLKP CLKM LVCMOS clock input CLKM
005aaa174
005aaa053
a. Rising edge LVCMOS Fig 16. LVCMOS single-ended clock input
b. Falling edge LVCMOS
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
20 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
CLKP Sine clock input
Sine clock input
CLKP
CLKM
CLKM
005aaa173
005aaa054
a. Sine clock input
b. Sine clock input (with transformer)
CLKP LVDS clock input LVPECL clock input CLKM
CLKP
CLKM
005aaa055
005aaa172
c. LVDS clock input Fig 17. Differential clock input
d. LVPECL clock input
13.3.2 Equivalent input circuit
The equivalent circuit of the input clock buffer is shown in Figure 18. The common-mode voltage of the differential input stage is set via internal resistors of 5 k resistors.
Package
ESD
Parasitics
CLKP
Vcm(clk) SE_SEL SE_SEL
5 k
5 k
CLKM
005aaa081
Fig 18. Equivalent input circuit
Single-ended or differential clock inputs can be selected via the SPI (see Table 20). If single-ended is selected, the input pin (CLKM or CLKP) is selected via control bit SE_SEL.
ADC1613D_SER_2 All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
21 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
If single-ended is implemented without setting SE_SEL accordingly, the unused pin should be connected to ground via a capacitor.
13.3.3 Clock input divider
The ADC1613D contains an input clock divider that divides the incoming clock by a factor of 2 (when bit CLKDIV = 1; see Table 20). This feature allows the user to deliver a higher clock frequency with better jitter performance, leading to a better SNR result once acquisition has been performed.
13.3.4 Duty cycle stabilizer
The duty cycle stabilizer can improve the overall performances of the ADC by compensating the input clock signal duty cycle. When the duty cycle stabilizer is active (bit DCS_EN = 1; see Table 20), the circuit can handle signals with duty cycles of between 30 % and 70 % (typical). When the duty cycle stabilizer is disabled (DCS_EN = 0), the input clock signal should have a duty cycle of between 45 % and 55 %.
Table 12. 0 1 Duty cycle stabilizer Description duty cycle stabilizer disable duty cycle stabilizer enable
DCS_enable SPI
13.4 Digital outputs
13.4.1 Serial output equivalent circuit
The JESD204A standard specify that in case of connecting the receiver and the transmitter in DC coupling, both of them need to be provided by the same supply.
VDDD
50
CMLPA/CLMPB
100
RECEIVER
CMLNA/CLMNB + -
12 mA to 26 mA
AGND
005aaa082
Fig 19. CML output connection to the receiver in DC coupling
The output should be terminated when 100 (typical) has been reached at the receiver side.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
22 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
VDDD
50
CMLPA/CMLPB
10 nF
CMLNA/CMLNB
10 nF
100
RECEIVER
+
-
12 mA to 26 mA
005aaa083
Fig 20. CML output connection to the receiver in AC coupling
13.5 JESD204A serializer
13.5.1 Digital JESD204A formatter
The block placed after the ADC cores is used to implement all functionalities of the JESD204A standard. This ensures signal integrity and guarantees the clock and the data recovery at the receiver side. The block is highly parameterized and can be configured in various ways depending on the sampling frequency and the number of lanes used.
M CONVERTERS
L LANES
N bits from Cr0 + CS bits for control
F octets TX transport layer
FRAME TO OCTETS
SCRAMBLER
ALIGNMENT CHARACTER GENERATOR
8-bit/ 10-bit
SER
LANE0
SYNC~
TX CONTROLLER
N bits from CrM-1 + CS bits for control
samples stream to lane stream mapping
F octets
FRAME TO OCTETS
SCRAMBLER
ALIGNMENT CHARACTER GENERATOR
8-bit/ 10-bit
SER
LANE1
N' = N+CS S samples per frame cycle
CF: position of controls bits HD: frame boundary break Padding with Tails bits (TT) Lx(F) octets L octets
005aaa084
Mx(N'xS) bits
Fig 21. General overview of the JESD204A serializer
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
23 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
ADC_MODE[1:0] SCRAMB_IN_MODE[1:0] N & CS LANE_MODE[1:0] N + CS 8 00 SCR PRBS 01 8-bit/ 10-bit '0' ADCA 16 00 bypass alignment disable_char_repl x1 PLL AND DLL xF x 10F frame CLK char CLK bit CLK PRBS sync_request ADCB 16 00 '0' ADC_D PRBS N & CS 01 SCR N + CS 8 00 LANE_MODE[1:0] SCAMB_IN_MODE[1:0]
005aaa170
PRBS
11
DUMMY
16
10
16
10
00
ADC_PD
LANE_POLARITY SER
01
'0/1' PRBS
10
11
FRAME ASSEMBLY
FSM (f assy, char repl, ILA, test mode) 11
SWING_SEL[2:0]
'0/1'
10
SER
01 LANE_POLARITY
8-bit/ 10-bit
10
00
DUMMY PRBS
16
10
16
11
ADC_MODE[1:0]
Fig 22. Detailed view of the JESD204A serializer with debug functionality
13.5.2 ADC core output codes versus input voltage
Table 13 shows the data output codes for a given analog input voltage.
Table 13. < -1 -1 -0.99996948 -0.99993896 -0.99990845 -0.99987793 .... -0.00006104 -0.00003052 0 +0.00003052 +0.00006104 .... +0.99987793 Output codes versus input voltage Offset binary 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 0001 0000 0000 0000 0010 0000 0000 0000 0011 0000 0000 0000 0100 .... 0111 1111 1111 1110 0111 1111 1111 1111 1000 0000 0000 0000 1000 0000 0000 0001 1000 0000 0000 0010 .... 1111 1111 1111 1011 Two's complement 1000 0000 0000 0000 1000 0000 0000 0000 1000 0000 0000 0001 1000 0000 0000 0010 1000 0000 0000 0011 1000 0000 0000 0100 .... 1111 1111 1111 1110 1111 1111 1111 1111 0000 0000 0000 0000 0000 0000 0000 0001 0000 0000 0000 0010 .... 0111 1111 1111 1011 OTR 1 0 0 0 0 0 0 0 0 0 0 0 0 0
INP-INM (V)
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
24 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Output codes versus input voltage ...continued Offset binary 1111 1111 1111 1100 1111 1111 1111 1101 1111 1111 1111 1110 1111 1111 1111 1111 1111 1111 1111 1111 Two's complement 0111 1111 1111 1100 0111 1111 1111 1101 0111 1111 1111 1110 0111 1111 1111 1111 0111 1111 1111 1111 OTR 0 0 0 0 1
Table 13.
INP-INM (V) +0.99990845 +0.99993896 +0.99996948 +1 > +1
13.6 Serial Peripheral Interface (SPI)
13.6.1 Register description
The ADC1613D serial interface is a synchronous serial communications port allowing for easy interfacing with many industry microprocessors. It provides access to the registers that control the operation of the chip in both read and write modes. This interface is configured as a 3-wire type (SDIO as bidirectional pin). SCLK acts as the serial clock, and CS acts as the serial chip select bar. Each read/write operation is sequenced by the CS signal and enabled by a LOW level to to drive the chip with 2 bytes to 5 bytes, depending on the content of the instruction byte (see Table 14).
Table 14. Bit Description Instruction bytes for the SPI MSB 7 R/W[1] A7
[1]
LSB 6 W1 A6 5 W0 A5 4 A12 A4 3 A11 A3 2 A10 A2 1 A9 A1 0 A8 A0
R/W indicates whether a read or write transfer occurs after the instruction byte
Table 15. R/W[1] 0 1
[1]
Read or Write mode access description Description Write mode operation Read mode operation
Bits W1 and W0 indicate the number of bytes transferred after the instruction byte.
Table 16. W1 0 0 1 1
Number of bytes to be transferred W0 0 1 0 1 Number of bytes 1 byte transferred 2 bytes transferred 3 bytes transferred 4 or more bytes transferred
Bits A12 to A0 indicate the address of the register being accessed. In the case of a multiple byte transfer, this address is the first register to be accessed. An address counter is incremented to access subsequent addresses.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
25 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
The steps involved in a data transfer are as follows: 1. The falling edge on CS in combination with a rising edge on SCLK determine the start of communications. 2. The first phase is the transfer of the 2-byte instruction. 3. The second phase is the transfer of the data which can be vary in length but will always be a multiple of 8 bits. The MSB is always sent first (for instruction and data bytes):
CSB
SCLK
SDIO
R/W
W1
W0
A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Instruction bytes
Register N (data)
Register N + 1 (data)
005aaa086
Fig 23. Transfer diagram for two data bytes (3-wire type)
13.6.2 Channel control
The two ADC channels can be configured at the same time or separately. By using the register "Channel index", the user can choose which ADC channel will receive the next SPI-instruction. By default the channel A and B will receive the same instructions in write mode. In read mode only A is active.
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
26 of 43
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Preliminary data sheet Rev. 02 -- 23 April 2010 27 of 43
ADC1613D_SER_2 All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
NXP Semiconductors
Table 17. Addr Hex
Register allocation map R/W[1] Bit definition Bit 7 Bit 6 SW_RST Bit 5 Bit 4 SE_SEL Bit 3 DIFF_SE INTREF_EN DIG_OFFSET[5:0] TESTPAT_2[13:6] TESTPAT_3[5:0] TESTPAT_1[2:0] Bit 2 Bit 1 ADCB PD[1:0] CLKDIV2_SEL INTREF[2:0] DCS_EN Bit 0 ADCA Default[2] Bin
Register name
ADC control register 0003 0005 0006 0008 0013 0014 0015 0016 Channel index R/W 1111 1111 0000 0000 0000 000X 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000 RESERVED 0000 0000 0 0000 0000 0000 **** 0100 1001 SWAP_ ADC_0_1 0000 00** 0000 00** 0000 0000 1111 1111 0 PRBS_TYPE[1:0] 0000 0000 1110 1101 Reset and R/W Operating modes Clock Vref Offset Test pattern 1 Test pattern 2 Test pattern 3 R/W R/W R/W R/W R/W R/W
JESD204A control 0801 0802 0803 0805 0806 0808 0809 080A 080B 0820 Ser_Status Ser_Reset Ser_Cfg_Setup Ser_Control1 Ser_Control2 Ser_Analog_Ctrl Ser_ScramblerA Ser_ScramblerB Ser_PRBS_Ctrl Cfg_0_DID R R/W R/W R/W R/W R/W R/W R/W R/W R/W* 0 0 0 0 RXSYNC_ ERROR SW_RST 0 0 0 0 0 0 0 RESERVED[2:0] 0 0 0 0 SYNC_SING LEENDED 0 0 1 0 0 LSB_INIT[6:0] MSB_INIT[7:0] 0 DID[7:0] 0 0 FSM_SW_ RST 0 0 POR_TST 0
ADC1613D series; serial JESD204A interface
CFG_SETUP[3:0] RESERVED[2:0] SWAP_ LANE_1_2 SWING_SEL[2:0]
ADC1613D series
TriState_ SYNC_POL CFG_PAD 0 0 0 0
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 17. Addr Hex 0821 0822 0823 0824 0825 0826 0827 0828 0829 082C 082D 084C 084D 0870 0871 0890 0891
[1] [2]
All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
Register allocation map ...continued R/W[1] Bit definition Bit 7 Bit 6 0 0 0 0 0 CS[0] 0 0 0 0 0 Bit 5 0 0 0 0 0 0 0 0 0 0 0 FCHK[7:0] FCHK[7:0] 0 0 0 0 SCR_IN_ MODE SCR_IN_ MODE 0 0 LANE_MODE[1:0] LANE_MODE[1:0] ADC_MODE[1:0] ADC_MODE[1:0] 0 0 0 0 LANE_ POL LANE_ POL 0 0 LANE_CLK_ POS_EDGE LANE_CLK_ POS_EDGE 0 0 LANE_PD LANE_PD ADC_PD ADC_PD 0 0 0 0 0 0 NP[4:0] 0 0 LID[4:0] LID[4:0] 0 CF[1:0] S 0 Bit 4 0 0 0 0 0 K[4:0] 0 N[3:0] 0 M 0 Bit 3 Bit 2 Bit 1 BID[3:0] 0 F[2:0] L Bit 0 R/W* R/W* R/W* R/W* R/W* R/W* R R/W* R/W* R/W* R/W* 0 SCR 0 0 0 0 0 0 HD 0 0 Default[2] Bin 0000 1010 *000 000* 0000 0*** 000* **** 0000 000* 0100 0*** 0000 1111 0000 0000 *000 0000 0001 1011 0001 1100 **** **** **** **** 0000 000*
Preliminary data sheet Rev. 02 -- 23 April 2010 28 of 43
ADC1613D_SER_2
NXP Semiconductors
Register name Cfg_1_BID Cfg_3_SCR_L Cfg_4_F Cfg_5_K Cfg_6_M Cfg_7_CS_N Cfg_8_Np Cfg_9_S Cfg_10_HD_CF Cfg_01_2_LID Cfg_02_2_LID
Cfg01_13_FCHK R Cfg02_13_FCHK R LaneA_0_Ctrl LaneB_0_Ctrl ADCA_0_Ctrl ADCB_0_Ctrl R/W R/W R/W R/W
ADC1613D series; serial JESD204A interface
0000 000* 0000 000* 0000 000*
ADC1613D series
an "*" in the Access column means that this register is subject to control access conditions in Write mode. an "*" in the Default column replaces a bit of which the value depends on the binary level of external pins (e.g. CFG[3:0], Swing[1:0], Scrambler).
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
13.6.3 Register description
13.6.3.1
Table 18. Bit 7 to 2 1 ADCB
ADC control registers
Register channel Index (address 0003h) Access R/W 0 1 Value 111111 Description not used ADCB will get the next SPI command: ADCB not selected ADCB selected ADCA will get the next SPI command: 0 1 ADCA not selected ADCA selected
Symbol
0
ADCA
R/W
Table 19. Bit 7
Register reset and Power-down mode (address 0005h) Access R/W 0 1 Value Description reset digital part: no reset performs a reset of the digital part not used power-down mode: 00 01 10 11 normal (power-up) full power-down sleep normal (power-up)
Symbol SW_RST
6 to 2 1 to 0
PD[1-0]
R/W
00000
Table 20. Bit 7 to 5 4 -
Register clock (address 0006h) Access R/W 0 1 Value 000 Description not used select SE clock input pin: Select CLKM input Select CLKP input differential/single ended clock input select: 0 1 Fully differential Single-ended not used select clock input divider by 2: 0 1 disable active duty cycle stabilizer enable: 0 1 disable active
Symbol SE_SEL
3
DIFF_SE
R/W
2 1
CLKDIV2_SEL
R/W
0
0
DCS_EN
R/W
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
29 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 21. Bit 7 to 4 3 -
Register Vref (address 0008h) Access R/W 0 1 Value 0000 Description not used enable internal programmable VREF mode: disable active programmable internal reference: 000 001 010 011 100 101 110 111 0 dB (FS=2 V) -1 dB (FS=1.78 V) -2 dB (FS=1.59 V) -3 dB (FS=1.42 V) -4 dB (FS=1.26 V) -5 dB (FS=1.12 V) -6 dB (FS=1 V) not used
Symbol INTREF_EN
2 to 0
INTREF[2:0]
R/W
Table 22. Decimal +31 ... 0 ... -32 Table 23. Bit 7 to 3 2 to 0 -
Digital offset adjustment (address 0013h) DIG_OFFSET[5:0] 011111 ... 000000 ... 100000 Register test pattern 1 (address 0014h) Access R/W 000 001 010 011 100 101 110 111 Value 00000 Description not used digital test pattern: off mid-scale - FS + FS toggle `1111..1111'/'0000..0000' custom test pattern, to be written in register 0015h and 0016h `010101...' `101010...' +31 LSB ... 0 ... -32 LSB
Register offset: (address 0013h)
Symbol TESTPAT_1[2:0]
Table 24. Bit 7 to 0
Register test pattern 2 (address 0015h) Symbol TESTPAT_2[13:6] Access R/W Value Description 00000000 custom digital test pattern (bit 13 to 6)
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
30 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 25. Bit 7 to 3 2 to 0
Register test pattern 3 (address 0016h) Access R/W Value 00000 000 Description custom digital test pattern (bit 5 to 0) not used
Symbol TESTPAT_3[5:0] -
13.6.4 JESD204A digital control registers
Table 26. Bit 7 6 to 4 3 to 2 1 0 SER status (address 0801h) Access R/W ? Value 0 110 0 0 Description set to 1 when a synchronization error occurs reserved not used power-on-reset reserved Symbol RXSYNC_ERROR RESERVED[2:0] POR_TST RESERVED
Table 27. Bit 7 6 to 4 3 2 to 0
SER reset (address 0802h) Access R/W R/W Value 0 000 0 000 Description initiates a software reset of the JEDEC204A unit not used initiates a software reset of the internal state machine of JEDEC204A unit not used
Symbol SW_RST FSM_SW_RST -
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
31 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 28. Bit 7 to 4 3 to 0 -
SER cfg set-up (address 0803h)[1] Access R R/W Value 0000 0000 (reset) 0000 0001 0010 0011 0100 0101 0110 0111 1000 1001 to 1101 1110 1111 Description not used defines quick JESD204A configuration. These settings overrule the CFG_PAD configuration ADC0: ON; ADC1: ON; Lane0: ON; Lane1: ON; F = 2; HD = 0; K = 9; M = 2; L = 2[2] ADC0: ON; ADC1: ON; Lane0: ON; Lane1: OFF; F = 4; HD = 0; K = 5; M = 2; L = 1[2] ADC0: ON; ADC1: ON; Lane0: OFF; Lane1: ON; F = 4; HD = 0; K = 5; M = 2; L = 1 SWAP_LANE_1_2 = 1[2] ADC0: ON; ADC1: OFF; Lane0: ON; Lane1: ON; F = 1; HD = 1; K = 17; M = 1; L = 2[2] ADC0: OFF; ADC1: ON; Lane0: ON; Lane1: ON; F = 1; HD = 1; K = 17; M = 1; L = 2; SWAP_ADC_0_1 = 1[2] ADC0: ON; ADC1: OFF; Lane0: ON; Lane1: OFF; F = 2; HD = 0; K = 9; M = 1; L = 1[2] ADC0: ON; ADC1: OFF; Lane0: OFF; Lane1: ON; F = 2; HD = 0; K = 9; M = 1; L = 1; SWAP_LANE_1_2 = 1[2] ADC0: OFF; ADC1: ON; Lane0: ON; Lane1: OFF; F = 2; HD = 0; K = 9; M = 1; L = 1; SWAP_ADC_0_1 = 1[2] ADC0: OFF; ADC1: ON; Lane0: OFF; Lane1: ON; F = 2; HD = 0; K = 9; M = 1; L = 1; SWAP_ADC_0_1[2] reserved ADC0: OFF; ADC1: OFF; Lane0: ON; Lane1: ON; F = 2; HD = 0; K = 9; M = 2; L = 2; loop alignment = 1[2] ADC0: OFF; ADC1: OFF; Lane0: OFF; Lane1: OFF; F = 2; HD = 0; K = 9; M = 2; L = 2 PD[2]
Symbol CFG_SETUP[3:0]
[1] [2]
The default value for this register depends on the external pull-up/pull-down on CFG0, CFG1, CFG2 or CFG3. Writing to the register overwrites this value. F: number of byte per frame; HD: High density; K: number of frames per multi frame; M: number of converters; L: number of lanes
See the information about the JESD204A standard on the JEDEC web site.
Table 29. Bit 7 6 5 TRISTATE_CFG_PAD SYNC_POL SER control1 (address 0805h) Access R R/W R/W 0 1 4 SYNC_SINGLE_ENDED R/W 0 1 3 R 1 Value 0 1 Description not used CFG pads (3 to 0) are set to high-impedance. Switch to 0 automatically after start-up or reset. defines the sync signal polarity: synchronization signal is active low synchronization signal is active high defines the input mode of the sync signal: synchronization input mode is set in Differential mode synchronization input mode is set in Single-ended mode not used
Symbol
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
32 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 29. Bit 2
SER control1 (address 0805h) ...continued Access 0 1 LSB are swapped to MSB at the scrambler input enables swapping bits at the 8b/10b encoder input: 0 1 LSB are swapped to MSB at the 8b/10b encoder input enables swapping bits at the lane input (before serializer): 0 1 LSB are swapped to MSB at the lane input Value Description enables swapping bits at the scrambler input
Symbol REV_SCR
1
REV_ENCODER
-
0
REV_SERIAL
-
Table 30. Bit 7 to 2 1 -
SER control2 (address 0806h) Access R R/W 0 1 outputs of the JESD204A unit are swapped. (Output0 is connected to Lane1, Output1 is connected to Lane0) controls the JESD204A input multiplexer: 0 1 inputs of the JESD204A unit are swapped. (ADC0 output is connected to Input1, ADC1 is connected to Input0) Value 000000 Description not used controls the JESD204A output multiplexer:
Symbol SWAP_LANE_1_2
0
SWAP_ADC_0_1
R/W
Table 31. Bit 7 to 3 2 to 0 -
SER analog ctrl (address 0808h) Access R R/W Value 00000 0** Description not used defines the swing output for the lane pads
Symbol SWING_SEL[2:0]
Table 32. Bit 7 6 to 0 -
SER scramblerA (address 0809h) Access R R/W Value 0 0000000 Description not used defines the initialization vector for the scrambler polynomial (lower)
Symbol LSB_INIT[6:0]
Table 33. Bit 7 to 0
SER scramblerB (address 080Ah) Access R/W Value 11111111 Description defines the initialization vector for the scrambler polynomial (upper)
Symbol MSB_INIT[7:0]
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
33 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 34. Bit 7 to 2 1 to 0 -
SER PRBS Ctrl (address 080Bh) Access R R/W 00 (reset) 01 10 11 Value 000000 Description not used defines the type of Pseudo-Random Binary Sequence (PRBS) generator to be used: PRBS-7 PRBS-7 PRBS-23 PRBS-31
Symbol PRBS_TYPE[1:0]
Table 35. Bit 7 to 0
Cfg_0_DID (address 0820h) Access R Value Description 11101101 defines the device (= link) identification number
Symbol DID[7:0]
Table 36. Bit 7 to 4 3 to 0 -
Cfg_1_BID (address 0821h) Access R R/W Value 0000 1010 Description not used defines the bank ID - extension to DID
Symbol BID[3:0]
Table 37. Bit 7 6 to 1 0
Cfg_3_SCR_L (address 0822h) Access R/W R R/W Cfg_4_F (address 0823h) Access R R/W Value 00000 *** Description not used defines the number of octets per frame, minus 1 Value * 000000 * Description scrambling enabled not used defines the number of lanes per converter device, minus 1
Symbol SCR L
Table 38. Bit 7 to 3 2 to 0 -
Symbol F[2:0]
Table 39. Bit 7 to 5 4 to 0 -
Cfg_5_K (address 0824h) Access R R/W Value 000 ***** Description not used defines the number of frames per multiframe, minus 1
Symbol K[4:0]
Table 40. Bit 7 to 1 0 M
Cfg_6_M (address 0825h) Access R R/W Value 0000000 * Description not used defines the number of converters per device, minus 1
Symbol
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
34 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 41. Bit 7 6 5 to 4 3 to 0 -
Cfg_7_CS_N (address 0826h) Access R R/W R R/W Value 0 * 00 **** Description not used defines the number of control bits per sample, minus 1 not used defines the converter resolution
Symbol CS[0] N[3:0]
Table 42. Bit 7 to 5 4 to 0 -
Cfg_8_Np (address 0827h) Access R R/W Value 000 ***** Description not used defines the total number of bits per sample, minus 1
Symbol NP[4:0]
Table 43. Bit 7 to 1 0 S
Cfg_9_S (address 0828h) Access R R/W Value 0000000 1 Description not used defines number of samples per converter per frame cycle
Symbol
Table 44. Bit 7 6 to 2 1 to 0 HD -
Cfg_10_HD_CF (address 0829h) Access R/W R R/W Value * 00000 ** Description defines high density format not used defines number of control words per frame clock cycle per link.
Symbol
CF[1:0]
Table 45. Bit 7 to 5 4 to 0 -
Cfg01_2_LID (address 082Ch) Access R R/W Value 000 11011 Description not used defines lane1 identification number
Symbol LID[4:0]
Table 46. Bit 7 to 5 4 to 0 -
Cfg02_2_LID (address 082Dh) Access R R/W Value 000 11100 Description not used defines lane2 identification number
Symbol LID[4:0]
Table 47. Bit 7 to 0
Cfg02_13_fchk (address 084Ch) Access R Value ******** Description defines the checksum value for lane1 checksum corresponds to the sum of all the link configuration parameters modulo 256 (as defined in JEDEC Standard No.204A)
Symbol FCHK[7:0]
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
35 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 48. Bit 7 to 0
Cfg01_13_fchk (address 084Dh) Access R Value ******** Description defines the checksum value for lane1 checksum corresponds to the sum of all the link configuration parameters module 256 (as defined in JEDEC Standard No.204A)
Symbol FCHK[7:0]
Table 49. Bit 7 6 -
LaneA_0_ctrl (address 0870h) Access R R/W 0 (reset) 1 Value 0 Description not used defines the input type for scrambler and 8-bit/10-bit units: (normal mode) = Input of the scrambler and 8-bit/10-bit units is the output of the frame assembly unit. input of the scrambler and 8-bit/10-bit units is the PRSB generator (PRBS type is defined with "PRBS_TYPE" (Ser_PRBS_ctrl register) defines output type of Lane output unit: 00 (reset) 01 10 11 normal mode: Lane output is the 8-bit/10-bit output unit constant mode: Lane output is set to a constant (0 x 0) toggle mode: Lane output is toggling between 0 x 0 and 0 x 1 PRBS mode: Lane output is the PRSB generator (PRBS type is defined with "PRBS_TYPE" (Ser_PRBS_ctrl register) not used defines lane polarity: 0 1 lane polarity is normal lane polarity is inverted defines lane clock polarity: 0 1 lane clock provided to the serializer is active on positive edge lane clock provided to the serializer is active on negative edge lane power-down control: 0 1 lane is operational lane is in Power-down mode
Symbol SCR_IN_MODE
5 to 4
LANE_MODE[1:0]
R/W
3 2
LANE_POL
R R/W
0
1
LANE_CLK_POS_EDGE R/W
0
Lane_PD
R/W
Table 50. Bit 7 6 -
LaneB_0_ctrl (address 0871h) Access R R/W 0 (reset) 1 Value 0 Description not used defines the input type for scrambler and 8b/10b units: (normal mode) = Input of the scrambler and 8b/10b units is the output of the Frame Assembly unit. input of the scrambler and 8b/10b units is the PRSB generator (PRBS type is defined with "PRBS_TYPE" (Ser_PRBS_ctrl register)
Symbol SCR_IN_MODE
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
36 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 50. Bit 5 to 4
LaneB_0_ctrl (address 0871h) ...continued Access R/W 00 (reset) 01 10 11 Value Description defines output type of lane output unit: normal mode: Lane output is the 8b/10b output unit constant mode: Lane output is set to a constant (0x0) toggle mode: Lane output is toggling between 0x0 and 0x1 PRBS mode: Lane output is the PRSB generator (PRBS type is defined with "PRBS_TYPE" (Ser_PRBS_ctrl register) not used defines lane polarity: 0 1 lane polarity is normal lane polarity is inverted defines lane clock polarity: 0 1 lane clock provided to the serializer is active on positive edge lane clock provided to the serializer is active on negative edge lane power-down control: 0 1 lane is in Power-down mode
Symbol LANE_MODE[1:0]
3 2
LANE_POL
R R/W
0
1
LANE_CLK_POS_EDGE R/W
0
Lane_PD
R/W
Table 51. Bit 7 to 6 5 to 4 -
ADCA_0_ctrl (address 0890h) Access R R/W 00 (reset) 01 10 11 Value 00 Description not used defines input type of JESD204A unit: ADC output is connected to the JESD204A input Not used JESD204A input is fed with a dummy constant, set to: ADC[15:0] = "1001101110101000" JESD204A is fed with a PRBS generator (PRBS type is defined with "PRBS_TYPE" (Ser_PRBS_ctrl register) not used ADC power-down control: 0 1 ADC is operational ADC is in Power-down mode
Symbol ADC_MODE[1:0]
3 to 1 0
ADC_PD
R R/W
000
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
37 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
Table 52. Bit 7 to 6 5 to 4 -
ADC02_0_ctrl (address 0891h) Access R R/W 01 10 11 Value 00 Description not used defines input type of JESD204A unit 00 (reset) ADC output is connected to the JESD204A input not used JESD204A input is fed with a dummy constant, set to: ADC[15:0] = "1001101110101000" JESD204A is fed with a PRBS generator (PRBS type is defined with "PRBS_TYPE" (Ser_PRBS_ctrl register) not used ADC power-down control: 0 1 ADC is operational ADC is in Power-down mode
Symbol ADC_MODE[1:0]
3 to 1 0
ADC_PD
R R/W
000
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
38 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
14. Package outline
HVQFN56: plastic thermal enhanced very thin quad flat package; no leads; 56 terminals; body 8 x 8 x 0.85 mm
SOT684-7
D
B
A
terminal 1 index area
E
A
A1 c
detail X
e1 e L 15 14 1/2 e b 28 29 e v w CAB C y1 C
C y
Eh 1/2 e
e2
1 terminal 1 index area 56 Dh 43
42 X
0 Dimensions Unit mm A(1) A1 b c 0.2 D(1) 8.1 8.0 7.9 Dh 5.95 5.80 5.65 E(1) 8.1 8.0 7.9 Eh 6.55 6.40 6.25 e 0.5
2.5 scale e1 6.5 e2 6.5
5 mm
L 0.5 0.4 0.3
v 0.1
w
y
y1 0.1
max 1.00 0.05 0.30 nom 0.85 0.02 0.21 min 0.80 0.00 0.18
0.05 0.05
Note 1. Plastic or metal protrusions of 0.075 mm maximum per side are not included. Outline version SOT684-7 References IEC --JEDEC MO-220 JEITA --European projection
sot684-7_po
Issue date 08-11-19 09-03-04
Fig 24. Package outline SOT684-1 (HVQFN56)
ADC1613D_SER_2 All information provided in this document is subject to legal disclaimers. (c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
39 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
15. Revision history
Table 53. Revision history Release date 20100423 Data sheet status Preliminary data sheet Objective data sheet Change notice Supersedes ADC1613D_SER_1 Document ID ADC1613D_SER_2 Modifications: ADC1613D_SER_1
*
Product status changed from Objective to Preliminary
20100413
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
40 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
16. Legal information
16.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
16.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. Product specification -- The information and data provided in a Product data sheet shall define the specification of the product as agreed between NXP Semiconductors and its customer, unless NXP Semiconductors and customer have explicitly agreed otherwise in writing. In no event however, shall an agreement be valid in which the NXP Semiconductors product is deemed to offer functions and qualities beyond those described in the Product data sheet.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Customers are responsible for the design and operation of their applications and products using NXP Semiconductors products, and NXP Semiconductors accepts no liability for any assistance with applications or customer product design. It is customer's sole responsibility to determine whether the NXP Semiconductors product is suitable and fit for the customer's applications and products planned, as well as for the planned application and use of customer's third party customer(s). Customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. NXP Semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer's applications or products, or the application or use by customer's third party customer(s). Customer is responsible for doing all necessary testing for the customer's applications and products using NXP Semiconductors products in order to avoid a default of the applications and the products or of the application or use by customer's third party customer(s). NXP does not accept any liability in this respect. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) will cause permanent damage to the device. Limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the Recommended operating conditions section (if present) or the Characteristics sections of this document is not warranted. Constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. Terms and conditions of commercial sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. In case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. NXP Semiconductors hereby expressly objects to applying the customer's general terms and conditions with regard to the purchase of NXP Semiconductors products by customer. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
(c) NXP B.V. 2010. All rights reserved.
16.3 Disclaimers
Limited warranty and liability -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. In no event shall NXP Semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. Notwithstanding any damages that customer might incur for any reason whatsoever, NXP Semiconductors' aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the Terms and conditions of commercial sale of NXP Semiconductors. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
Preliminary data sheet
Rev. 02 -- 23 April 2010
41 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
NXP Semiconductors' specifications such use shall be solely at customer's own risk, and (c) customer fully indemnifies NXP Semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond NXP Semiconductors' standard warranty and NXP Semiconductors' product specifications.
Non-automotive qualified products -- Unless this data sheet expressly states that this specific NXP Semiconductors product is automotive qualified, the product is not suitable for automotive use. It is neither qualified nor tested in accordance with automotive testing or application requirements. NXP Semiconductors accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. In the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without NXP Semiconductors' warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond
16.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
17. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
ADC1613D_SER_2
All information provided in this document is subject to legal disclaimers.
(c) NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 02 -- 23 April 2010
42 of 43
NXP Semiconductors
ADC1613D series
ADC1613D series; serial JESD204A interface
18. Contents
1 General description . . . . . . . . . . . . . . . . . . . . . . 1 2 Features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 4 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 Pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4 7 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 8 Thermal characteristics . . . . . . . . . . . . . . . . . . 6 9 Static characteristics. . . . . . . . . . . . . . . . . . . . . 7 10 Dynamic characteristics . . . . . . . . . . . . . . . . . 10 11 Clock and digital output timing . . . . . . . . . . . 12 11.1 Serial output timings . . . . . . . . . . . . . . . . . . . 13 12 SPI timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 13 Application information. . . . . . . . . . . . . . . . . . 15 13.1 Analog inputs . . . . . . . . . . . . . . . . . . . . . . . . . 15 13.1.1 Input stage description . . . . . . . . . . . . . . . . . . 15 13.1.2 Anti-kickback circuitry . . . . . . . . . . . . . . . . . . . 15 13.1.3 Transformer . . . . . . . . . . . . . . . . . . . . . . . . . . 16 13.2 System reference and power management . . 17 13.2.1 Internal/external reference . . . . . . . . . . . . . . . 17 13.2.2 Reference gain control . . . . . . . . . . . . . . . . . . 19 13.2.3 Common-mode output voltage (VI(cm)) . . . . . . 20 13.2.4 Biasing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 13.3 Clock input . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 13.3.1 Drive modes . . . . . . . . . . . . . . . . . . . . . . . . . . 20 13.3.2 Equivalent input circuit . . . . . . . . . . . . . . . . . . 21 13.3.3 Clock input divider . . . . . . . . . . . . . . . . . . . . . 22 13.3.4 Duty cycle stabilizer . . . . . . . . . . . . . . . . . . . . 22 13.4 Digital outputs . . . . . . . . . . . . . . . . . . . . . . . . . 22 13.4.1 Serial output equivalent circuit . . . . . . . . . . . . 22 13.5 JESD204A serializer. . . . . . . . . . . . . . . . . . . . 23 13.5.1 Digital JESD204A formatter . . . . . . . . . . . . . . 23 13.5.2 ADC core output codes versus input voltage . 24 13.6 Serial Peripheral Interface (SPI) . . . . . . . . . . . 25 13.6.1 Register description . . . . . . . . . . . . . . . . . . . . 25 13.6.2 Channel control . . . . . . . . . . . . . . . . . . . . . . . 26 13.6.3 Register description . . . . . . . . . . . . . . . . . . . . 29 13.6.3.1 ADC control registers . . . . . . . . . . . . . . . . . . . 29 13.6.4 JESD204A digital control registers . . . . . . . . . 31 14 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 39 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 40 16 Legal information. . . . . . . . . . . . . . . . . . . . . . . 41 16.1 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 41 16.2 16.3 16.4 17 18 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information . . . . . . . . . . . . . . . . . . . . Contents. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41 41 42 42 43
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 23 April 2010 Document identifier: ADC1613D_SER_2


▲Up To Search▲   

 
Price & Availability of ADC1613D080HNC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X