Part Number Hot Search : 
71303 18010 74F219 13R472C DTC114Y NTE2533 183BB 40002
Product Description
Full Text Search
 

To Download 99XM01820001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 99
AC Axial Fans
Series
3.62" x 0.98" [ 92x92x25 mm ]
Approvals
R
GAMT 1 listed
Life expectancy
L-10 LIFE AT 40C: 80 000 hours (ball bearings) 50 000 hours (sleeve bearings)
AC Motor
Electrical protection: impedance protected Housing material: zamak Impeller material: plastic UL 94 VO Weight: 0,395 kg
20 25
[CFM]
Available with:
- flying leads - speed sensor
0 2,5
[mmH2O]
5
10
15
0 5
[mmH2O]
5
10
15
20
25
30
[CFM]
0 10
[mmH2O]
5
10
15
20
25
30
35
40
[CFM] [In.H2O]
0,10
0,20
99XM 50 Hz 60 Hz
[In.H2O]
99XW 50 Hz 60 Hz
[In.H2O]
98XU 50 Hz 60 Hz
0,35 0,30 0,25 0,20
2,0
0,08
4 0,15
8
1,5
0,06
3
6
Static pressure
0,10
1,0 0,04
2
4
0,15 0,10
0,05
0,5 0,02
1
2 0,05
0,0 0 2 4 6 8 10 12
0,00
[l/s]
0 0,0 2,5 5,0 7,5 10,0 12,5
0,00 15,0 [l/s]
0 0 5 10 15 20
0,00
[l/s]
Airflow
Part number 99XM0182000 99XM0181000 99XM2182000 99XM2181000 99XW0182000 99XW0181000 99XU0182000 99XU0181000
Nominal Airflow Noise Nominal Frequency Phases Capacitor Input Nominal Starting voltage level speed power current current V l/s dB(A) RPM Hz F W mA mA 115 8 21 1500 50 1 7 75 80 10 25,5 1800 60 1 6 65 70 208-240 8 21 1500 50 1 8 40 45 10 25,5 1800 60 1 7 35 40 115 8 20 1500 50 1 7 75 80 10 25 1800 60 1 6 65 70 208-240 8 20 1500 50 1 8 40 45 10 25 1800 60 1 7 35 40 115 12 32 2200 50 1 8 85 100 14 35,5 2500 60 1 6 70 90 208-240 12 32 2200 50 1 9 50 60 14 35,5 2500 60 1 7 40 50 115 15 38 2700 50 1 12 135 200 18,5 42 3200 60 1 9 105 190 208-240 15 38 2700 50 1 14 70 100 18,5 42 3200 60 1 11 60 90 Accessories: - Plastic finger guards P/N : PFG-92 and 91-53 - Plastic filter P/N : F90/T102
Bearing system
Ball Sleeve
X X X X
X X X X X X X X
X X X X
Connection Operating type temperature Leads Terminals Min. C Max. C X - 10 70 X - 10 70 X - 10 70 X - 10 70 X - 10 55 X - 10 55 X - 10 55 X - 10 55 X - 10 70 X - 10 70 X - 10 70 X - 10 70 X - 10 70 X - 10 70 X - 10 70 X - 10 70
* 99XW & 99XU also available with sleeve bearings: P/N: 99XW2182000 (115V); 99XW2181000 (208-240V); 99XU2182000 (115V); 99XU2181000(208-240V)
Additional versions: Salt spray protected; shock and vibration protected Marine specifications; wide temperature range ETRI
- Rubber mounts P/N : AM-10
- Metal finger guard P/N : 9901-43 - Metal mesh filter P/N : 90-G
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trade mark of ECOFIT, group
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition N2/01-Rev.1


▲Up To Search▲   

 
Price & Availability of 99XM01820001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X