Part Number Hot Search : 
DA101 M6244 RL102G LRS13 56BC1 CA11174 MAX1575 GBU6B
Product Description
Full Text Search
 

To Download 8ETX06FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8ETX06/8ETX06FP
Vishay High Power Products
Hyperfast Rectifier, 8 A FRED PtTM
FEATURES
8ETX06 8ETX06FP
* Hyperfast recovery time * Low forward voltage drop * Low leakage current * 175 C operating junction temperature * Fully isolated package (VINS = 2500 VRMS) * UL E78996 approved * Designed and qualified for industrial level
Base cathode 2
DESCRIPTION/APPLICATIONS
1 Cathode 3 Anode 1 Cathode 3 Anode
TO-220AC
TO-220 FULL-PAK
PRODUCT SUMMARY
trr (typical) IF(AV) VR 15 ns 8A 600 V
State of the art hyperfast recovery rectifiers designed with optimized performance of forward voltage drop, hyperfast recover time, and soft recovery. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in PFC boost stage in the AC-DC section of SMPS, inverters or as freewheeling diodes. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Repetitive peak reverse voltage Average rectified forward current Non-repetitive peak surge current Repetitive peak forward current Operating junction and storage temperatures SYMBOL VRRM IF(AV) IFSM IFM TJ, TStg TC = 143 C TC = 106 C TJ = 25 C TEST CONDITIONS VALUES 600 8 110 18 - 65 to 175 C A UNITS V
FULL-PAK
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Breakdown voltage, blocking voltage Forward voltage SYMBOL VBR, VR VF IR CT LS IR = 100 A IF = 8 A IF = 8 A, TJ = 150 C VR = VR rated TJ = 150 C, VR = VR rated VR = 600 V Measured lead to lead 5 mm from package body TEST CONDITIONS MIN. 600 TYP. 2.3 1.4 0.3 35 17 8.0 MAX. 3.0 1.7 50 500 A pF nH V UNITS
Reverse leakage current Junction capacitance Series inductance
Document Number: 93030 Revision: 24-Jun-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 1
8ETX06/8ETX06FP
Vishay High Power Products
Hyperfast Rectifier, 8 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 C unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS IF = 1 A, dIF/dt = 100 A/s, VR = 30 V Reverse recovery time trr IF = 8 A, dIF/dt = 100 A/s, VR = 30 V TJ = 25 C TJ = 125 C Peak recovery current IRRM Qrr trr IRRM Qrr TJ = 125 C TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 8 A dIF/dt = 600 A/s VR = 390 V IF = 8 A dIF/dt = 200 A/s VR = 390 V MIN. TYP. 15 16 17 40 2.3 4.5 20 100 31 12 195 MAX. 19 24 A ns UNITS
Reverse recovery charge Reverse recovery time Peak recovery current Reverse recovery charge
nC ns A nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Thermal resistance, junction to case per leg (FULL-PAK) per leg SYMBOL TJ, TStg RthJC RthJA RthCS Typical socket mount Mounting surface, flat, smooth and greased TEST CONDTIONS MIN. - 65 6.0 (5.0) Case style TO-220AC Case style TO-220 FULL-PAK TYP. 1.4 3.4 0.5 2.0 0.07 MAX. 175 2 4.3 70 12 (10) 8ETX06 8ETX06FP g oz. kgf * cm (lbf * in) C/W UNITS C
Thermal resistance, junction to ambient per leg Thermal resistance, case to heatsink Weight Mounting torque Marking device
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93030 Revision: 24-Jun-08
8ETX06/8ETX06FP
Hyperfast Rectifier, 8 A FRED PtTM
100 1000 TJ = 175 C
Vishay High Power Products
IR - Reverse Current (A)
100 10 1 0.1 0.01 0.001 0.0001
IF - Instantaneous Forward Current (A)
TJ = 150 C TJ = 125 C TJ = 100 C
10
1
TJ = 175 C TJ = 150 C TJ = 25 C
TJ = 25 C
0.1 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
0
100
200
300
400
500
600
VF - Forward Voltage Drop (V)
Fig. 1 - Typical Forward Voltage Drop Characteristics
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
1000
CT - Junction Capacitance (pF)
100
TJ = 25 C
10 0 100 200 300 400 500 600
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
ZthJC - Thermal Impedance (C/W)
10
1
PDM
0.1
Single pulse (thermal resistance) 0.01 0.00001 0.0001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 0.001 0.01
t1 t2
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 0.1
.
1
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 93030 Revision: 24-Jun-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
8ETX06/8ETX06FP
Vishay High Power Products
10
Hyperfast Rectifier, 8 A FRED PtTM
ZthJC - Thermal Impedance (C/W)
1
PDM
0.1 Single pulse (thermal resistance) 0.01 0.00001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 0.001 0.01 0.1
t1 t2
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 1 10
.
100
0.0001
t1 - Rectangular Pulse Duration (s)
Fig. 5 - Maximum Thermal Impedance ZthJC Characteristics (FULL-PAK)
Allowable Case Temperature (C)
180
180 160 140 120 100 80 60 See note (1) 40 0 2 4 6 8 10 12 Square wave (D = 0.50) Rated VR applied DC
Allowable Case Temperature (C)
170 160 DC 150 140 130 See note (1) 120 0 2 4 6 8 10 12 Square wave (D = 0.50) Rated VR applied
IF(AV) (A) Average Forward Current
Fig. 6 - Maximum Allowable Case Temperature vs. Average Forward Current
20 18
IF(AV) - Average Forward Current (A)
Fig. 7 - Maximum Allowable Case Temperature vs. Average Forward Current (FULL-PAK)
Average Power Loss (W)
16 14 12 10 8 6 4 DC D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 RMS limit
2 0
0 2
4
6
8
10
12
14
IF(AV) - Average Forward Current (A) Fig. 8 - Forward Power Loss Characteristics
Note (1) Formula used: T = T - (Pd + Pd C J REV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 8); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93030 Revision: 24-Jun-08
8ETX06/8ETX06FP
Hyperfast Rectifier, 8 A FRED PtTM
50 300 250 40 IF = 8 A IF = 16 A 200 VR = 390 V TJ = 125 C TJ = 25 C
Vishay High Power Products
Qrr (nC)
trr (ns)
30
VR = 390 V TJ = 125 C TJ = 25 C IF = 16 A
150 100
IF = 16 A
IF = 8 A
20
IF = 16 A 50 IF = 8 A IF = 8 A
10 100
1000
0 100
1000
dIF/dt (A/s)
Fig. 9 - Typical Reverse Recovery Time vs. dIF/dt
dIF/dt (A/s)
Fig. 10 - Typical Stored Charge vs. dIF/dt
VR = 200 V
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 11 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 12 - Reverse Recovery Waveform and Definitions
Document Number: 93030 Revision: 24-Jun-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
8ETX06/8ETX06FP
Vishay High Power Products
ORDERING INFORMATION TABLE
Hyperfast Rectifier, 8 A FRED PtTM
Device code
8
1
E
2
T
3
X
4
06
5
FP
6
7
1 2 3 4 5 6 7
-
Current rating (8 = 8 A) E = Single diode T = TO-220, D2PAK X = Hyperfast recovery Voltage rating (06 = 600 V) None = TO-220AC FP = TO-220 FULL-PAK None = Standard production PbF = Lead (Pb)-free
Tube standard pack quantity: 50 pieces
LINKS TO RELATED DOCUMENTS Dimensions Part marking information http://www.vishay.com/doc?95039 http://www.vishay.com/doc?95045
www.vishay.com 6
For technical questions, contact: diodes-tech@vishay.com
Document Number: 93030 Revision: 24-Jun-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 8ETX06FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X