Part Number Hot Search : 
KP100 59000 UPD17012 NJU6395 LX1802 1N5355 MC68328V MMBT555
Product Description
Full Text Search
 

To Download 710DB002M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 710-002
Non-Environmental Straight, 45 & 90 User-Installable Connector Fittings for Series 72 Annular Convoluted Tubing
Series 72 Convoluted Tubing
TYPE A
710 A A 002 M 16 20 Product Series Connector Designator (A, D, F, H, or L) (Pages F-4 to F-6) Angle: A = 90 B = 45 S = Straight Dash No. (Table II) Shell Size (Table I) Finish (Table III) Basic No.
E (REF)
A THREAD (Page F-17) C DIA (Page F-17)
E
TUBING I.D. (Ref) (See Table II)
STYLE 2 (STRAIGHT)
.875 (22.2) MAX
STRAIGHT
H F
45
J
STYLE 2 (90 & 45)
G
90
45
L TYP. DIA
Metric dimensions (mm) are indicated in parentheses. Tubing shown for reference only.
(c) 2003 Glenair, Inc. CAGE Codes 06324 Printed in U.S.A.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com E-10
710-002
Non-Environmental Straight, 45 & 90 User-Installable Connector Fittings for Series 72 Annular Convoluted Tubing
SHELL SIZE A,D,F,L 08 10 12 14 16 18 20 22 24 28 32 36
H 09 11 13 15 17 19 21 23 25 ----
E MAX 1.120 (28.4) 1.141 (29.0) 1.180 (30.0) 1.202 (30.5) 1.230 (31.2) 1.260 (32.0) 1.300 (33.0) 1.335 (33.9) 1.360 (34.5) 1.435 (36.4) 1.505 (38.2) 1.570 (39.9)
TABLE I F MAX .500 (12.7) .595 (15.1) .610 (15.5) .700 (17.8) .885 (22.5) .975 (24.8) .975 (24.8) 1.125 (28.6) 1.125 (28.6) 1.225 (31.1) 1.575 (40.0) 1.775 (45.1)
G MAX 1.605 (40.8) 1.725 (43.8) 1.745 (44.3) 1.815 (46.1) 1.905 (48.4) 2.075 (52.7) 2.075 (52.7) 2.185 (55.5) 2.185 (55.5) 2.355 (59.8) 2.575 (65.4) 2.605 (66.2)
H MAX .520 (13.2) .520 (13.2) .582 (14.8) .645 (16.4) .738 (18.7) .927 (23.5) .927 (23.5) 1.020 (25.9) 1.020 (25.9) 1.145 (29.1) 1.207 (30.7) 1.238 (31.4)
J MAX 1.655 (42.0) 1.655 (42.0) 1.715 (43.6) 1.805 (45.8) 1.915 (48.6) 2.105 (53.5) 2.105 (53.5) 2.255 (57.3) 2.255 (57.3) 2.305 (58.5) 2.405 (61.1) 2.495 (63.4)
DASH NO. 09 12 16 20 24 28 32 40
TABLE II TUBING I.D. (REF) MIN MAX .240 (6.1) .280 (7.1) .330 (8.4) .370 (9.4) .450 (11.4) .500 (12.7) .570 (14.5) .620 (15.7) .690 (17.5) .750 (19.1) .810 (20.6) .870 (22.1) .930 (23.6) 1.000 (25.4) 1.180 (30.0) 1.250 (31.8)
L DIA .875 (22.2) 1.000 (25.4) 1.125 (28.6) 1.250 (31.8) 1.438 (36.5) 1.625 (41.3) 1.750 (44.5) 2.000 (50.8)
TABLE III SYMBOL FINISH B J M N NC NF T Olive Drab over Cadmium Plate Gold Iridite over Cadmium Plate over Nickel Electroless Nickel Olive Drab over Cadmium Plate over Nickel Zinc-Cobalt, Olive Drab Olive Drab over Cadmium Plate over Electroless Nickel (500 Hour Salt Spray) Bright Dip Cadmium Plate over Nickel
CAGE Codes 06324 Printed in U.S.A.
When tubing I.D. MAX exceeds inside diameter of connector shell, style 2 will be supplied. Refer to pages F-15 and F-16.
(c) 2003 Glenair, Inc.
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 www.glenair.com E-Mail: sales@glenair.com E-11
Series 72 Convoluted Tubing


▲Up To Search▲   

 
Price & Availability of 710DB002M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X