Part Number Hot Search : 
DDTC124 C00FK 2SC5376F TG40E80 1N4761A D5702 1C101 1000H
Product Description
Full Text Search
 

To Download 3021009-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 REV. A
REVISION DESCRIPTION Changed Pin Out
DATE 03-12-07
APPROVED DP
1830 50
1 2 3 456 13
7.0 0.3
1 2 3 4 5 12 11 10 9 7 8
P1
4 3 2 1 12.2 0.4
FRONT
USB 4P(A)/M MOLDING TYPE (MOLD NO: G102-506)
MINI USB5P(B)/M MOLDING TYPE (MOLD NO: G102-718)
FRONT
No.
PARTS NAME USB 4P(A)/M - CONTACT USB 4P(A)/M - INSULATOR USB 4P(A)/M - SHELL 1 USB 4P(A)/M - SHELL 2 USB 4P(A)/M - COPPER FOIL USB 4P(A)/M - OUTER MOLD MINI USB(B)5P/M - CONTACT MINI USB(B)5P/M - INSULATOR MINI USB(B)5P/M - SHELL 1 MINI USB(B)5P/M - SHELL 2 MINI USB(B)5P/M - COPPER FOIL MINI USB(B)5P/M - OUTER MOLD CABLE MINI TIE POLYBAG
SPECIFICATION STANDARD BRASS/GOLD PLATED (CRIMPING TYPE) PBT+G,F/WHITE UL 94V-0 STEEL NICKEL PLATED STEEL NICKEL PLATED WIDTH 5xLENGTH 27 45P PVC / COLOR: BLACK BRASS / GOLD PLATED SOLDER TYPE PBT+G,F / BLACK UL 94V-0 SHELL / NICKEL PLATED SHELL / NICKEL PLATED WIDTH 5xLENGTH 27 45P PVC / COLOR: BLACK L01009ABK01A PE / BLACK PE: 0.08x140x160
QTY REMARKS 4 1 1 1 1 1 5 1 1 1 1 1 1 2 1
TAPE
PIN OUT
1
P1
100 20
15
P2
RED GREEN WHITE BLACK DRAIN BRAID 1 2 3 4 (NOT CONNECTED) 5
2 3 4 5 6 7 8 9 10 11 12 13 14 15
1 2
14
3 4 SHELL
NOTES: 1. CABLE: UL2725 26/28AWG (28AWGx1P+26AWGx2C+FOIL+DW+BD)x1 OUTER JACKET: BLACK, OD: 4.2 0.2 PRINTING: "E166307 AWM 2725 26/28AWG 80C 30V VW-1 HI-SPEED USB2.0" 2. CONNECTORS: USB 4P(A) MALE TO USB MINI 5P(B) MALE 3. HOOD: MOLDED 4. ELECTRICAL TEST: <1>.100% OPEN SHORT & MISS WIRE TEST <2>. INSULATION RESISTANCE: DC400V 10M ohm MIN. <3>. CONDUCTOR RESISTANCE: 3 ohm MAX. 5. PACKING: 1PC/POLYBAG
Dim range (mm) 0-1 1-6 6-18 18-50 50-120 120-250 250-500
Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20
Qualtek Electronics Corp.
Part Number: Description:
WCT DIVISION 3021009-06
USB 4P(A)/M - USB MINI 5P(B)/M
REV. A
Drawn / Date B. Grubb 01-26-07
Checked / Date 01-26-07
Approved / Date JJH / 01-26-07


▲Up To Search▲   

 
Price & Availability of 3021009-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X