Part Number Hot Search : 
AD779 TFS770 AP9435GK US661EDC 1N5232B KA2206 HP127 178M07
Product Description
Full Text Search
 

To Download 2SD1594 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon Power Transistors
2SD1594
DESCRIPTION With TO-220Fa package APPLICATIONS Low frequency power amplifier High speed switching industrial use
PINNING
PIN 1 2 3
DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-220Fa) and symbol
ABSOLUTE MAXIMUM RATINGS AT Tc=25ae
SYMBOL VCBO VCEO VEBO IC ICM IB PC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current (DC) Collector power dissipation Collector power dissipation Junction temperature Storage temperature Ta=25ae TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 150 100 7 7 15 3.5 1.5 40 150 -55~150 ae ae V A A A W W UNIT V
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Emitter-base saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain CONDITIONS IC=5A , IB1=0.5A,L=1mH IC=5A IB=0.5A IC=5A IB=0.5A VCB=100V IE=0 VEB=5V IC=0 IC=0.5A ; VCE=5V IC=3A ; VCE=5V IC=5A ; VCE=5V 40 40 20 MIN 60 TYP. SYMBOL VCEO(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3
2SD1594
MAX
UNIT V
0.6 1.5 10 10 |I |I
V V A A
240
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A ;IB1=0.5A IB2=-0.5A; VCC=50V RL=10| 0.5 0.5 1.5 |I |I |I s s s
hFE-2 Classifications
R 40-80 O 70-140 Y 120-240
JMnic
Product Specification
www.jmnic.com
Silicon Power Transistors
PACKAGE OUTLINE
2SD1594
Fig.2 Outline dimensions (unindicated tolerance:A
0.15 mm)
JMnic


▲Up To Search▲   

 
Price & Availability of 2SD1594

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X