Part Number Hot Search : 
05410 ES6U1 ZFAMG10A BSX59 SM6T150A A7800 E15CA PQ100
Product Description
Full Text Search
 

To Download 2SD1210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1210
DESCRIPTION *High DC Current Gain : hFE= 1000(Min.)@ IC= 10A *Collector-Emitter Sustaining Voltage: VCEO(SUS) = 100V(Min)
APPLICATIONS *Designed for audio frequency power amplifier and low speed high current switching industrial use.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w
ww
scs .i
VALUE 150 V 100 V 8 V 10 A 20 A 1 A
UNIT
.cn mi e
ICM
Collector Current-Peak
IB
B
Base Current- Continuous Collector Power Dissipation @Ta=25
3 W
PC Collector Power Dissipation @TC=25 Tj Junction Temperature 80
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SD1210
MAX
UNIT
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 10A, IB= 25mA
1.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 10A, IB= 25mA
2.0
V
ICBO
Collector Cutoff current
VCB= 100V, IE= 0
10
A
IEBO
Emitter Cutoff Current
VEB= 8V; IC= 0
5
mA
hFE
DC Current Gain
IC= 10A; VCE= 2V
1000
Switching Times
ton
Turn-On Time
tstg
Storage Time
tf
Fall Time
w w
scs .i w
IC = 10A,IB1 = -IB2= 25mA; RL= 5;VCC 50V
.cn mi e
1.0
s
5.0
s
2.0
s
isc Websitewww.iscsemi.cn


▲Up To Search▲   

 
Price & Availability of 2SD1210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X