Part Number Hot Search : 
CFRM103 AM7947 DG200 J110A C13005 24D300 PD030 D1GD1
Product Description
Full Text Search
 

To Download 2SC4706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon NPN Power Transistors
2SC4706
DESCRIPTION With TO-3PN package High voltage switching transistor APPLICATIONS For switching regulator and general purpose applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25ae CONDITIONS Open emitter Open base Open collector VALUE 900 600 7 14 28 7 130 150 -55~150 ae ae UNIT V V V A A A W
JMnic
Product Specification
Silicon NPN Power Transistors
2SC4706
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance CONDITIONS IC=10mA ; IB=0 VCB=800V; IE=0 VEB=7V; IC=0 IC=7A ; VCE=4V IC=7A ; IB=1.4A IC=7A ; IB=1.4A VCE=12V;IE=-1.5A VCB=10V;f=1MHz 6 160 10 MIN 600 0.1 0.1 25 0.5 1.2 V V MHz pF TYP. MAX UNIT V mA mA
SYMBOL V(BR)CEO ICBO IEBO hFE VCE(sat) VBE(sat) fT COB
Switching times ton ts tf Turn-on time Storage time Fall time IC=7A;RL=35.7| IB1=1.05A;IB2=-3.5A VCC=250V 1.0 5.0 0.7 |I |I |I s s s
2
JMnic
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4706
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3
JMnic
Product Specification
Silicon NPN Power Transistors
2SC4706
4


▲Up To Search▲   

 
Price & Availability of 2SC4706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X