Part Number Hot Search : 
2N5905 TA8880CN 40008 HS9148 W064T SM2Z150 AR3510 1N4749A
Product Description
Full Text Search
 

To Download 2SC2655 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC2655
NPN General Purpose Transistors
P b Lead(Pb)-Free
2 3 1.EMITTER 3.BASE 2.COLLECTOR 1
TO-92MOD
ELECTRICAL CHARACTERISTICS
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current
Tamb=25ae
Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) Test Ic=100|I
unless
otherwise
specified(c)
MIN TYP MAX UNIT V V V
conditions A,IE=0
50 50 5 1 1 70 40 0.5 1.2 100 30
0.1
Ic=10mA,IB=0 IE=100|I A,IC=0
VCB=50V,IE=0 VEB=5V,IC=0 VCE=2V,IC=500mA VCE=2V,IC=1.5A IC=1A,IB=0.05A IC=1A,IB=0.05A VCE=2V,IC=0.5A VCB=10V,IE=0,f=1MHz
|I A |I A
240
DC current gain hFE(2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Tune on Time Switch time Storage Time Fall Time VCE(sat) VBE(sat)
V V MHz pF
fT
Cob ton tstg tf
Vcc=30V,Ic=1A, IB1=-IB2=0.05A
1.0 0.1
|I s
CLASSIFICATION OF Rank Range
hFE(1) O 70-140 Y 120-240
WEITRON
http://www.weitron.com.tw
1/2
19-Feb-09
2SC2655
TO-92MOD Outline Dimensions
G
unit:mm
TO-92MOD
J
D
C
K L
Dim A B C D E G J K L M
M in M ax 4.70 5.10 1.73 2.03 0.40 0.60 0.90 1.10 0.40 0.50 5.80 6.20 8.40 8.80 1.50Typ 2.90 3.10 12.20 13.45
B
M
WEITRON
http://www.weitron.com.tw
E
A
2/2
19-Feb-09


▲Up To Search▲   

 
Price & Availability of 2SC2655

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X