Part Number Hot Search : 
155012 BTA60 0F401 LT346 1N4756P LRC10 CPH3426 L2902
Product Description
Full Text Search
 

To Download 2SC2209 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-126 package *Complement to type 2SA963 *High collector power dissipation APPLICATIONS *For low-frequency power amplification
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SC2209
Absolute Maximun Ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 50 40 5 1.5 3 10 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=2mA;IB=0 IC=1mA ;IE=0 IC=1.5A ;IB=150mA IC=2A ;IB=0.2A VCB=20V; IE=0 VCE=10V; IB=0 VEB=5V; IC=0 IC=1A ; VCE=5V IE=0 ; VCB=5V;f=1MHz IC=0.5A ; VCB=5V,f=200MHz 80 MIN 40 50
2SC2209
SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO ICEO IEBO hFE COB fT
TYP.
MAX
UNIT V V
1.0 1.5 1 100 10 220 50 150
V V A A A
pF MHz
hFE Classifications Q 80-160 R 120-220
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC2209
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC2209
4


▲Up To Search▲   

 
Price & Availability of 2SC2209

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X