Part Number Hot Search : 
CXK77 SM5073 2N1015D MSM7630 RF160 1MA15 3401LP 5ETTTS
Product Description
Full Text Search
 

To Download 240-381WM15-35PP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MIL-DTL-38999 Connectors
MIL-DTL-38999 Series I
240-381W MIL-DTL-38999 Series I Type Filter Connector
Wall Mount Receptacle
Contact Gender P - Pin S - Socket
Alternate Key Position Per MIL-DTL-38999 A, B, C, D, N = Normal Filter Type P - Pi Circuit C - C Circuit
B
Filter Connector Product Code
Insert Arrangement IAW MIL-STD-1560
Capacitance (See Table II)
240 - 381
W
P
15-35
P
S
P
A
C
N
Shell Style W - Wall Mount
Connector Class (See Table I)
Termination S - Solder Cup P - PC Tail
Flange Mounting Style H - Chamfered Holes C - Clinch Nuts (4-40 UNC) M - Metric Clinch Nuts (M3)
Master Key S 4x P Holes .005 (.13) M K L .200 (5.1) Max
E Thread
R
R 120 TYP 85 BSC Solder Cup Or PC Tails F Max Panel Thickness (Including Hardware) .22 (5.6) Min
4x Chamfered DR Round
PC TAIL DATA
Contact Size 22D 20 16 PC Tail O .020 .018 .024 .029 .038 .042
Printed in U.S.A. E-Mail: sales@glenair.com
W - Wall Mount
(c) 2008 Glenair, Inc. www.glenair.com
CAGE CODE 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
B-4
240-381W MIL-DTL-38999 Series I Type Filter Connector
Wall Mount Receptacle
Shell Size Code A B C D E F G H J
MIL-DTL-38999 Series I Square Flange Panel Cutouts
Shell Size 09 11 13 15 17 19 21 23 25 K Min .656 (16.7) .796 (20.2) .922 (23.4) 1.047 (26.6) 1.219 (31.0) 1.297 (32.9) 1.422 (36.1) 1.547 (39.3) 1.672 (42.5) L Min .516 (13.1) .625 (15.9) .750 (19.1) .906 (23.0) 1.016 (25.8) 1.141 (29.0) 1.266 (32.2) 1.375 (34.9) 1.484 (37.7) M Holes .133 (3.4) .123 (3.1) .133 (3.4) .123 (3.1) .133 (3.4) .123 (3.1) .133 (3.4) .123 (3.1) .133 (3.4) .123 (3.1) .133 (3.4) .123 (3.1) .133 (3.4) .123 (3.1) .159 (4.0) .149 (3.8) .155 (3.9) .145 (3.7) N BSC .719 (18.3) .812 (20.6) .906 (23.0) .969 (24.6) 1.062 (27.0) 1.156 (29.4) 1.250 (31.8) 1.375 (34.9) 1.500 (38.1)
Front Panel Mounting N
4x
M Holes .005 (.13) N
K Min
Back Panel Mounting
L Min
TABLE II: CAPACITOR ARRAY CODE CAPACITANCE RANGE
CLASS PI - CIRCUIT (pF) 160,000 - 240,000 80,000 - 120,000 60,000 - 90,000 38,000 - 56,000 32,000 - 45,000 18,000 - 33,000 8,000 - 12,000 3,300 - 5,000 800 - 1,300 400 - 600 C - CIRCUIT (pF) 80,000 - 120,000 40,000 - 60,000 30,000 - 45,000 19,000 - 28,000 16,000 - 22,500 9,000 - 16,500 4,000 - 6,000 1,650 - 2,500 400 - 650 200 - 300 X* Y* Z* A B C D E F G
TABLE I: CONNECTOR CLASS
SYM M MT NF P ZN CLASS Environmental Environmental Environmental Environmental Environmental MATERIAL Aluminum Aluminum Aluminum Stainless Steel Aluminum FINISH DESCRIPTION Electroless Nickel
Ni-PTFE 1000 Hour GreyTM Nickel Fluorocarbon Polymer
Cadmium O.D. Over Electroless Nickel Electro-Deposited Nickel Zinc-Nickel Over Electroless Nickel
* Reduced DWV - Please consult factory.
DIMENSIONS
SHELL SIZE 9 11 13 15 17 19 21 23 25 E THREADS .6875-24 UNEF-2A .8125-20 UNEF-2A .9375-20 UNEF-2A 1.0625-18 UNEF-2A 1.1875-18 UNEF-2A 1.3125-18 UNEF-2A 1.4375-10 UNEF-2A 1.5625-18 UNEF-2A 1.6875-18 UNEF-2A F MAX .234 (5.9) .234 (5.9) .234 (5.9) .234 (5.9) .234 (5.9) .234 (5.9) .204 (5.2) .204 (5.2) .193 (4.9) K + .015 (.4) - .000 (0) .085 (2.2) .085 (2.2) .085 (2.2) .085 (2.2) .085 (2.2) .085 (2.2) .115 (2.9) .115 (2.9) .115 (2.9) L MAX .469 (11.9) .469 (11.9) .469 (11.9) .469 (11.9) .469 (11.9) .469 (11.9) .500 (12.7) .500 (12.7) .500 (12.7) M + .000 (0) - .005 (.13) .820 (20.8) .820 (20.8) .820 (20.8) .820 (20.8) .820 (20.8) .820 (20.8) .820 (20.8) .790 (20.1) .790 (20.1) P + .010 (.3) - .005 (.13) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .128 (3.3) .147 (3.7) .147 (3.7) R BSC .3595 (9.1) .406 (10.3) .453 (11.5) .4845 (12.3) .531 (13.5) .578 (14.7) .625 (15.9) .6875 (17.5) .750 (19.1) S +/- .020 (5.1) .938 (23.8) 1.031 (26.2) 1.125 (28.6) 1.219 (31.0) 1.312 (33.3) 1.438 (36.5) 1.562 (39.7) 1.688 (42.9) 1.688 (42.9)
Printed in U.S.A. E-Mail: sales@glenair.com
(c) 2008 Glenair, Inc. www.glenair.com
CAGE CODE 06324
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912
B-5
MIL-DTL-38999 Connectors
B


▲Up To Search▲   

 
Price & Availability of 240-381WM15-35PP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X