Part Number Hot Search : 
3003BR C100B 1209S BR301 HM202P08 2SD18 TPV394 ZH431G02
Product Description
Full Text Search
 

To Download 15683C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1500 Series
Radial Lead Inductors
SELECTION GUIDE
DC Inductance, DC Current1 Q @ f kHz Resistance (10kHz, 0.1VAC) 10% H 1.0 20% 1.5 20% 2.2 20% 3.3 20% 4.7 20% 6.8 20%
10 15 22 33 47 68 100 150 220 330 470 680 1000
SRF Nom. MHz
142 108 82 68 60 46 30 19 11 8 5 4 3 2 2 1.6 1.3 1.0 0.8
Order Code
Max. A
16.2 14.9 15.0 11.8 11.7 10.2 9.01 7.44 6.80 5.08 4.04 3.33 2.62 2.28 2.08 1.71 1.40 1.12 0.91
Max.
2.76 3.48 4.20 5.76 6.48 8.04 10.6 15.5 18.8 31.2 45.6 70.3 110 149 185 263 389 574 887
Nom. Q f
151 155 127 128 131 133 112 109 102 107 104 100 89 126 69 68 76 86 96 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 20 20 20 25 30
Lead Dimensions (See Package Specifications) Dim. A Dim. B mm mm
1.18 1.18 1.18 1.18 1.18 1.18 1.18 1.06 1.06 0.90 0.80 0.71 0.63 0.60 0.60 0.56 0.50 0.45 0.40 13.6 13.6 13.6 13.6 13.6 14.0 14.5 14.2 13.6 13.8 14.2 13.6 13.8 13.6 14.0 13.8 14.2 14.0 13.6
FEATURES
RoHS compliant Radial format Up to 16.2A IDC 1.0H to 1.0mH Low DC resistance PCB mounting Fully tinned leads Compatible with RoHS soldering systems Backward compatible with Sn/Pb soldering systems Custom parts available
15102C 15152C 15222C 15332C 15472C 15682C 15103C 15153C 15223C 15333C 15473C 15683C 15104C 15154C 15224C 15334C 15474C 15684C 15105C
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range Storage temperature range
-40C to +85C -40C to +125C
DESCRIPTION
The 1500 Series is a general purpose range of inductors suitable for low to medium current applications such as power supply and other general purpose filtering designs. The central hole allows mechanical fixing with a nonmagnetic screw.
SOLDERING INFORMATION2
Peak wave solder temperature Pin finish
All specifications typical at TA=25C 1 Maximum DC current occurs when either the inductance falls to 75% of its nominal value or when its temperature rise reaches 40C, whichever is sooner. 2 For further information, please visit www.murata-ps.com/rohs
260C for 10 seconds Pure tin dip
For full details go to www.murata-ps.com/rohs
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1500C_A01 Page 1 of 3
1500 Series
Radial Lead Inductors
INDUCTANCE Vs CURRENT
10000
1mH
1000
Inductance, L (H)
100H
100
10H
10
1H
1
0.1 0.001
0.01
0.1
1
10
100
Current, IDC (A)
TEMPERATURE Vs CURRENT
60
1mH
100H
10H 1H
50
40
30
20
10
0 0 5 10 15 20 25
Current, IDC (A)
INDUCTANCE Vs FREQUENCY
100000
1mH
10000
Inductance, L (H)
1000
100H
100
10H
10
1H
1
0.1 10 100 1000 10000
Frequency, (kHz)
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1500C_A01 Page 2 of 3
1500 Series
Radial Lead Inductors
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
16.8 (0.661) Max.
15683C
XYYWW
2.6 (0.102) Typ.
21.3 (0.839) Max.
13.01.0 (0.5120.039) Dim. A (See Selection Guide)
Dim. B (See Selection Guide)
All dimensions in mm (inches). Package weight 13-18g Typ. Dot signifies the innermost turn of the winding.
PACKAGING DETAILS
Supplied in cartons (40 pieces per carton)
USA: UK: France: Japan:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
KMP_1500C_A01 Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 15683C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X