![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
6,77'' x 5,9'' x 1,496'' 172 x 150 x 38 mm 148V AC Axial Fans Series Approvals R R RoHS AC Motor Electrical protection: thermally protected Housing material: zamak Impeller material: plastic UL 94 VO Weight: 1,1 kg Bearing system: ball bearings Available with: - Flying leads - Speed sensor Life expectancy L-10 LIFE AT 40C: 80 000 hours Airflow: CFM 148VE Static pressure: mmH2O (208-240 V) 148VP (208-240 V) 148VK Airflow: l/s Part Number 148VE0282000 148VE0281000 148VP0282000 148VP0281000 148VK0282000 148VK0281000 Nominal voltage V 115 208-240 115 208-240 115 208-240 Airflow l/s 49 58 49 58 81 70 82 70 100 119 100 117 Noise level dB(A) 36 39 36 39 50 45,5 49 44 54 57 53 57 Nominal Frequency Phases Capacitor Input Nominal speed Power current RPM Hz F W mA 1400 50 1 1 11 100 1650 60 1 1 11 90 1400 50 1 0,32 13 60 1650 60 1 0,32 14 60 2350 50 1 2,2 14 120 2100 60 1 2,2 18 160 2400 50 1 0,69 16 70 2000 60 1 0,69 22 100 2850 50 1 2,7 32 300 3300 60 1 2,7 32 270 2800 50 1 2,2 35 200 3200 60 1 2,2 33 170 Starting Connection Operating temperature type current mA Leads Terminals Min.C Max.C 140 X -10 70 140 X -10 70 80 X -10 70 80 X -10 70 170 X -10 70 180 X -10 70 100 X -10 70 105 X -10 70 610 X -10 70 590 X -10 70 390 X -10 55 370 X -10 55 Additional versions: Other weight: 830 g - Aluminium impeller - salt spray protected - shock and vibration protected - marine specifications - wide temperature range IP54: consult factory Accessories: Refer to Accessories leaflet http://www.etrinet.com e-mail: info@etrinet.com ETRI is a trademark of ECOFIT Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2008 Static pressure: InW |
Price & Availability of 148VE0282000
![]() |