Part Number Hot Search : 
TB30N0 5MTCX BR1008S VNQ6004 E4920 E4920 VNQ6004 PSZ201
Product Description
Full Text Search
 

To Download 141LS0181000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4,724'' x 4,724'' x 1,496''
120 x 120 x 38 mm
141L
AC Axial Fans
Series
Approvals
R
R
RoHS
AC Motor
Electrical protection: impedance protected Housing material: zamak Impeller material: plastic UL 94 VO Weight: 725 g Bearing system: ball bearings
Available with:
- Flying leads - Speed sensor
Life expectancy
L-10 LIFE AT 40C: 80 000 hours
Airflow: CFM
141LV
Static pressure: mmH2O
141LT
141LS
Static pressure: InH2O
Airflow: l/s
Part Number
141LV0182000 141LV0181000 141LT0182000 141LT0181000 141LS0182000 141LS0181000
Nominal voltage V 115
208-240 115 208-240 115 208-240
Airflow
l/s 23,5 26 23,5 26 33 35 33 35 42 48 42 48
Noise level dB(A) 27,5 28 27,5 28 35 38,5 35 38,5 44,5 49,5 44,5 49,5
Nominal Frequency Phases Capacitor Input Nominal speed Power current RPM Hz F W mA 1600 50 1 9 110 1700 60 1 8 100 1600 50 1 10 60 1700 60 1 9 55 2200 50 1 10 125 2400 60 1 9 110 2200 50 1 12 75 2400 60 1 10 65 2800 50 1 13 160 3200 60 1 12 140 2800 50 1 14 95 3200 60 1 12 80
Starting Connection Operating temperature type current Leads Terminals Min.C Max.C mA 125 X -10 70 110 X -10 70 70 X -10 70 65 X -10 70 160 X -10 70 140 X -10 70 90 X -10 70 75 X -10 70 275 X -10 70 240 X -10 70 150 X -10 70 130 X -10 70
Additional versions:
Salt spray protected - shock and vibration protected - marine specifications - wide temperature range IP54: consult factory
Accessories:
Refer to Accessories leaflet
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition 2009


▲Up To Search▲   

 
Price & Availability of 141LS0181000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X