Part Number Hot Search : 
4046N BZT20 10SVP10M HG62E58 LA70100M MOF0932 PF5102 AO4411
Product Description
Full Text Search
 

To Download 10A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10A05 THRU 10A100
Reverse Voltage - 50 to 1000 Volts
GENERAL PURPOSE SILICON RECTIFIER
Forward Current - 10.0 Ampere
FEATURES
The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 Construction utilizes void-free molded plastic technique Low reverse leakage High forward surge current capability High temperature soldering guaranteed: 250 C/10 seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
R-6
1.0 (25.4) MIN. 0.360 (9.1) 0.340(8.6) DIA.
0.360(9.1) 0.340(8.6)
MECHANICAL DATA
Case: R-6 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight:0.072 ounce, 2.05 grams
1.0 (25.4) MIN. 0.052 (1.3) 0.048 (1.2) DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Characteristic
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375"(9.5mm) lead length at TA=50 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 10.0A Maximum DC reverse current TA=25 C at rated DC blocking voltage TA=100 C Typical junction capacitance (NOTE 1) Typical thermal resistance (NOTE 2) Operating junction and storage temperature range
SYMBOLS 10A05 10A10 10A20 10A40 10A60 10A80 10A100
UNITS V V V A A V
A
VRRM VRMS VDC I(AV) IFSM VF IR CJ R JA TJ,TSTG
50 35 50
100 70 100
200 140 200
400 280 400 10.0 600 1.0 10 100
600 420 600
800 560 800
1000 700 1000
150 10.0 -50 to +150
pF C/W C
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2.Thermal resistance from junction to ambient at 0.375" (9.5mm)lead length,P.C.B. mounted
10A05 THRU 10A100
RATINGS AND CHARACTERISTIC CURVES
12 10 8.0 6.0 4.0 2.0 0
IF, INSTANTANEOUS FORWARD CURRENT (A)
100
I(AV), AVERAGE RECTIFIED CURRENT (A)
10
1.0
Tj = 25C
0
50
100
150
200
0.1 0 0.4 0.8
Pulse Width = 300 ms 2% Duty Cycle
1.2
1.6
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
1000 IFSM, PEAK FORWARD SURGE CURRENT (A)
1000 Cj, JUNCTION CAPACITANCE (pF)
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
Tj = 25C f = 1MHz
800
100
10A05 - 10A40
600
10A60 -10A100
400
10
200
8.3ms Single Half Sine-Wave JEDEC Method
0
1.0
1
10
100
1
NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Forward Surge Current
10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
100


▲Up To Search▲   

 
Price & Availability of 10A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X