Part Number Hot Search : 
2N130 EA111 0APBF TL004 MP3510M HAL109 5DC12 MP2505W
Product Description
Full Text Search
 

To Download WRT-740DC240B-047 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMMUNICATIONS MODULES & SUBSYSTEMS
Long Reach, Client-Side SFP, Multi-Rate, Multi-Protocol, CWDM, 3R Transponder WaveReadyTM Transponder 740 LR CWDM
Key Features
* Client-side SFP modules support either single-mode (SMF) or multi-mode fiber (MMF) * Automatic bit rate detection and reporting * Multiple protocols supported at discrete bit rates of 125 Mb/s to 2.7 Gb/s * Network optics support eight CWDM channels using 20-nm channel spacing * Facility loopback functionality on both network and client sides * Remote management with SNMP traps or TL1 * 3R functionality at all supported bit rates and protocols
Applications
* Wavelength services * Metro optical access overlay * Storage area network (SAN) and GigE extension services
The WaveReady Transponder 740 LR CWDM (WRT-740 CWDM) is a multi-rate, multi-protocol, auto-lock module that translates optical signals between a variety of client-side interfaces into a long-reach, single-mode course wavelength division multiplexing (CWDM) interface. This module features small form factor pluggable (SFP) modules on the client side as well as loopback and 3R (reshape, re-time, and re-amplify/regenerate) functionalities. The WRT-740 CWDM contains an embedded management channel, which allows for remote management, lowering operating, administration, and management costs. The transponder's WaveReady communication module manages the WRT-740 CWDM using TL1, SNMP, command line interface, or JDSU Node Manager software
Compliance
* FCC Part 15 (Class A) * UL 60950 3rd edition, December 2000 * CAN/CSA-C22.2 No. 950-95 * NEBS Level 3 * GR-63-CORE * CE * IEC 60950 * ETS300-386 * EN 55022 (Class B) * 73/23/EEC
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com
WAVEREADY TRANSPONDER 740 LR CWDM
2
Point-to-Point Eight-Channel CWDM Link
Typical Link Budget
Data Rate OC-48 Gigabit Ethernet
Minimum Rx Power -28.5 dBm -30 dBm
Total Power Budget 27.5 dB 29.0 dB
Maximum Distance 76 km 82 km
WAVEREADY TRANSPONDER 740 LR CWDM
3
Point-to-Point Single-Channel CWDM Link
Note: Power budget is 25 dB, but to go from 80 to 100 km, a dispersion compensation module (DCM) is required.
Typical Link Budget
Data Rate OC-48 Gigabit Ethernet
Minimum Rx Power -28.5 dBm -30 dBm
Total Power Budget 27.5 dB 29.0 dB
Maximum Distance 110 km 116 km
Network Optical Specifications
Parameter Optical Path between Transmitter and Receiver Connectors Dispersion penalty at OC-48 (80 km) Dispersion at OC-48 Optical return loss of cable plant, including any connectors Discrete reflectance between transmitter and receiver connectors Maximum link budget at OC-48, including dispersion penalty at BER = 1x10-12 Transmitter Output wavelengths Wavelength accuracy Mean output power
Specifications
Maximum Minimum Minimum Maximum Minimum Typical
2 dB 1600 ps/nm 24 dB 27 dB 25.5 dB 27 dB 1471, 1491, 1511, 1531, 1551, 1571, 1591, and 1611 nm 6.5 nm -1 dBm 1 dBm 4 dBm 8.2 dB1 -30 dBm -28.5 dBm -8 dBm2 -36 dBm -34 dBm
Extinction ratio Receiver Sensitivity at 100Base-F to GigE, BER = 1x10-12 Sensitivity at OC-48, BER = 1x10-12 Overload LOS activation threshold LOS deactivation threshold
Minimum Typical Maximum Minimum Minimum Minimum Minimum Typical Typical
Note: All specifications are guaranteed over the life, operating temperatures, wavelengths, and input voltage range specified. This product should be deployed in accordance with each company's deployment directives. 1. At OC-48 2. Management communications at OC-3 require input power less than -15 dBm
WAVEREADY TRANSPONDER 740 LR CWDM
4
Other Specifications
Parameter Electrical Power dissipation Supply voltage1 Environmental Storage temperature Ambient operating temperature Humidity Mechanical Weight (approximate) Dimensions (H x W x D) Mounting options
Condition
Specifications
Over temperature range EOL
Typical Maximum Minimum Maximum
15.5 W 19 W 38 V 60 V -40 to 85C -5 to 55 C 5 to 95% 1.4 kg (3.1 lb) 25.4 x 223.5 x 175 mm (1.0 x 6.89 x 8.8 inches) WaveReady 3500-F or WaveReady 3100 shelf in standard 19- or 23-inch or ETSI rack
-5 to 55C short term; 96 hours continuous; no more than 15 days per year Non-condensing
1. The DC power supply must be -48 V SELV output and certified by a nationally recognized test laboratory (NRTL). UL tested at -48 V.
Interface Specifications
Parameter Operations, administration, maintenance, and provisioning (OAM&P)
Specification Via the WaveReady Communication Module 200; remote management: SNMP and TL1 command mode through JDSU Node Manager software or through telnet or command-line application or SNMP; Communication with remote modules through an embedded supervisory channel CARD (power), MAJ/CRIT (major/critical alarm), MIN (minor alarm), LOS B, LOS D, LOOPBK (loopback), MGT (management) Client-side ports: A and B single-mode or multi-mode fiber (SMF or MMF); Network-side ports: C and D, SMF CARD (power), MAJ/CRIT (major/critical) alarm; MIN (minor alarm), LOS B, LOS D (loss of lock); Alarm relay open under normal operation; relay closed when power is off and alarm is active
Front panel LEDs Front panel ports Alarms
WAVEREADY TRANSPONDER 740 LR CWDM
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com.
Sample: WRT-740DC240B-057
WRT-740DC240BCode 047 049 051 053 055 057 059 061 Frequency 1471 nm 1491 nm 1511 nm 1531 nm 1551 nm 1571 nm 1591 nm 1611 nm
Note: For current compatible SFPs, please contact your local JDSU account manager.
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU, Waveready, and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. (c)2006 JDS Uniphase Corporation. All rights reserved. 30137338 Rev. 001 03/06 WRT740CWDM.DS.CMS.AE
NORTH AMERICA: 800 498-JDSU (5378)
WORLDWIDE: +800 5378-JDSU
WEBSITE: www.jdsu.com


▲Up To Search▲   

 
Price & Availability of WRT-740DC240B-047

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X