Part Number Hot Search : 
UM36541S BA4558F 2520E RT9536H M54HC112 8F320 FAN5332A 48D05
Product Description
Full Text Search
 

To Download W005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHONGQING PINGYANG ELECTRONICS CO.,LTD.
W005M THRU W10M
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE50-1000V CURRENT1.5A
FEATURES
*Surge overload ratings-50 Amperes *Good for printed circuit board assembly
WOM
.360(9.1) .217(5.5) .340(8.6) .197(5.0) .220(5.6) .180(4.6)
MECHANICAL DATA
*Case: Plastic shell with plastic encapsulation *Epoxy: UL 94V-0 rate flame retardant *Lead: MIL-STD- 202E, Method 208 guaranteed *Polarity: As marked *Mounting position: Any *Weight: 1.20 grams
1.2 MIN. (30.5)
1.0 25.4
MIN.
.220(5.6) .180(4.6)
.032(0.8) .028(0.7)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRONICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,resistive or inductive load. For capacitive load, derate current by 20%. SYMBOL W005M W01M W02M W04M W06M W08M W10M units Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward rectified Output Current at TA=25C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rate load (JEDEC method) Maximum Forward Voltage Drop per element at 1.0A DC Maximum DC Reverse Current @ TA=25C at Rated DC Blocking Voltage @ TA=100C per element VRRM VRMS VDC Io IFSM VF IR
2
50 35 50
100 70 100
200 140 200
400 280 400 1.5 50 1.0 10 500
600 420 600
800 560 800
1000 700 1000
V V V A A V A
2
It 10 AS I2t Rating for Fusing (t8.3ms) CJ 24 pF Typical Junction Capacitance (Note 1) RJA 36 C/W Typical Thermal Resistance (Note 2) Notes: 1.Measured at 1MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to lead mounted on P.C.B with 0.5x0.5"(13x13mm) copper pads
PDF "pdfFactory Pro" www.fineprint.cn


▲Up To Search▲   

 
Price & Availability of W005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X