Part Number Hot Search : 
MA40B8R 18010 EGP30J MX25L32 5920A L1040 Q2NK60 TGA2509
Product Description
Full Text Search
 

To Download W005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5A Bridge Rectifiers W005M - W10M
1.5A Bridge Rectifiers Features
* High forward surge current capability * Ideal for printed circuit board * High temperature soldering guaranteed: 260C/10 seconds, 0.375" (9.5mm) lead length, WOM 5 lbs (2.3kg) tension * This series is UL recognized under component index, File number E194718 * RoHS Compliant
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: WOM/WO, molded plastic Plastic package has UL flammability 94V-0 Plated axial leads, solderable per MIL-STD-202E, Method 208C Polarity symbols marked on case 0.042 ounces, 1.2 grams
Maximum Ratings And Electrical Characteristics (Tamb=25C)
Symbols Parameter Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current W005M 50 35 50 W01M 100 70 100 W02M 200 140 200 W04M 400 280 400 1.5 W06M 600 420 600 W08M 800 560 800 W10M 1000 700 1000 Unit V V V A TA=25C 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) IF=1.0A TA=25C A 500 TA=100C Conditions
VRRM VRMS VDC IF(AV) IFSM VF IR
Peak Forward Surge Current
50
A
Maximum Instantaneous Forward Voltage Drop per leg Maximum DC Reverse Current at Rated DC Blocking Voltage per leg
1.0 5.0
V
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. B/AH 2008-05-20 Page 1 of 4
1.5A Bridge Rectifiers W005M - W10M
Symbols Parameter Rating for Fusing (1msW005M W01M W02M W04M 10 15 40 -55 to +125 -55 to +150 W06M W08M W10M Unit AS pF C/W C C VR=4V, f=1MHz Note 1 Conditions
It CJ RJA TJ TSTG
Notes:
1. Unit mounted on P.C. board with 0.22" x 0.22" (5.5 x 5.5mm) copper pads, .375" (9.5mm) lead length.
Typical Characteristics Curves
Fig.1- Rectified Current Derating Curve Average Forward Output Current (A) Fig.2- Maximum Non-Repetitive Peak Forward Surge Current per leg
Peak Forward Surge Current (A)
Ambient Temperature TA (C)
Number of Cycle at 60Hz
Rev. B/AH 2008-05-20 www.taitroncomponents.com Page 2 of 4
1.5A Bridge Rectifiers W005M - W10M
Fig.3- Typical Forward Characteristics per leg Instantaneous Forward Current (A) Fig.4- Typical Reverse Characteristics per leg
Instantaneous Forward Voltage (V)
Instantaneous Reverse Current (A) Percent of Rated Peak Reverse Voltage (%) Fig.5- Typical Junction Capacitance CJ Capacitance (pF) Reverse Voltage (V)
Rev. B/AH 2008-05-20 www.taitroncomponents.com Page 3 of 4
1.5A Bridge Rectifiers W005M - W10M
Dimensions in inch (mm)
How to contact us:
WOM
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLAZA, 1160 WEST YAN' AN ROAD, SUITE 1503, SHANGHAI, 200052, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931 Rev. B/AH 2008-05-20 www.taitroncomponents.com Page 4 of 4


▲Up To Search▲   

 
Price & Availability of W005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X