Part Number Hot Search : 
BH200D 1012S S5L9286 41GH55FI ULN2018L 274AF C512B 30010
Product Description
Full Text Search
 

To Download W005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W005M THRU W10M
Features
* Glass Passivated Die Construction * Diffused Junction * Low Forward Voltage Drop, High Current Capability * Surge Overload Rating to 50A Peak * Ideal for Printed Circuit Boards * Case to Terminal Isolation Voltage 1500V * Plastic Material - UL Flammability Classification Rating 94V-0
CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
A B +
-
C
D
WOB
Mechanical Data
* Case : WOB, Molded Plastic * Terminals : Plated Leads Solderable per MIL-STD-202, Method 208 * Polarity : As Marked on Body * Weight : 1.3 grams (approx.) * Mounting Position : Any * Marking : Type Number
E
Dim A B C D E G
Min 8.84 4.00 27.90 25.40 0.71 4.60
Max 9.86 4.60
-
+ G
G
0.81 5.60
A ll Dimens ions in mm
Maximum Ratings And Electrical Characteristics
(Ratings at 25E ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%)
Symbols
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TA=25E VRMM VRWM VR VRMS Io IFSM VFM IRM Cj ReJA Tj TSTG
W005M W01M W02M W04M W06M W08M W10M
50 35 100 70 200 140 400 280 1.5 50 1.0 5.0 500 12 84 -65 to +150 600 420 800 560 1000 700
Units
Volts Volts Amps Amps Volts i A pF E /W E
Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Forward Voltage (per element) Peak Reverse Current at Rated DC Blocking Voltage @ IF=1.5 A @ TA=25E @ TA=125E
Typical Junction Capacitance (Note 1) Typical Thermal Resistance, Junction to Case (Note 2) Operating and Storage Temperature Range
Notes:
(1) Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. (2) Thermal Resistance from junction to case mounted on PC board with 13 x 13mm (0.03mm thick) land areas.
RATING AND CHARACTERISTIC CURVES W005M THRU W10M
1.5 (A)
Single phase half-sine-wave 60Hz resistive or inductive load
10
(A) I F , INST ANT ANEOUS FOR WARD CURRENT
FOR WARD CURRENT
1.0
1.0
I F , AVERAGE
0.5
0.1
0 0 25 50 75 100 125 T A , AMBIENT TEMPERA TURE (C) Fi g. 1 Forward Current Deratin g Curve 150
T j = 25C Pulse width = 300s
0.01 0.2 0.6 1.0 1.4 V F , INST ANT ANEOUS FOR WARD VOL TAGE (V) Fi g. 2 Typical Forward Characteristics
50
Pulse Width 8.3 ms Single Half-Sine-W ave (JEDEC Method)
100
CURRENT
(A)
T j = 25C f = 1mz
I FSM , PEAK FOR WARD SURGE
30
C j, JUNCTION CAP ACIT ANCE (pF)
1 10 NUMBER OF CYCLES AT 60 Hz Fi g. 3 Max Non-Repetitive Sur ge Current 100
40
10
20
10
0
1 1 10 V R , REVERSE VOL TAGE (V) Fi g. 4 Typical Junction Capacitance 100
(A) CURRENT
200 100
T j = 100C
10
I R , INST ANT ANE OUS REVERSE
1.0
T j = 25C
0.1
0.01 0 PERCENT 40 80 120 160 OF RA TED PEAK REVERSE VOL TAGE (% ) Fig. 5 Typical Reverse Characteristics


▲Up To Search▲   

 
Price & Availability of W005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X