Part Number Hot Search : 
K550CE 20B6T 90C66 08189 FQP5N60 110A2 1H222M SG7805AT
Product Description
Full Text Search
 

To Download W005M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET W005M~W10M
1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE VOLTAGE
FEATURES
* High surge dielectric strength. * Typical IR LESS Than 1uA. * Exceeds environmental standards of MIL-STD-19500 * Ideal for printed circuit board.
1.2(30.5)MIN 1.0(25.4)MIN .217(5.5) .197(5.0)
50 to 1000 Volts
CURRENT
1.0 Amperes
AM
Unit: inch (mm)
* Plastic material used carries Underwriters Laboratory recognition.
.370(9.4) .339(8.6)
* High temperature soldering guaranteed: 265OC/10 seconds/ .375" (9.5 mm) lead length/5 Ibs. (2.3kg) tension * Pb free product are available : 99% Sn can meet RoHS environment substance directive request
Case: Reliable low cost construction utilizing molded plastic technique Terminals: Leads solderable per MIL-STE-750, Method 2026 Mounting Position: Any Weight: 0.04 ounces, 1.1 grams.
Bottom View
.2 2 0 (5 .6 ) .1 8 1 (4 .6 )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25C ambient temperature unless otherwise specified. Resistive or inductive load, Single phase, half wave, 60Hz. For Capacitive load derate current by 20%.
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current .375" (9.5mm ) Lead Length at TA=25OC Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on rated load (JEDEC method) I2 t Rating for fusing ( t<8.35ms) Maximum Forward Voltage Drop per Element at 1.0A Maximum DC Reverse Current TA=25 O C at Rated DC Blocking Voltage T A=100 O C Typical Junction capacitance per bridge element (Note 1) Operating Junction Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IAV IFSM I 2t VF IR CJ TJ TSTG W005M 50 35 50 W01M 100 70 100 W02M 200 140 200 W04M 400 280 400 1.0 50.0 5.0 1.0 10.0 1000 24 -55 to + 125 -55 to + 150 W06M 600 420 600 W08M 800 560 800 W10M 1000 700 1000 UNITS V V V A A A 2s V A pF
O
.2 2 0 (5 .1 8 1 .6 ) (4 .6 )
MECHANICALDATA
.031(0.8) .028(0.7)
C C
O
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
STAD-NOV.06.2003
PAGE . 1
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
PEAK FORWARD SURGE CURRENT, AMPERES
1.6
80 60 40 30 20 10 0 2 4 6 10 20 40 60 100
NUMBER OF CYCLES AT 60Hz
T J =25 C 8.3ms SINGLE HALF SINE WAVE JEDED METHOD
O
BRIDGE OUTPUT FULL WAVE RECTIFIED CURRENT AVERAGE AMPERES
Resistive of Inductive Load
Capactivie Load 50 O Corduction Angle
20
40
60
80
100
120
140
AMBIENT TEMPERATURE, OC
Fig.1 DERATING CURVE OUTPUT RECTIFIED CURRENT
20 10
Fig.2MAXIMUM NON-REPETITIVE PEAK FORWARD CURRENT
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
INSTANTANEOUS REVERSE CURRENT, uA
T A =100 OC
1.0
1.0
0.1
0.1
T J =25 OC Pulse Width =300us 1% Duty Cycle
0.01 0.4
T A =25 OC
0.01 1 20 40 60 80 100 120 160
0.6
0.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig.3 TYPICAL FORWARD CHARACTERISTIC
Fig.4 TYPICAL REVERSE CHARACTERISTICS
100 60
CAPACITANCE, pF
40 20 10 6 4 2 1 .1 .2 .4 1 2 4 10 20 40 100
REVERSE VOLTAGE, VOLTS
Fig.5 TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
STAD-NOV.06.2003
PAGE . 2


▲Up To Search▲   

 
Price & Availability of W005M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X