Part Number Hot Search : 
LM6066 LL4448 40L15CW SA7V5CA 2SC4501 70N70 001TB 17VMV
Product Description
Full Text Search
 

To Download VIJ00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
VI J00
25-100W PCB MOUNTING COMPONENTS
Features
* * * * * * * Inputs: 10 to 400VDC Output: 1 to 95VDC UL, CSA, TUV, BABT, CF, VDF 80-90% efficiency (typical) Up to 27 watts/cubic inch ZCS power architecture Low noise FM control
Specifications
INPUT Input voltage OUTPUT PRODUCT GRADE Output voltage Output power Output ripple Load regulation Line regulation Current limit setting Set point accuracy Low-high trim voltage Total remote sense Compensation OPERATING MTBF Efficiency >1,000,000 hrs 80%-90% E, C, I, M See table See table 1% pk-pk 0.05% 0.05% 105%-125% 0.5% 50%-110% 0.5V See table
Selection Table
A = INPUT VOLTAGE B = OUTPUT VOLTAGE Nominal Range Notes 0= 12V 10-20V (2) Z = 2V 2 = 15V 1= 24V 21-32V (3) Y = 3.3V N = 18.5V W= 24V 18-36V (3) 0 = 5V 3 = 24V 2= 36V 21-56V (1) X = 5.2V L = 28V 3= 48V 42-60V (5) W = 5.5V J = 36V N= 48V 36-76V (4) V = 5.8V K = 40V 4= 72V 55-100V (4) T = 6.5V 4 = 48V T= 110V 66-160V (4) R = 7.5V H = 52V 5= 150V 100-200V (4) M = 10V F = 72V 6= 300V 200-400V (5) 1 = 12V D = 85V 7= 150/300V 100-375V (1) P = 13.8V B = 95V C = PRODUCT GRADE D = OUTPUT POWER/CURRENT Size Module V out 5V V out <5V E= -10C to +100C Z= 25W -- C= -25C to +100C Y = 50W Y= 10A I= -40C to +100C X = 75W X= 15A M= -55C to +100C W = 100W W= 20A NOTES:
(1) Maximum Output for: 5V Outputs 50W >5V Outputs 75W <5V Outputs 10A *100W @ 5V (20A), 300V input only. (2) 50W 75W 15A (3) 75W 100W 20A (4) 75W 100W 20A (5) 100W* 100W 20A
Baseplate operating temp. 100C Isolation ENVIRONMENTAL Cooling External cooling may be required, consult sales office UL1950, CSA C22.2 No.950, TUV IEC950, EN60950
AS/NZS CISPR11 Group 1 Class A
Input - Output: 3000V rms
STANDARDS AND APPROVALS Safety C-Tick MECHANICAL Dimensions 58x61x12.7mm
Selection Table Guide
VI - J [a] [b] - [c] [d]
Note: For RoHS version replace VI with VE.
Mechanical Drawings See page 230
228


▲Up To Search▲   

 
Price & Availability of VIJ00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X