Part Number Hot Search : 
2001834 ES5CB F1504 2SC6082 LAA100PL KSC2330A MGF1302 F1504
Product Description
Full Text Search
 

To Download VES100M1ETR050053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS VES Series: Surface Mount Type,105C
FEATURES
*105C, 1000 hours assured. *Replaces RVS Series *Vertical chip type miniaturized for 5.5mm. *RoHS Compliant
SPECIFICATIONS
Item Operating Temp. Range Capacitance Tolerance Leakage Current (at 20*C) Dissipation Factor Tan at 120 Hz, 20C Performance -55C ~ + 105C 20% (120Hz, 20C)
I=0.01CV or 3 (iA) whichever is greater (after 2 minutes) Where C=rated capacitance in iF and V= rated working voltage
Rated Voltage Tan (max)
6.3 0.30
10 0.26
16 0.22 6.3 4 8
25 0.16 10 3 5 Load Life 1000 Hrs
35 0.13 16 2 4
50 0.12 25 2 3 35 2 3 50 2 3 Shelf Life 1000 Hrs Within 20% of initial value Less than 200% of specified value Within specified value 20 C (after storage for 1000 hours at 105C without voltage)
Low Temperature Characteristics (at 120Hz)
Rated Voltage Impedance Ratio Maximum Test Time Capacitance Change Z(-25C) /Z(+20C) Z(-40C) /Z(+20C)
Within 20% of initial value Less than 200% of specified value Within specified value 20C (after rated voltage applied for 1000 hours at 105C
Life Test Dissipation Factor Leakage Current Test Conditions VDC(V) Freq. (Hz) Ripple Current & Frequency Multilpiers Under 16 25 ~ 35 50 Standards 50 0.80 0.80 0.80
120 1.00 1.00 1.00
1K 1.15 1.25 1.35
10K up 1.25 1.40 1.50 JIS C 5101-1-18
DIMENSION & PERMISSIBLE RIPPLE CURRENT
F 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 VDC Contents 0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 4 x 5.3 5 x 5.3 5 x 5.3 6.3 x 5.3 21 30 36 61 4 x 5.3 15 5 x 5.3 25 4 x 5.3 5 x 5.3 16 28 40 47 70 4 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 (0J) DxL mA 10 (1A) DxL mA 16 (1C) Dx L mA 25 (1E) Dx L
Ripple Current mA/rms at 120 Hz, 105C 35 (1V) 50 (1H) Dx L DxL mA mA mA
4 x 5.3 4 x 5.3 4 x 5.3 4 x 5.3 4 x 5.3 4 x 5.3 4 x 5.3 12 21 36 44 60 4 x 5.3 5 x 5.3 6.3 x 5.3 14 23 50 5 x 5.3 6.3 x 5.3 2 3 4 5 7 10 12 17 26
5 x 5.3 31 6.3 x 5.3 6.3 x 5.3 43 6.3 x 5.3 6.3 x 5.3 65 6.3 x 5.3
PAD SPACING AND DIAMETER
D0.5 4 5 6.3 L 5.30.2 5.30.2 5.30.2 A0.2 4.3 5.3 6.6 B0.2 4.3 5.3 6.6 C0.2 2.0 2.3 2.7 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 P0.2
D
B
0.3 max
1.0 1.5 2.0
+
LW
A
C
P
C
PART NUMBER EXAMPLE VES 100 M 1E TR 050 053
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com
C1CB04 REV 2006.01.18


▲Up To Search▲   

 
Price & Availability of VES100M1ETR050053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X