Part Number Hot Search : 
MMBD353 BB121 74HC366 BTB12 FSF05H60 BTB12 PSB2197 PT2399
Product Description
Full Text Search
 

To Download TN20-10-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FERROXCUBE
DATA SHEET
TN20/10/7 Ferrite toroids
Supersedes data of September 2004 2008 Sep 01
Ferroxcube
Ferrite toroids
RING CORES (TOROIDS) Effective core parameters SYMBOL (I/A) Ve Ie Ae m Coating The cores are coated with polyamide 11 (PA11), flame retardant in accordance with "UL 94V-2"; UL file number E 45228 (M). The colour is white. Maximum operating temperature is 160 C. Isolation voltage DC isolation voltage: 2000 V. Contacts are applied on the edge of the ring core, which is also the critical point for the winding operation. PARAMETER core factor (C1) effective volume effective length effective area mass of core VALUE 1.30 1465 43.6 33.6 7.7 UNIT mm-1 mm3 mm mm2 g
handbook, halfpage
TN20/10/7
20.6 0.6
(0.3)
;;;; ;;;;
9.2 0.4 coating PA11
CBW308
7.5 0.45
Dimensions in mm.
Fig.1 TN20/10/7 ring core.
Ring core data GRADE 4C65 3C90 3C11 3E25 AL (nH) 121 25% 2230 25% 4150 25% 5340 25% i 125 2300 4300 5500 TYPE NUMBER TN20/10/7-4C65 TN20/10/7-3C90 TN20/10/7-3C11 TN20/10/7-3E25
Properties of cores under power conditions B (mT) at GRADE H = 250 A/m; f = 25 kHz; T = 100 C 320 f = 25 kHz; B = 200 mT; T = 100 C 0.15 CORE LOSS (W) at f = 100 kHz; B = 100 mT; T = 100 C 0.16
3C90
2008 Sep 01
1667
Ferroxcube
Ferrite toroids
DATA SHEET STATUS DEFINITIONS DATA SHEET STATUS Preliminary specification Product specification PRODUCT STATUS Development DEFINITIONS
TN20/10/7
This data sheet contains preliminary data. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Ferroxcube reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
DISCLAIMER Life support applications These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube for any damages resulting from such application. PRODUCT STATUS DEFINITIONS STATUS Prototype Design-in Preferred Support INDICATION DEFINITION These are products that have been made as development samples for the purposes of technical evaluation only. The data for these types is provisional and is subject to change. These products are recommended for new designs. These products are recommended for use in current designs and are available via our sales channels. These products are not recommended for new designs and may not be available through all of our sales channels. Customers are advised to check for availability.
2008 Sep 01
1668


▲Up To Search▲   

 
Price & Availability of TN20-10-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X