Part Number Hot Search : 
BT101 100N1 RS1BG L2010 MOLEX TZ403BD 1SMA160 19WBEAW
Product Description
Full Text Search
 

To Download TBL150-112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Industrial Power Supplies
TBL Series, 15 to 150 Watt
Features Low profile case, module depth only 55mm Fits into flat control panels used in
building automation
CB
IEC/EN 60950-1
Scheme
UL 1310 Class II
UL 508

Safety class ll product UL 1310 class II, NEC class 2 compliance UL508 listed 5 power ranges from 15 to 150 W Universal input range 85 to 264 VAC Operating temperature range: -25 C to +70 C max.
Adjustable Output Voltage Short circuit and overload protection DC-OK indicator Easy snap-on mounting on DIN-rail 3 year product warranty
The TBL series is a new range of small DIN-rail mount power supplies which have been designed particularly with building- and factory automation applications in mind. The ultra-compact low profile cases fit in the standardized wall mounted control panels used in the building automation industry. The power supplies can be operated at full load across an ambient temperature range of -25C to +60C without need of additional cooling. Universal input voltage range and full compliance with all important safety and EMC standards qualifies the TBL series power supplies for worldwide markets. For commercial and residential applications requesting safety class ll the product is approved to UL 1310.
Models
Order Code TBL 015-105 TBL 015-112 TBL 015-124 TBL 030-112 TBL 030-124 TBL 060-112 TBL 060-124 TBL 090-112 TBL 090-124 TBL 150-112 TBL 150-124 Output Power (max.) 12 W 15 W 15 W 30 W 54 W 60 W 72 W 90 W 120 W 150 W Output Voltage* (nom.) 5.0 VDC 12 VDC 24 VDC 12 VDC 24 VDC 12 VDC 24 VDC 12 VDC 24 VDC 12 VDC 24 VDC Output Current (max.) 2.4 A 1.25 A 0.63 A 2.5 A 1.25 A 4.5 A 2.5 A 6.0 A 3.75 A 10 A 6.25 A * adjustable Efficiency (typ.) 73 % 79 % 81 % 81 % 83 % 83 % 85 % 86 % 86 % 84 % 87 %
http://www.tracopower.com
Page 1 of 3
Industrial Power Supplies
TBL Series Input Specifications
Input voltage - nominal - AC range 100 - 240 VAC 85 - 264 VAC (output power derating 5 %/V for opertion below 90 VAC) 47 - 63 Hz EN 61000-3-2, Class A 5 VDC model: 5.0 - 5.2 VDC 12 VDC models: 12 - 16 VDC 24 VDC models: 24 - 28 VDC 1% < 100 mV pk-pk current limitation at 100 - 150 % typ. (automatic recovery) 115 VAC min. 10 ms - Operating 230 VAC min. 20 ms
15 to 150 Watt
Input frequency Harmonic limits
Output Specifications
Output voltage adjustable range
Output regulation Ripple and noise (20MHz bandwidth) Electronic short circuit protection Hold-up time
General Specifications
Temperature ranges Power derating Humidity (non condensing) Temperature coefficient Safety standards - 25 C to +70 C max. 2.5 %/K above 60 C 5 - 95 % rel. H 0.02 %/K UL 508, UL 1310, class II IEC/EN 60950-1, UL 60950-1, EN 50178, EN 60204, EN 61558-2-8 CSA C22.2 No. 60950-1 2003 - CB report - UL approval IEC/EN 60950-1 www.tracopower.com/products/tbl_cb60950-1.pdf UL 508 listed www.tracopower.com/products/tbl_ul508.pdf UL 1310 listed www.tracopower.com/products/tbl_ul1310.pdf UL 60950-1, CSA 60950-1-03 www.tracopower.com/products/tbl_csa60950-1.pdf www.tracopower.com/products/tbl_gs.pdf EN 61000-6-3 EN 55022 class B EN 55022 class B EN 61000-6-2 EN 61000-4-2 EN 61000-4-3 EN 61000-4-4 EN 61000-4-5 EN 61000-4-5 EN 61000-4-5 EN 61000-4-6 EN 61000-4-11 4 kV / 8 kV 3 V/m 1 kV / 0.5 kV 2 kV 1 kV 0.5 kV 3V 30 % /10 mS, 60 % /100 mS
Safety approvals (TBL 150 models pending)
- CSA certification - GS certification Electromagnetic compatibility (EMC), emissions - Conducted RI suppression on input - Radiated RI suppression Electromagnetic compatibility (EMC), immunity - Electrostatic discharge (ESD) - Radiated RF field immunity - Electrical fast transient / burst immunity - Surge immunity line - ground - Surge immunity line - line - Surge immunity output - Immunity to conducted RF disturbances - Mains voltage dips and interruptions
http://www.tracopower.com
Page 2 of 3
Industrial Power Supplies
TBL Series General Specifications
Protection class Case protection Environment Enclosure material Mounting Connection Installation instructions - Vibration acc. IEC 60068-2-6; - Shock acc. IEC 60068-2-27 class II as per IEC/EN 61140 IP 20 (IEC 60529) 3 axis, sine sweep, 10 - 55 Hz, 0.075 mm 3 axis, 15 g half sine, 11 ms plastic FR2010-110C (UL 94V-0 rated) DIN-rails as per EN 50022-35x15/7.5 (snap-on with self-locking spring) screw terminals with combi-type screw heads for wire size 0.5 - 1.5 mm www.tracopower.com/products/tbl_inst.pdf
15 to 150 Watt
Case Dimensions
59.5 (2.34) 37.1 (1.46) 21.1 (0.83)
Vadj
69.5 (2.74)
45.0 (1.77)
89.5 (3.52)
Model TBL 015 TBL 030 TBL 060 TBL 090 TBL 150
Width (W) mm (inch) 26.3 (1.04) 52.5 (2.07) 70.0 (2.76 105.0 (4.13) 175 (6.89)
Weigth g (oz) 100 (3.53) 160 (5.64) 230 (8.11) 340 (12.0) 625 (22.0)
54.5 (2.15)
W
Dimensions in [mm], () = Inch Tolerances: 0.5 mm (0.02)
Wiring
Description AC Input DC Output DC Output all models: L, N only (2 pin terminal) 15 - 30 W models: single terminal 60 - 150 W models: double terminal Wire size AWG 26 - 16 / 1.5 mm max. AWG 26 - 14 / 1.5 mm max. AWG 26 - 14 / 1.5 mm max.
Specifications can be changed any time without notice.
Rev. 10/08
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TBL150-112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X