Part Number Hot Search : 
102AW EL3083 HD6821 SKKH253 A1250 T91SAM7 LL4148 SSF2816E
Product Description
Full Text Search
 

To Download SPS-7110VW-2RG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPS-7110VW-2RG
1260 to 1620 nm / 1.5 Gb/s Dual Optical SM Digital Diagnostic Receiver FEATURES DESCRIPTION
SPS-7110VW-2RG
1
***********************************************************************************************************************************************************************
(RoHS Compliant)
**********************************************************************************************************************************************************************
l SMPTE 292M/297M/259M Compatible l Speed from 50 Mbps to 1.5 Gbps l Support Video Pathological Patterns for SD-SDI and HD-SDI l Dual Receiver with Duplex LC l Based on Industry Standard SFP l SFF-8472 Digital Diagnostic Function l Single +3.3 V Power Supply l RoHS-6 Compliant l 0 to 70oC Operation l Hot Pluggable
The SPS-7110VW-2RG is a dual channel optical single mode receiver module designed to receive optical serial digital signals as defined in SMPTE 292M/297M/259M. It supports from 50 Mbps to 1.5 Gbps and is specifically designed for received the SMPTE 292M, SMPTE 297M and SMPTE 259M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C.
APPLICATIONS
l SMPTE 292M/297M/259M Compliant Electrical-to-Optical Interfaces l High-density Video Routers
ORDER INFORMATION
P/No. Type RX1 Sen. (nm) (dBm) 50 to 1500 1260/1620 0 to -20 Bit Rate (Mb/s) Bit Rate (Mb/s) 50 to 1500 TX1 (nm) 1310 Power (dBm) 0 to -7 (nm) 1310 RX2 Sen. (nm) (dBm) 1260/1620 0 to -20 TX2 Power (dBm) 0 to -7 Package Temp (oC) 0 to 70 Temp (oC) 0 to 70 RoHS Compliant Yes RoHS Compliant Yes
SPS-7110VW-2RG P/No.
2-RX Type
LC SFP with DMI Package
RELATED PRODUCTS
SPS-7110VW-2TG
2-TX
LC SFP with DMI
LINK DISTANCE
Transmitter SPS-7110VW-2TG Receiver SPS-7110VW-2RG SD-SDI 270Mbos 30 SDI HD-SDI Bit Rate 1.485Gbps Max. Link Distance (km) 21
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2008 V1.0
Optoway
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings Parameter Storage Temperature Operating Case Temperature Power Supply Voltage ESD Tolerance on all pins Relative Humidity Symbol Tstg Tc Vcc --Min -40 0 0 5 Max 85 70 4 1 95 Units o C o C V KV HBM % RH
SPS-7110VW-2RG
2
***********************************************************************************************************************************************************************
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Notes
non-condensing
Recommended Operating Conditions Parameter Symbol Power Supply Voltage Vcc Operating Case Temperature Tc Baud Rate Power Supply Current Icc
Min 3.13 0 50
Typ 3.3 1485 200
Max 3.47 70 1500 250
Units / Notes V o C Mb/s mA
Receiver Specifications (0oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter Optical Wavelength of Operation Sensitivity for SMPTE 292M 1.485 Gb/s Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Optical Return Loss Electrical CML Output (Differential) Optical Rise Time / Fall Time Output LOS Voltage -- Low Output LOS Voltage -- High SCL, SDA 1. 20% to 80%, unfiltered. Symbol Min 1260 0 0 ---31 1 Typ ---------27 550 tr / tf V OL V OH V OH V OL 0 2.5 2.5 0 660 850 270 800 1.5 0.5 Vcc+0.3 Vcc+0.3 0.5 Max 1620 -18 -20 -21 --6 Units nm dBm dBm dBm dBm dB dB mVp-p ps ps ns V V V V Notes
Sen Pa Pd
Pathological PRBS 223-1, BER=1E-12 Transition: low to high Transition: high to low
AC coupled output 1, SMPTE 292M 1, SMPTE 344M 1, SMPTE 259M
IOL=-1.6mA, 1 TTL unit load IOH=40A, 1 TTL unit load
MODULE DEFINITION
Module Definition 4 PIN 5 SCL PIN 6 SDA Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector (NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2008 V1.0
Optoway
CONNECTION DIAGRAM
SPS-7110VW-2RG
3
***********************************************************************************************************************************************************************
PIN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Name Vee RX2RX2+ Vee SCL SDA Vee NC NC NC Vee RX1RX1+ Vee Vcc RX1 Vcc RX2 Vee NC NC NC
Function Signal Ground Negative Differential Output (2) Positive Differential Output (2) Signal Ground Serial I2C Clock Serial I2C Data Signal Ground No Connection No Connection No Connection Signal Ground Negative Differential Output (1) Positive Differential Output (1) Signal Ground Power Supply (1) Power Supply (2) Signal Ground No Connection No Connection No Connection
Notes
+3.3V5%, Internal connected
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2008 V1.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
1 RD Re-Clocker RD + VCC 3.3V 5 4. 7K 4. 7K I2C CLK I2C DA TA 6 7 8 9 10 100 Differential 2 3 4 Vee RX2 RX2 + Vee SCL SDA Vee NC NC NC NC NC NC Vee Vcc_RX2 Vcc_RX1 Vee RX1 + RX1 Vee 20 19 18 17 16 15 14 13 12 11 100nF 100nF
SPS-7110VW-2RG
4
***********************************************************************************************************************************************************************
10uF
1uH 1uH
VCC 3.3V
10uF 100nF
10uF
RD + 100 Differential RD Re-Clocker
1. Consult Chipset manufacturer's data sheet and application data for appropriate receiver input biasing network.
PACKAGE DIAGRAM (Units in mm)
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2008 V1.0
Optoway
REVISION HISTORY
Version
1.0 Initial datasheet
SPS-7110VW-2RG
Subject Release Date
2008/10/1
5
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
10/1/2008 V1.0


▲Up To Search▲   

 
Price & Availability of SPS-7110VW-2RG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X