Part Number Hot Search : 
BU1850 ES450 1580C TDA7384 2SC327 MJI6012 1N4761 CONTROLS
Product Description
Full Text Search
 

To Download SM4007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM4001 thru SM4007
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
DO-213AB / MELF
SOLDERABLE ENDS
D1= 0.105(2.67) 0.095(2.41)
CATHODE BAND
D2
0.022(0.559) 0.016(0.406) 0.205(5.20) 0.185(4.70)
D2=D1 +0 -0.008(0.20)
Dimension in inches (millimeters )
FEATURES
Ldeal for surface mounted applications Easy pick and place Low leakage current Glass passivated chips Metallurgically bonded construction High temperature soldering guaranteed 250oC/10 seconds/.375 , (9.5mm) lead lengths
MECHANICAL DATA
Molded plastic use UL94V-0 recoqnized flame retardant epoxy Terminals Plated terminals, solderable per MIL-STD-202, Method208 Polarity Red Color band on body denotes cathode Mounting position Any Weight 0.12gram Case
MAXIMUM RATIXGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified Single phase, half sine wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20%
SYMBOL Maximum Current Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current@TT=750C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current @TA=25 C at Rated DC Blocking Voltage @TA=1250C Typical Junction Capacitance (Note 1) Typical Thermal Rseistance (Note 2) Operating and Storage Temperature Range TJ, TSTG
0
SM4001
SM4002
SM4003
SM4004
SM4005
SM4006
SM4007
UNITS
Volts Volts Volts Amps Amps Volts A pF
0
VRRM VRMS VDC I(AV) IFSM VF IR CJ R
JC
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30 1.1 5.0 100
600 420 600
800 560 800
1000 700 1000
9 50 -65 to +150
C/W
0
TSTG
C
www.paceleader.com.tw
1
SM4001 thru SM4007
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
RATINGS AND CHARACTERISTIC CURVES SM4001 THRU SM4007
www.paceleader.com.tw
2


▲Up To Search▲   

 
Price & Availability of SM4007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X