Part Number Hot Search : 
MJE2955 2SB80 GSX2F M81RB 03600 FP150 D2000 110001
Product Description
Full Text Search
 

To Download SF1358501YL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SMD LINE FILTER CONFIGURATION & DIMENSIONS
A D
ABC'S DWG NO. ABC'S ITEM NO.
SF1358L-
A: B:
13.50 max. 10.50 max. 6.10 max. 9.50 0.2 2.50 0.2 : 1.20 max.
2.2
m/m m/m m/m m/m m/m m/m
2.2
101Y
Marking
Inductance code
C: B D: E: W C
10.3
1.2
14.7
SCHEMATIC DIAGRAM
STYLE "A"
1 8
( PCB Pattern )
STYLE "B" N1 a d c
N1
2 3 7 6 5 1 4
8 5
N2
4
N2 " " : Polarity e b
MATERIALS
a Core Ferrite T core
Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max. Preheat Area 150 ~ 200
b Case DAP WH9100 c Wire Enamelled copper wire ( class B or F ) d Adhesive Epoxy resin e f Terminal Remark Tinned copper plate Products comply with RoHS' requirements
Temperature ( )
Reflow Area +2.0 ~ 4.0 / sec max.
Forced Cooling Area -(1.0 ~ 5.0) / sec max.
/ 60 ~ 120sec
250
50sec max.
2.5
Peak Temperature: 260 230 70sec max.
200 150 100 50
ENVIRONMENTAL SPECIFICATION
a b c d AE-001A Temp. rise 45 max. -40 ----+85 -40 ----+80 260 . 10 secs. Storage temp .
Operating ambient temp . Resistance to solder heat
0
50
100
150 Time ( seconds )
200
250
REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SMD LINE FILTER ELECTRICAL CHARACTERISTICS
Inductance ( uH ) 0.1 V , 100 KHZ L1 , L2 3535% 6035% DC resistance | L1-L2 | N1 , N2 ( ) 4 max. 5 max. 0.035 max. 0.065 max. 0.100 max. 0.150 max. Rated current (A) 2.70 max. 2.00 max. 0.70 max. 0.60 max. 0.40 max. 0.35 max. 600 Vac 60 Hz 3 mA 3 sec. HI-POT test Impedance () ABC'S DWG NO. ABC'S ITEM NO. SF1358L-
PAGE: 2
DWG NO. SF1358350YL - SF1358600YL - SF1358101YL - SF1358251YL - SF1358501YL -
Freq. range ( MHz )
Style B B A A A A
400 min. 5 ~ 250 600 min. 5 ~ 100 300 min. 1 ~ 50 600 min. 1 ~ 40 1200 min. 1 ~ 40 2200 min. 0.5 ~ 10
10035% 15 max. 25035% 25 max.
50035% 35 max.. 0.300 max. 0.400 max.
SF1358102YL - 100035% 45 max. 1). 2)."-
3). Temp. rise : 45
":Reference code
Packaging information ... A Bulk B Taping Reel max. at rated current
4). Test equipment : HP-4284A
IMPEDANCE VS
FREQUENCY
10 5
IMPEDANCE ( K)
6 : SF1358102Y 5 : SF1358501Y 4 : SF1358251Y 3 : SF1358101Y 2 : SF1358600Y 1 : SF1358350Y
1 0.5
6
MEASURING CIRCUIT :
5 4
0.1
3 2 1
0.05
RF IMPEDANCE ANALYZER
0.01 0.1
1
10
100
300
FREQUENCY ( MHz )
AE-001A
REF : PROD. NAME
SPECIFICATION FOR APPROVAL
SMD LINE FILTER PACKAGING INFORMATION
( 1 ) Configuration T
Cover Tape
PAGE: 3
ABC'S DWG NO. ABC'S ITEM NO.
SF1358L-
2.00.5 A N C C
B
G
D
Embossed carrier
Carrier tape width : D P:16 m/m 4 m/m
End
Start
101Y
101Y
101Y
101Y
101Y
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
( 2 ) Dimensions Style 13 - 24 A 330 B 210.8 C 130.5 D 24 G 26 +0 N 50 -0
Unit:m/m T 30.4
( 3 ) Q'TY & G.W. Per package Inner : Reel Series SF1358
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (Kg) Size (cm)
600
700
13 - 24
2,400
6.5
40 x 40 x 24
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SMD LINE FILTER DWGING NUMBER EXPRESSION
ABC'S DWG NO. ABC'S ITEM NO.
SF1358L-
S
F
1
3
5
8 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1
Product Classification L Lead Free Standard products comply with RoHS' requirements Lead Free Special products comply with RoHS' requirements 1~9
Appendix code 2
Package Information
Code A B
Inner package T.B.D. T / R ( Reel package )
Inner package Q'TY T.B.D. 600 pcs
Remark
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SMD LINE FILTER RELIABILITY TEST
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder.
ABC'S DWG NO. ABC'S ITEM NO.
SF1358L-
Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 30%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 30 minutes 852 30 minutes
Humidity Resistance test
Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 1052 Applied current : Per spec. Time : 500 hours
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SMD LINE FILTER
ABC'S DWG NO. ABC'S ITEM NO.
SF1358L-
DWG EXPRESSION
OBMW2 Magnet Wire-Component
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
Mtl Dsg Mark Dsg ____
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
BC
Coat Typ
OC ____
____
Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
ANSI Type
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mtl Dsg
Mark Dsg ____
____ ____ ____ ____ ____
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
BC
Coat Typ
Polyamide ____ ____ ____ Nylon Polyamide
OC
MW80C MW2-C ___ MW75C MW28-C MW28-C
ANSI Type
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 7
SMD LINE FILTER
ABC'S DWG NO. ABC'S ITEM NO.
SF1358L-
QMFZ2 Component - Plastics
Friday , October 24, 2003
E150608
WAH HONG INDUSTRIAL CORP 10TH FL 235 CHUNG CHENG 4TH RD KAOHSIUNG TAIWAN Material Designation: Product Description: Diallyl Phthalate ( DAP ), molding compound, furnished as pellets.
Color
BK BK
Min. Thick. (m/m)
0.37 0.82
Flame Class V-0 V-0 HVTR: 0
HWI HAI 0 2 3 0
x
RTI RTI Elec Imp 130 130 D495: 4 130 130
RTI Str 130 130
IEC GWIT
IEC GWFI
CTI: 0
Dielectric Strength (kV/m/m): ISO Tensile Strength (MPa): ISO Tensile Impact (kJ/m 2): Report Date: 8/18/1998
IEC Ball Pressure (
): -
Volume Resistivity (10 ohm-cm): ISO Flexural Strength (MPa): ISO Izod Impact (kJ/m 2 ): Underwriters Laboratories Inc
R
Dimensional Stability (%): ISO Heat Deflection ( ): ISO Charpy Impact (kJ/m 2): -
UL94 small-scale test data does not pertain to building materials, furnishings and related contents. UL 94 small-scale test data is intended solely for determining the flammability of plastic materials used in components and parts of end-product devices and appliances, where the acceptability of the combination is determined by ULI.
AE-001A


▲Up To Search▲   

 
Price & Availability of SF1358501YL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X