Part Number Hot Search : 
180MW 2SB12U5 55C561D CNR200 PT151S8 PT151S8 PSB21393 10L2I
Product Description
Full Text Search
 

To Download RSH070N05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4V Drive Nch MOSFET
RSH070N05
Structure Silicon N-channel MOSFET Features 1) Built-in G-S Protection Diode. 2) Small Surface Mount Package (SOP8). Application Power switching, DC / DC converter, Inverter
Each lead has same dimensions
Dimensions (Unit : mm)
SOP8
Packaging specifications
Package Type RSH070N05 Code Basic ordering unit (pieces) Taping TB 2500
Inner circuit
(8) (7) (6) (5) (8) (7) (6) (5)
2
1
(2) (3) (4)
(1) (2) (3) (4)
Absolute maximum ratings (Ta=25C)
Parameter Drain-source voltage Gate-source voltage Drain current Source current (Body diode) Continuous Pulsed Continuous Pulsed Symbol VDSS VGSS ID IDP IS ISP PD Tch Tstg
*1
*1 *2
Total power dissipation Chanel temperature Range of Storage temperature
*1 PW10, Duty cycle1 *2 Mounted on a ceramic board
Limits 45 20 7.0 28 1.6 28 2 150 -55 to +150
Unit V V A A A A W
o o
(1)
1 ESD Protection Diode. 2 Body Diode.
(1) (2) (3) (4) (5) (6) (7) (8)
Source Source Source Gate Drain Drain Drain Drain
A protection diode is included between the gate and the source terminals to protect the diode against static electricity when the product is in use.Use a protection circuit when the fixed voltage are exceeded.
C C
Thermal resistance
Parameter Chanel to ambient
* Mounted on a ceramic board
Symbol Rth(ch-a) *
Limits 62.5
Unit
o
C/W
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
1/4
2009.12 - Rev.A
RSH070N05
Electrical characteristics (Ta=25C)
Parameter Symbol Min. - 45 - 1.0 - - - 6.0 - - - - - - - - - - Typ. - - - - 18 23 25 - 1000 230 125 16 27 57 21 12.0 3.0 4.6 Max. 10 - 1 2.5 25 32 35 - - - - - - - - 16.8 - - IGSS Gate-source leakage Drain-source breakdown voltage V(BR) DSS Zero gate voltage drain current IDSS Gate threshold voltage VGS (th) Static drain-source on-state resistance Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
Pulsed
Data Sheet
RDS (on)
Yfs Ciss Coss Crss td (on) tr td (off) tf Qg Qgs Qgd

Unit A V A V m m m S pF pF pF ns ns ns ns nC nC nC
Conditions VGS=20V, VDS=0V ID= 1mA, VGS=0V VDS= 45V, VGS=0V VDS= 10V, ID= 1mA ID=7A, VGS= 10V ID= 7A, VGS= 4.5V ID= 7A, VGS= 4.0V VDS= 10V, ID= 7A VDS= 10V VGS=0V f=1MHz VDD 25V ID= 3.5A VGS= 10V RL=7.1 RG=10 VDD 25V VGS= 5V ID= 7A RL=3.6 RG=10
Body diode characteristics (Source-Drain) (Ta=25C)
Parameter Forward voltage
* pulsed
Symbol VSD *
Min.
Typ.
Max. 1.2
Unit V
Condition IS=1.6A/VGS=0V
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
2/4
2009.12 - Rev.A
RSH070N05
Electrical characteristic curves
10
VDS=10V pulsed Ta=125oC 75oC 25oC -25oC
Data Sheet
1000
Static Drain-Source On-State Resistance RDS(on) [m]
1000
1
100
Static Drain-Source On-State Resistance RDS(on) [m]
VGS=10V pulsed
Drain Current : ID [A]
Ta=125oC 75oC 25oC -25oC
VGS=4.5V pulsed 100
Ta=125oC 75oC 25oC -25oC
0.1
10
10
0.01 1.0
1.5
2.0
2.5
3.0
3.5
Gate-Source Voltage : VGS [V]
1 0.01
0.1
1
10
1 0.01 0.1 1 10 Drain Current : ID [A]
Drain Current : ID [A]
Fig.1 Typical Transfer Characteristics
Fig.2 Static Drain-Source On-State Resistance vs. Drain Current (1)
Fig.3 Static Drain-Source On-State Resistance vs. Drain Current (2)
1000 Static Drain-Source On-State Resistance RDS(on) [m]
Static Drain-Source On-State Resistance RDS(on) [m]
VGS=4V pulsed
Source Current : Is [A]
100
Ta=125oC 75oC 25oC -25oC
100 Ta=25oC pulsed
10 VGS=0V pulsed Ta=125oC 75oC 25oC -25oC
80
1
60 ID=7.0A
10
40
0.1
20 ID=3.5A
1 0.01 0.1 1 10 Drain Current : ID [A]
0 0 5 10 15 20 Gate-Source Voltage : VGS [V]
0.01 0.0
0.5
1.0
1.5
Source-Drain Voltage : VSD [V]
Fig.4 Static Drain-Source On-State Resistance vs. Drain Current (3)
Fig.5 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
10000 10
Fig.6 Source-Current vs. Source-Drain Voltage
10000
Ta=25oC f=1MHz VGS=0V Ciss
Switching Time : t [ns]
1000 tf 100
Ta=25oC VDD=25V VGS=10V
Ta=25oC 9 VDD=25V 8 ID=7A 7 6 5 4 3 2 1 0 0 5 10 15 20 RG=10 Pulsed
1000
Coss 100 Crss
td(off) td(on)
10
tr
10 0.01 0.1 1 10 Drain-Source Voltage : VDS [V] 100
1 0.01 0.1 1 Drain Current : ID [A] 10
Gate-Source Voltage : VGS[V]
Capacitance : C [pF]
RG=10 Pulsed
Total Gate Charge : Qg [nC]
Fig.7 Typical capacitance vs. Source-Drain Voltage
Fig.8 Switching Characteristics
Fig.9 Dynamic Input Characteristics
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
3/4
2009.12 - Rev.A
RSH070N05
Measurement circuits
Pulse Width
Data Sheet
VGS
ID RL D.U.T.
VDS
VGS VDS 50% 10% 10%
90%
50% 10%
RG VDD
td(on) ton 90% tr td(off) toff 90% tr
Fig.10 Switching Time Test Circuit
Fig.11 Switching Time Waveforms
VG
VGS ID RL IG (Const.) D.U.T. RG VDD VDS
Qg VGS Qgs Qgd
Charge
Fig.12 Gate Charge Test Circuit
Fig.13 Gate Charge Waveform
www.rohm.com
c 2009 ROHM Co., Ltd. All rights reserved.
4/4
2009.12 - Rev.A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of RSH070N05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X