Part Number Hot Search : 
1N4758 DZ12V SA8803 UP6018 X222M SK210 ADM800L 50N06
Product Description
Full Text Search
 

To Download RS407L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS401L THRU RS407L
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen-free.
RS-4L
FEATURES
.580(14.7) .540(13.7)
. Surge Overload rating - 125 amperes peak . Ideal for printed circuit board . Plastic material has underwrites laboratory . Polarity: marked on body . Mounting position: Any . Weight: 4.8 grams
Flammability classification 94V-0
+
-
.640(16.3) .600(15.2)
.052(1.3) .048(1.2) DIA. .083 (2.1)
.750 MIN. (19.0)
.220(5.6) S P AC ING .180(4.6) .256(6.5) .236(6.0) .768(19.5) .728(18.5)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, For capacitive load, derate current by 20%.
O
TYPE NUMBER RS401L Maximum Recurrent Peak Reverse Voltage 50 Working Peak Reverse Voltage 35 Maximum DC Blocking Voltage 50 Maximum Average Forward Output Current at TA = 50 ( Note 1 ) Peak Forward Surge Current, 8.3 ms single half Sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Element at 2.0A Peak Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage and TA = 150 Operating and Storage Temperature Range TJ, TSTG Note: 1. Mounting conditions, 0.5" lead length maximum.
RS402L 100 70 100
RS403L 200 140 200
RS404L 400 280 400 4.0 125 1.1 10.0 1.0 -55 ~ +150
RS405L 600 420 600
RS406L 800 560 800
RS407L 1000 700 1000
UNITS V V V A A V A mA
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 1 of 2
RS401L THRU RS407L
Elektronische Bauelemente VOLTAGE 50V ~ 1000V 4.0 AMP Glass Passivated Bridge Rectifiers
RATING AND CHARACTERISTIC CURVES ( RS401L THRU RS407L )
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
6 5 4 3 2 1 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
250
AVERAGE FORWARD CURRENT,(A)
200
150
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
100
50
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, ( A)
10
10 3.0 1.0
Tj=100 C
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)
http://www.SeCoSGmbH.com/ 01-Jun-2002 Rev. A
Any changing of specification will not be informed individual Page 2 of 2


▲Up To Search▲   

 
Price & Availability of RS407L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X