Part Number Hot Search : 
1502B IRG4BC 045STRL SP486ECP MP6TP AN731 BA7795LS L1050
Product Description
Full Text Search
 

To Download RN73N2X1001B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RR series, ultra-precision metal film chip resistors
Available for resistance tolerance of +/-0.1%, thermal coefficient of resistance of +/-5ppm/degree C Our SMD components contribute to lead-free composition of electronic products.
SPECIFICATIONS Mechanical
Dimension (mm) L W P T RR0816 (0603) 1.60 0.80 0.30 0.40 0.20 0.20 0.20 0.10 RR1220 (RN73) (0805) 2.00 0.20 1.25 0.20 0.40 0.20 0.40 0.10 RR1632 (1206) 3.20 1.60 0.50 0.40 0.20 0.20 0.20 0.10 RR2632 (1210) 3.20 2.60 0.50 0.40 0.20 0.20 0.20 0.10
W P L T
Equivalent circuit
Electrical
Type Power Resistance Tolerance (code) Resistance Range(ohm) Temperature Coefficient of Resistance ppm / C(code) Resistance Value
RR0816 1/16W 0.1% (B) 25 (P)
RN73 1/10W 0.1% (B) 5 (V) 0.5% (D) 10 (N) E 24/E 96 100V 1,000*5,000* 10,000pcs/reel
RR1220 0.1% (B) 25 (P) 5 (V)
RR1632 1/8W 0.1% (B) 10 (N) E 24/E 96 150V 1,000*5,000pcs/reel 25 (P) 5 (V)
RR2632 1/4W
100 332K 511 100K 100 100K 100 1M 100 200K 100 200K 51 1M 100 330K 100 330K 51 2M 10 (N) E 24/E 96 200V 1,000*5,000pcs/reel 25 (P)
E 24/E 96 75V Maximum Operating Voltage
Package
1,000* 5,000pcs/reel
1,000*5,000 pcs/reel
*RR1632 and RR2632 with resistance value less than 50 ohm are also available. *RR0510 type with resistance tolerance +/-0.1% is also available.
PART NUMBER
RR 0816 P - 102 - B (-T1)
Quantity in a tape:T1(1000pcs),T5(5000pcs),T10(10000pcs) Resistance Tolerance Resistance (The resistance values of RR1632 and RR2632 are expressed in four-digit figures.) Power Rating Temperature Coefficient of Resistance Dimensions Part Code
RN73 N 2X 1001 B (-T1)
susumu group catalog
7


▲Up To Search▲   

 
Price & Availability of RN73N2X1001B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X