Part Number Hot Search : 
1N5386 0NPBF IRFU410 RODUC MJE210T S6031 TMP90 SC2001
Product Description
Full Text Search
 

To Download RGT2-30001002G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thick Film Temperature Compensation Resistor
RGT Series
* Superior linearity * Stable thick-film technology * Negative temperature coefficient * Effective compensation for positive TC devices, semiconductors, and copper
Tin-lead electroplated copper leads
Exclusive thick film process results in a very linear, negative, 3000 ppm/C resistance temperature characteristic
Heat conducting ceramic substrate
Digital Marking
High conductivity plate-on nickel termination
Specifications
Temperature Coefficient -0.30%/C (minus
3000 ppm/C @ 25C)
Resistance Ratio R25C/R125C = 1.37 High Temp Stability 2000 hours @ 175C, <0.5%R
Linearity <1.2% deviation per 100C
(typical over range from -55C to 140C)
Standard Resistance Values 740, 1K and 10K. Others available
Std. Resistance Tol. @ 25C 2%, 5%, 10%
Operating Temperature Range
Time Constraints 7.4 sec for RGT-1, 2.9 sec. for RGT-2
(time to achieve 63.2% of an applied step-change in temperature in still air)
Dissipation Constants 8.1mW/C for RGT-1, 4.7mWC for RGT-2
(power required to raise sensor temperature 1C in a still air ambient of 25C)
Element
-55C to + 175C
fused thick-film composition
Substrate solid-core alumina ceramic
Lead Pull
Resistance to Soldering Heat MIL-STD-202E, Method 210A, cond. A, <0.5%R
Marking Resistance to Solvents MIL-STD-202, Method 215
Lead Solderability MIL-STD-202, Method 208
5 lbs for 5 sec.
Applications
Compensates transistors, diodes, sensors, transducers, hall devices, microprocessors, and strain gauges. Proven in automotive under-hood use.
Curve Tolerances ()
Temperature -55C -15C 0C 25C 50C 75C 100C 125C 150C 175C -67F +9F +32F 77F 122F 167F 212F 257F 302F 347F G Tol. 7% 4.5% 3.6% 2% 2.5% 3.0% 3.5% 4.0% 4.5% 5.0% J Tol. 10% 7.5% 6.6% 5% 5.5% 6.0% 6.5% 7.0% 7.5% 8.0% K Tol. 15% 12.5% 11.6% 10% 10.5% 11.0% 11.5% 12.0% 12.5% 13.0%
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc RGT Series Issue December 2008 Sheet 1 of 3
Thick Film Temperature Compensation Resistor
Resistance vs. Temperature
C -60 -40 -30 -20 -10 0 +10 +20 +25 +30 F -76 -40 -22 -4 +14 +32 +50 +68 +77 +86 R in s* 1285.2 1208.5 1173.4 1139.3 1106.3 1074.6 1044.1 1014.6 1000.0 985.5 C +40 +50 +60 +70 +75 +80 +90 +100 +110 +120 F +104 +122 +140 +158 +167 +176 +194 +212 +230 +248 R in s* 956.7 928.2 900.2 872.3 858.7 845.2 818.8 793.2 768.5 745.1 C +125 +130 +140 +150 +160 +170 +180 +230 F +257 +266 +284 +302 +320 +338 +356 +446 R in s* 734.0 723.2 703.7 685.8 669.3 653.8 639.7 582.9
*Based on actual measurements of resistors that were 1000 ohms at 25C.
Physical Data
LL
BL
LD BD
Dimensions (Inches and (mm)) IRC Type BL (Body Length) 0.150 (3.81) 0.250 (6.35) BD (Body Diameter) 0.066 (1.70) 0.090 (2.29) LD (Lead Diameter) 0.016 (0.41) 0.025 (0.64) LL (Lead Length) 1.0 (25.4) 1.5 (38.1)
RGT-2
RGT-1
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RGT Series Issue December 2008 Sheet 2 of 3
Thick Film Temperature Compensation Resistor
Linearity
Resistance Ratio - RT/RT25 1.6 1.4 1.2 1.0 .8 .6 -50 0 50 100 150 200
Ordering Data
Sample Part No. IRC Type Size RGT 2 -3000 1002 G
2 sizes available
TCR
(-3000 ppm)
Resistance Value Tolerance
G = 2%, J = 5%, K = 10%)
Temperature (C)
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
RGT Series Issue December 2008 Sheet 3 of 3


▲Up To Search▲   

 
Price & Availability of RGT2-30001002G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X