Part Number Hot Search : 
20030 21CX14 MAX9118 D70N2L SEL1713K HT1016 MS2341 CMBA847
Product Description
Full Text Search
 

To Download PFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9
DIN Rail Mounting Track
PFP
Consolidate Mounting of Controls for Orderly Cabinet Installations 1 Many Omron sockets, relays terminal blocks, controllers, amplifiers and power supplies
have built-in mounting clips to grip DIN rail track
1 Rugged anodized aluminum track
Ordering Information
Description DIN rail track, 7.3 mm (0.29 in) depth; 50 cm (1.64 ft) length DIN rail track, 7.3 mm (0.29 in) depth; 1 m (3.28 ft) length DIN rail track, 16 mm depth (0.63 in); 1 m (3.28 ft) length End plate Spacer Part number PFP-50N PFP-100N PFP-100N2 PFP-M PFP-S
Dimensions
Unit: mm (inch)
3 DIN RAIL MOUNTING TRACK
Mounting Track
PFP-100N PFP-50N PFP-100N2
7.3.0.15 (0.29) 4.5 35.0.3 15 25 25 25 25 10 10 1,000 (39.37) for PFP--100N 500 (19.69) for PFP--50N 15 (5)* 27.0.15 1 15 25 10 25 25 1,000 (39.37) 10 25 15 4.5 35.0.3 27 24 1
16 (0.63)
29.2 1.5
End Plates
PFP-M
M4 spring washer 10 6.2
Spacers
PFP-S
5 1.8 16 12
1 50 35.5 35.3 1.8 44.3 34.8
11.5 10 M4 x 8 pan head screw
1.3 4.8 16.5
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
9
OMRON ELECTRONICS, INC.
One East Commerce Drive Schaumburg, IL 60173
OMRON CANADA, INC.
885 Milner Avenue Scarborough, Ontario M1B 5V8
1-800-55-OMRON
Cat. No. GC RIO-1 04/00 Specifications subject to change without notice.
416-286-6465
Printed in U.S.A.


▲Up To Search▲   

 
Price & Availability of PFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X