Part Number Hot Search : 
1N5554 74LCX T74FC 133BGX 150M16V1 LXT304A CDZFH36B ZR36055
Product Description
Full Text Search
 

To Download PCI-1603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCI-1601 PCI-1602 PCI-1603
2-port RS-422/485 PCI Communication Card 2-port RS-422/485 PCI Communication Card with Isolation Protection 2-port RS-232 Current-loop PCI Communication Card with Isolation Protection
Features
PCI bus 2.2 compliant Transmission Speed: PCI-1601/PCI-1602: up tp 921.6 kbps PCI-1603: RS-232: up to 230.4 kbps Current-loop: 57.6 kbps 2-port RS-422/485 interface (PCI-1601/PCI-1602) 2 independent RS-232 or Current-loop serial ports (PCI-1603) I/O address automatically assigned by PCI Plug & Play OS support: Windows(R) 98/ME/2000/XP/XP Embedded/Vista, Windows CE 5.0/6.0, Linux Optional EFT protection Optional isolation protection for RS-422/485 Interrupt status register for increased performance Space reserved for termination resistors Automatic RS-485 data flow control (PCI-1601/PCI-1602) Each port can be individually configured to RS-232 or current-loop (PCI-1603) Powerful and easy-to use utility (ICOM Tools) 16PCI952 FIFO UART (128-byte FIFO)
PCI-1602
PCI-1603
RoHS
2002/95/EC
COMPLIANT
Introduction
PCI-1601 and PCI-1602 are 2 port RS-422/485 PCI communication cards that are compatible with the PCI 2.1 bus specification. Both cards provide two optional isolated and EFT protected RS-422/485 ports, and come with features such as: high transmission speed of 921.6 kbps, optional EFT & isolation protection, windows utility software and more. The cards also come with high-performance 16PCI952 UART with a 128-byte FIFO to reduce CPU load. This makes the PCI-1601 and PCI-1602 especially suitable for multitasking environments. PCI-1602 is available with 3,000 VDC optical isolation to protect your PC and equipment against damages from ground loops in harsh environments. To further increase reliability, both boards has EFT protection technology, protecting your system from abrupt high voltages up to 2,500 VDC (PCI-1601B and PCI-1602B). Besides, Advantech also provides a convenient utility program called ICOM Tools, to help test the PCI card performance by analyzing the port status. PCI-1603 offers a versatile range of high-speed interfacing options. You can switch its ports between the popular RS-232 or noise-resistant current-loop. The card utilizes 16PCI952 UARTs with 128-byte FIFO buffer for faster and more reliable communication, especially under multi-tasking environments such as Windows operating systems. The card utilizes 16PCI952 UART that buffers data into packets before sending it to the bus. This drastically reduces CPU load and avoids data loss when the system is busy and cannot process an interrupt quickly. These FIFO buffers make the PCI-1603 especially suitable for high speed serial I/O under Windows.
Specifications
General
Bus Type Certifications Connectors Dimensions Power Consumption PCI-1601 PCI-1602/PCI-1603 Baud-rate Current Value Mode Signal Driver/Receiver Signals Transmission Distance PCI V 2.2 CE, FCC class A 2 x DB9-M 123 x 92 mm (4.8" x 3.6") Typical Max 220 mA (+5 V) 270 mA (+5 V) 250 mA (+5 V) 300 mA (+5 V) Parity Speed Stop Bits None, even, odd PCI-1601/PCI-1602: 50bps ~ 921.6 kbps PCI-1603: RS-232: 50bps ~ 230.4 kbps Current-loop: 57.6 kbps 1, 1.5, 2
Protection
ESD Protection Isolation Protection EFT Protection 16 kV 3,000 VDC (PCI-1602A/B and PCI-1603 for RS-232/ current-loop) 2,500 VDC (PCI-1601B/PCI-1602B only) ICOM Tools Windows 98/ME/2000/XP/XP Embedded, Windows CE 5.0/6.0, Linux
Current-loop Interface (PCI-1603)
50 ~ 57600 bps 20 mA (Standard) Asynchronous, full duplex 6N136 TxD+, TxD-, RxD+, RxD1000 m
Software
Bundled Software OS Support
Communications
Communications Controller Data Bits Data Signals 16PCI952 5, 6, 7, 8 RS-422: Tx+, Tx-, Rx+, Rx-, RTS+, RTS-, CTS+, CTS-, GND RS-485: Data+, Data-, GND RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, RI, GND Current Loop: Tx+, Tx-, Rx+, Rx128 bytes RTS/CTS. Xon/Xoff Assigned by Plug & Play
Environment
Humidity (Operating) 5 ~ 95 % RH, non-condensing (refer to IEC 68-2-3) Operating Temperature 0 ~ 65 C (refer to IEC 68-2-1, 2) (32 ~ 149 F) Storage Temperature -25 ~ 85 C (-13 ~ 185 F)
Ordering Information
PCI-1601A PCI-1601B PCI-1602A PCI-1602B PCI-1603 2-port RS-422/485 PCI Comm Card 2-port RS-422/485 PCI Comm Card w/EFT 2-port RS-422/485 PCI Comm Card w/Iso 2-port RS-422/485 PCI Comm Card w/Iso and EFT 2-port Iso RS-232/current-loop PCI Comm Card
FIFO Flow Control IRQ
Serial Communication Cards


▲Up To Search▲   

 
Price & Availability of PCI-1603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X