Part Number Hot Search : 
Z90351 74F3037N LZ2353 VND830 46683C A1702 MN82832 IV1205SA
Product Description
Full Text Search
 

To Download PCI-1602UP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2-port RS-422/485 Low-Profile PCI Communication PCI-1602UP Card with Isolation and EFT Surge Protection 2-port RS-232 Low-Profile PCI Communication PCI-1604UP Card with EFT Surge Protection Low-Profile Universal PCI PCI-1610UP/AUP 4-port RS-232 with EFT Surge ProtectionCommunication Card
Features
PCI bus specification 2.2 compliant Speeds up to 921.6 kbps 2-port RS-232 (PCI-1604UP); 2-port RS-422/485 (PCI-1602UP); 4-port RS-232 (PCI-1610UP) I/O address automatically assigned by PCI Plug & Play OS support: Windows(R) 98/ME/2000/XP, XP Embedded, Linux 2,500VDC EFT Surge Protection 2,500VDC Isolation protection for RS-422/485 (PCI-1602UP) Interrupt status register for increased performance Space reserved for termination resistors (PCI-1602UP) Automatic RS-485 data flow control (PCI-1602UP) Powerful and easy-to-use utility (ICOM Tools) Universal and Low-profile PCI (Supports 3.3 V or 5 V PCI bus signal)
PCI-1602UP
PCI-1604UP
Introduction
These RS-232/422/485 PCI communication cards are compatible with the PCI 2.2 bus specification for universal connectivity and low profile PCI cards. PCI-1604UP provides two independent RS-232 ports, while PCI-1602UP has two RS-422/485 ports. PCI-1610UP and PCI-1610AUP provide 4 RS-232 ports.To improve system performance, all cards allow transmission rates up to 921.6 kbps. To increase reliability, the cards offer EFT surge protection, protecting your system from abrupt high voltages up to 2,500 VDC. High-performance 16PCI952 and 16PCI954 UARTs with 128-byte FIFO, reduces the CPU load, making the cards especially suitable for multitasking environments. The cards follow the Low Profile PCI MD1 standard. This standard has the same protocol and electronic definition as standard PCI, but the Low Profile PCI standard is smaller. Thus, the cards are suitable for embedded systems, and size-constrained environments. Moreover, all cards are equipped with an universal PCI connector, which allows support for traditional systems with 5 V signaling or newer systems with 3.3 V signaling.
Specifications
General
Bus Type Certifications Connectors Dimensions Power Consumption Power Requirement Universal PCI V 2.2 CE, FCC class A PCI-1610UP: 1 x Female DB44 PCI-1602UP and PCI-1604UP: 1 x Female DB25 119.91 x 64.41 mm (4.7" x 2.5") (Low profile MD1) 5 V @ 400 mA (Max.) 5V PCI-1602UP, PCI-1604UP: 16PCI952 PCI-1610UP: 16PCI954 5, 6, 7, 8 RS-232: TxD, RxD, RTS, CTS, DTR, DSR, DCD, GND, RI RS-422: Tx+, Tx-, Rx+, Rx-, RTS+, RTS-, CTS+, CTS-, GND RS-485: Data+, Data-, GND 128 bytes CTS/RTS, Xon/Xoff Assigned by Plug & Play None, even, odd 50 bps ~ 921.6 kbps 1, 1.5, 2
Protection
ESD Protection Isolation Protection EFT Surge Protection 16 kV 2,500 VDC (PCI-1602UP) 2,500 VDC (PCI-1602UP, PCI-1604UP, PCI-1610UP) ICOM Tools Windows 98/ME/2000/XP/XP Embedded, Linux
Software
Bundled Software Driver Support
Communications
Communication Controller Data Bits Data Signals
Environment
Humidity (Operating) 5 ~ 95 % RH, non-condensing (refer to IEC 68-2-3) Operating Temperature 0 ~ 65 C (refer to IEC 68-2-1, 2) (32 ~ 149 F) Storage Temperature -25 ~ 85 C (-13 ~ 185 F)
Ordering Information
PCI-1602UP PCI-1604UP 2-port RS-422/485 Low-Profile Universal PCI COMM Card, w/Isolation and EFT Surge Protection (30 cm DB25 to 2DB9 cable included) 2-port RS-232 Low-Profile Universal PCI COMM Card, w/EFT Surge Protection (30 cm DB25 to 2DB9 cable included) 4-port RS-232 Low-Profile Universal PCI COMM Card, w/EFT Surge Protection (30 cm DB44 to 4DB9 cable included) 4-port RS-232 Low-Profile Universal PCI COMM Card, (30cm DB44 to 4 DB9 cable included)

FIFO Flow Control IRQ Parity Speed Stop Bits
PCI-1610UP
PCI-1610AUP
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCI-1602UP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X