Part Number Hot Search : 
AD7817AR 2SJ604 B2300 PCL6045 MAX6855 DS1831D T1637 MRF5943
Product Description
Full Text Search
 

To Download OSR5SS5A31A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5mm Round Flashing Red LED OSR5SS5A31A
Features
High Luminous LEDs 5mm Round Standard Directivity Superior Weather-resistance Flashing Type Water Clear Type
Outline Dimension
Applications
Toys Games Audio Other Lighting
Absolute
Maximum Rating
Item Symbol
Fled Voltage Topr Tstg Tsol
(Ta=25
Value
1.8 4.5 -30 ~ +85 -40~ +100 260 /5sec
Directivity
Unit
Hz V
Oscillator Frequency Power Supply Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Electrical
Duty ratio max 1/10
-Optical Characteristics
Symbol
Vdd IR D Iv 21/2
(Ta=25
Min.
3.0 620 -
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
3.3 625 2500 30
Max.
4.5 10 630 V A nm mcd deg
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5SS5A31A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X