Part Number Hot Search : 
2SC4403 BC847A XXXGX 1N4688 LTS367HR FS782 20100CT TPL10215
Product Description
Full Text Search
 

To Download OSR5SS3131A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3mm Flashing Red LED OSR5SS3131A
Features
High Luminous LEDs 3mm Standard Directivity Superior Weather-resistance Flashing Type Water Clear Type
Outline Dimension
Applications
Toys Games Audio Other Lighting
Absolute
Maximum Rating
Item Symbol
Fled Voltage Topr Tstg Tsol
(Ta=25
Value
1.8 4.5 -30 ~ +85 -40~ +100 260 /5sec
Directivity
Unit
Hz V
Oscillator Frequency Power Supply Operating Temperature Storage Temperature Lead Soldering Temperature *Pulse width Max.10ms Electrical
Duty ratio max 1/10
-Optical Characteristics
Symbol
Vdd IR D Iv 21/2
(Ta=25
Min.
3.0 620 -
Item
DC Forward Voltage DC Reverse Current Domi. Wavelength* Luminous Intensity* 50% Power Angle
Condition
IF=20mA VR=5V IF=20mA IF=20mA IF=20mA
Typ.
3.3 625 2000 30
Max.
4.5 10 630 V A nm mcd deg
LED & Application Technologies
VER A.0


▲Up To Search▲   

 
Price & Availability of OSR5SS3131A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X